Part Number Hot Search : 
OM5234ST KFO90FT 66400 15KE22CA LN21R 2N6581 KBJ1001 15004
Product Description
Full Text Search
 

To Download STD10P6F6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is preliminary information on a new product now in development or undergoing evaluation. details are subject to change without notice. june 2012 doc id 022967 rev 2 1/15 15 STD10P6F6, stp10p6f6 p-channel 60 v, 0.15 typ., 10 a stripfet? vi deepgate? power mosfet in dpak and to-220 packages datasheet ? preliminary data features r ds(on) * q g industry benchmark extremely low on-resistance r ds(on) high avalanche ruggedness low gate drive power losses applications switching applications description these devices are p-channel power mosfets developed using the 6 th generation of stripfet? deepgate? technology, with a new gate structure. the resulting power mosfets exhibits the lowest r ds(on) in all packages. figure 1. internal schematic diagram note: for the p-channel power mosfet the actual polarity of the voltages and the current must be reversed. order codes v dss r ds(on) max i d STD10P6F6 60 v 0.18 10 a stp10p6f6 60 v 0.18 10 a dpak 1 3 1 2 3 to-220 am1125 8 v1 table 1. device summary order codes marking package packaging STD10P6F6 10p6f6 dpak tape and reel stp10p6f6 10p6f6 to-220 tube www.st.com
contents STD10P6F6, stp10p6f6 2/15 doc id 022967 rev 2 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
STD10P6F6, stp10p6f6 electrical ratings doc id 022967 rev 2 3/15 1 electrical ratings warning: for the p-channel power mosfet the actual polarity of the voltages and the current must be reversed. table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage 60 v v gs gate-source voltage 20 v i d (1) 1. limited by wire bonding drain current (continuous) at t c = 25 c 10 a i d drain current (continuous) at t c = 100 c 7.2 a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 40 a p tot total dissipation at t c = 25 c 35 w derating factor 0.23 w/c t stg storage temperature -55 to 175 c t j max. operating junction temperature 175 c table 3. thermal data symbol parameter value unit dpak to-220 r thj-case thermal resistance junction-case max 4.29 c/w r thj-amb thermal resistance junction-ambient max 100 62.5 c/w t l maximum lead temperature for soldering purpose 275 300 c
electrical characteristics STD10P6F6, stp10p6f6 4/15 doc id 022967 rev 2 2 electrical characteristics (t case = 25 c unless otherwise specified) warning: for the p-channel power mosfet the actual polarity of the voltages and the current must be reversed. table 4. static symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 60 v i dss zero gate voltage drain current (v gs = 0) v ds = 60 v v ds = 60 v, tc = 125 c 1 10 a a i gss gate body leakage current (v ds = 0) v gs = 20 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 2 4 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 5 a 0.15 0.18 table 5. dynamic symbol parameter test conditions min typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 48 v, f=1 mhz, v gs = 0 - 360 55 28 - pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 48v, i d = 10 a v gs = 10 v figure 3 - 7 1.4 2 - nc nc nc
STD10P6F6, stp10p6f6 electrical characteristics doc id 022967 rev 2 5/15 warning: for the p-channel power mosfet the actual polarity of the voltages and the current must be reversed. table 6. switching on/off (inductive load) symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 48 v, i d = 5 a, r g = 4.7 , v gs = 10 v figure 2 - 7.5 7 - ns ns t d(off) t f turn-off delay time fall time - 16.5 10 - ns ns table 7. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area. source-drain current source-drain current (pulsed) - 10 40 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5% forward on voltage i sd = 5 a, v gs = 0 - 1.1 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 10 a, di/dt = 100 a/s, v dd = 48 v figure 4 - 28 28 2 ns nc a
test circuits STD10P6F6, stp10p6f6 6/15 doc id 022967 rev 2 3 test circuits figure 2. switching times test circuit for resistive load figure 3. gate charge test circuit figure 4. test circuit for diode recovery behaviour am11255v1 am11256v1 am11257v1
STD10P6F6, stp10p6f6 package mechanical data doc id 022967 rev 2 7/15 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark.
package mechanical data STD10P6F6, stp10p6f6 8/15 doc id 022967 rev 2 table 8. dpak (to-252) mechanical data dim. mm min. typ. max. a2.20 2.40 a1 0.90 1.10 a2 0.03 0.23 b0.64 0.90 b4 5.20 5.40 c0.45 0.60 c2 0.48 0.60 d6.00 6.20 d1 5.10 e6.40 6.60 e1 4.70 e2.28 e1 4.40 4.60 h 9.35 10.10 l1 1.50 l1 2.80 l2 0.80 l4 0.60 1 r0.20 v2 0 8
STD10P6F6, stp10p6f6 package mechanical data doc id 022967 rev 2 9/15 figure 5. dpak (to-252) drawing figure 6. dpak footprint (a) a. all dimensions are in millimeters 006 8 772_h 6.7 1.6 1.6 2. 3 2. 3 6.7 1. 8 3 am0 88 50v1
package mechanical data STD10P6F6, stp10p6f6 10/15 doc id 022967 rev 2 table 9. to-220 type a mechanical data dim. mm min. typ. max. a4.40 4.60 b0.61 0.88 b1 1.14 1.70 c0.48 0.70 d 15.25 15.75 d1 1.27 e 10 10.40 e2.40 2.70 e1 4.95 5.15 f1.23 1.32 h1 6.20 6.60 j1 2.40 2.72 l13 14 l1 3.50 3.93 l20 16.40 l30 28.90 ? p3.75 3.85 q2.65 2.95
STD10P6F6, stp10p6f6 package mechanical data doc id 022967 rev 2 11/15 figure 7. to-220 type a drawing 00159 88 _typea_rev_ s
packaging mechanical data STD10P6F6, stp10p6f6 12/15 doc id 022967 rev 2 5 packaging mechanical data table 10. dpak (to-252) tape and reel mechanical data tape reel dim. mm dim. mm min. max. min. max. a0 6.8 7 a 330 b0 10.4 10.6 b 1.5 b1 12.1 c 12.8 13.2 d 1.5 1.6 d 20.2 d1 1.5 g 16.4 18.4 e 1.65 1.85 n 50 f 7.4 7.6 t 22.4 k0 2.55 2.75 p0 3.9 4.1 base qty. 2500 p1 7.9 8.1 bulk qty. 2500 p2 1.9 2.1 r40 t 0.25 0.35 w 15.7 16.3
STD10P6F6, stp10p6f6 packaging mechanical data doc id 022967 rev 2 13/15 figure 8. tape for dpak (to-252) figure 9. reel for dpak (to-252) p1 a0 d1 p0 f w e d b0 k0 t u s er direction of feed p2 10 pitche s c u m u l a tive toler a nce on t a pe +/- 0.2 mm u s er direction of feed r bending r a di us b1 for m a chine ref. only incl u ding dr a ft a nd r a dii concentric a ro u nd b0 am0 88 52v1 top cover t a pe a d b f u ll r a di us g me asu red a t h ub c n reel dimen s ion s 40mm min. acce ss hole at s lot loc a tion t t a pe s lot in core for t a pe s t a rt 25 mm min. width am0 88 51v2
revision history STD10P6F6, stp10p6f6 14/15 doc id 022967 rev 2 6 revision history table 11. document revision history date revision changes 10-may-2012 1 first release. 20-jun-2012 2 updated title on the coverpage. updated all parameter values in table 5 , ta bl e 6 and figure 1 .
STD10P6F6, stp10p6f6 doc id 022967 rev 2 15/15 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STD10P6F6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X