Part Number Hot Search : 
SBA02 ADC910 M54HC07 MCR18 ADC910 04009 ADCMP6 LC503
Product Description
Full Text Search
 

To Download SM580B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guardring for over voltage protection * high temperature soldering guaranteed: 260 c/10 seconds at terminals mechanical data case : jedec do-214aa / smb molded plastic over glass die terminals : plated axial leads, solderable per mil-std-750, method 2026we declare that the material of product compliance polarity : color band denotes cathode endwith rohs requirements mounting position : any weight : 0.098 g handling precautin :none electrical characteristic 1.maximum ratings & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. symbol sm520bsm530bsm540bsm550bsm560bSM580Bsm5100b unit sm520bsm530bsm540bsm550bsm560bSM580Bsm5100b v rrm 203040506080100v v rsm 14212835425670v v dc 203040506080100v if(av) a i fsm a r ja c/w tj, tstg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. symbol sm520bsm530bsm540bsm550bsm560bSM580Bsm5100b unit v f v irma cjpf notes: 1. thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, p.c.b. mounted C 40 to +150 0.500.700.85 0.5 10.0 maximum repetitive peak reverse voltage maximum rsm voltage maximum dc blocking voltage maximum average forward rectified current 0.375" (9.5mm) lead length (see fig. 1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 1) operating junction and storage temperature range sm520b thru sm5100b 5.0 100 50 110 schottky barrier rectifiers reverse voltage 20 to100v forward current 5.0a parameter symbol device marking code parameter symbol maximum dc reverse current ta = 25 c at rated dc blocking voltage ta = 100 c maximum instantaneous forward voltage at 5.0a typical junction capacitance at 4.0v, 1mhz
2.ratings and characteristic curves ( ta = 25 c unless otherwise noted ) sm520b thru sm5100b fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics fig 6. C typical junction capacitance a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) 0 25 50 75 100 125 150 175 5.0 2.5 0 60 hz resistive or inductive load ambient temperature, c i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) 0.2 0.4 0.6 0.8 1.0 1.2 10 1.0 0.1 0.01 100 tj = 25 c pulse width = 300 s 1% duty cycle instantaneous forward voltage (v) 0.001 i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) 0 20 40 60 80 100 10 1.0 0.1 0.01 percent of rated peak reverse voltage (%) tj=125 tj=75 tj=25 j u n c t i o n c a p a c i t a n c e ( p f ) 0.1 1 10 100 1000 100 10 tj = 25 c f = 1.0 mhz vsig = 50mvp-p reverse voltage (v) p e a k f o r w a r d s u r g e c u r r e n t ( a ) 1 10 100 100 50 0 tj = tj max 8.3ms single half sine-wave (jedec method) number of cycles at 60hz fig 5. C typical transient thermal impedance t r a n s i e n t t h e r m a l i m p e d a n c e ( c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec
3. dimension: sm520b thru sm5100b
titile: 1.1 ? reel a. ? reel spec mm abcw 177.0 2.054.0 0.513.0 0.513.2 0.2 330.0 2.075.0 0.513.0 0.513.2 0.2 330.0 2.075.0 0.513.0 0.513.5 0.5 330.0 2.075.0 0.513.0 0.517.0 0.5 b. 13" ? inner box mm abc ? 335 5.0335 2.040 1.0 ?? ? ?? quantity ? 10k 6k 6k smb13" smc13" ? 2k 5k 3k 3k sma13" sma 7" sma13" smc13" smb13" ?? wi-258 ? smd ??Z 3 0 ? 2 ? smd ??e????? packaging specification of smd general packaging materials spec. and quantity
titile: c. 7" ? box mm abc ? 188 2.0188 2.0138 2.0 ?? ? ?? quantity 7" d. reel carton mm abc ? 350 2.0340 2.0350 2.0 ?? ? ?? ? 80k 80k 48k 36k 1.2 tape spec a. cover tape mm a sma smb smc13.30 0.10 smb13" smc13" 9.30 0.10 0.068 0.005 b packaging specification of smd 3 ? 16k ? sma 7" sma13" ?? wi-258 ? smd ??Z ?? wi-258
titile: b. sma smb smc w12 0.3 12 0.3 16 0.3 p14 0.1 8 0.1 8 0.1 e1.75 0.1 1.75 0.1 1.75 0.1 f5.5 .05 5.5 0.05 7.5 .05 d01.55 0.05 1.55 0.05 1.55 0.05 d11.5 0.1 1.55 0.05 1.55 0.05 p04 0.1 4 0.1 4 0.1 p22 0.05 2 0.05 2 0.05 10p040 0.2 40 0.2 40 0.2 a02.79 0.1 3.8 0.1 6.05 0.1 b05.33 0.1 5.4 0.1 8.31 0.1 k02.36 0.1 2.45 0.1 2.54 0.1 t0.25 0.05 0.25 0.05 0.25 0.05 2 smd ??e?Z general spec of smd 5.2.1 ?? domestic a. 7" reel ??? all the label on cathode side a : lrc ? ; b : rohs ? c : ? hf label b. 13" ??? all the label on cathode side ? hf only a : lrc ? ; b : rohs ? c : ? ? hf only 4 ? ? smd ??Z 3 0 ? ?? wi-258 packaging specification of smd a a a k o sec.:a-a' ao p2 p1 a do w e f a' b po b' b o sec.:b-b' t d1 c c c c
titile: c. ? ? label spec lrc ? label rohs ? ? hf label ??? all the label on cathode side overseas 13" ? inner box a : lrc ? ; b : rohs ? c : ? hf label ? hf only 5 ? 7" ? inner box packaging specification of smd ?? wi-258 ? smd ??Z 3 0 ? 2.2 ? a a ****** ****** ****** ****** lrc ? type ? quantity ? date ? lot green c c c
titile: lrc ? label rohs ? ? hf label ? note: 1. 13" ?? ? , ? ? ;13"reel inner box must be packed by shrink film 2. ?? ? , ? ? ; every tape after packing must be fixed by white adhesive tape 3.1 ? l testing report of the oqc ?? ? l every lot must with test report 3.2 ? ? ? ?? ? ? ? ?? ? ? the same coding is only one ending for each batch box materials for the mantissa to be good filled with cushioning material. mark:****** q'ty:****** ?? wi-258 ? smd ??Z 3 0 ? 6 ? date:****** type:****** packaging specification of smd lrc ? ? ? ? green
4. update record 1 ??? sm520b thru sm5100b ?? 2011-3-4


▲Up To Search▲   

 
Price & Availability of SM580B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X