|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
vishay siliconix SI8469DB document number: 67091 s10-2539-rev. a, 08-nov-10 www.vishay.com 1 p-channel 8 v (d-s) mosfet features ? halogen-free according to iec 61249-2-21 definition ? trenchfet ? power mosfet ? ultra-small 1 mm x 1 mm maximum outline ? ultra-thin 0.548 mm maximum height ? compliant to rohs directive 2002/95/ec applications ? load switches, battery switches and charger switches in portable device applications ? load switch for 1.2 v power line product summary v ds (v) r ds(on) ( ? ) i d (a) a, e q g (typ.) - 8 0.064 at v gs = - 4.5 v - 4.6 6.9 nc 0.076 at v gs = - 2.5 v - 4.2 0.115 at v gs = - 1.5 v - 3.4 0.180 at v gs = - 1.2 v - 1.2 notes: a. surface mounted on 1" x 1" fr4 board with full copper, t = 10 s. b. surface mounted on 1" x 1" fr4 board with minimum copper, t = 10 s. c. refer to ipc/jedec (j-std-020c), no manual or hand soldering. d. in this document, any reference to case represents t he body of the micro foot device and foot is the bump. e. based on t a = 25 c. micro foot device markin g : 8 469 xxx = date/lot tracea b ility code orderin g information: si 8 469db-t2-e1 (lead (p b )-free and halogen-free) b u mp side v ie w backside v ie w xxx 8 469 s d g s 1 2 4 3 s g d p-channel mosfet absolute maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds - 8 v gate-source voltage v gs 5 continuous drain current (t j = 150 c) t a = 25 c i d - 4.6 a a t a = 70 c - 3.7 a t a = 25 c - 3.6 b t a = 70 c - 2.8 b pulsed drain current i dm - 15 continuous source-drain diode current t a = 25 c i s - 1.4 a t a = 25 c - 0.6 b maximum power dissipation t a = 25 c p d 1.8 a w t a = 70 c 1.1 a t a = 25 c 0.78 b t a = 70 c 0.5 b operating junction and storage temperature range t j , t stg - 55 to 150 c package reflow conditions c vpr 260 ir/convection 260
www.vishay.com 2 document number: 67091 s10-2539-rev. a, 08-nov-10 vishay siliconix SI8469DB notes: a. surface mounted on 1" x 1" fr4 board with full copper. b. maximum under steady stat e conditions is 100 c/w. c. surface mounted on 1" x 1" fr4 board with minimum copper. d. maximum under steady stat e conditions is 190 c/w. notes: a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient a, b t = 10 s r thja 55 70 c/w maximum junction-to-ambient c, d t = 10 s 125 160 specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = - 250 a - 8 v v ds temperature coefficient ? v ds /t j i d = - 250 a - 6.4 mv/c v gs(th) temperature coefficient ? v gs(th) /t j 2.4 gate-source threshold voltage v gs(th) v ds = v gs , i d = - 250 a - 0.35 - 0.8 v gate-source leakage i gss v ds = 0 v, v gs = 5 v 100 na zero gate voltage drain current i dss v ds = - 8 v, v gs = 0 v - 1 a v ds = - 8 v, v gs = 0 v, t j = 70 c - 10 on-state drain current a i d(on) v ds ?? - 5 v, v gs = - 4.5 v - 10 a drain-source on-state resistance a r ds(on) v gs = - 4.5 v, i d = - 1.5 a 0.052 0.064 ? v gs = - 2.5 v, i d = - 1 a 0.062 0.076 v gs = - 1.5 v, i d = - 0.3 a 0.085 0.115 v gs = - 1.2 v, i d = - 0.3 a 0.110 0.180 forward transconductance a g fs v ds = - 4 v, i d = - 1.5 a 12 s dynamic b input capacitance c iss v ds = - 4 v, v gs = 0 v, f = 1 mhz 900 pf output capacitance c oss 315 reverse transfer capacitance c rss 260 total gate charge q g v ds = - 4 v, v gs = - 4.5 v, i d = - 1.5 a 11 17 nc gate-source charge q gs 0.85 gate-drain charge q gd 2.5 gate resistance r g v gs = - 0.1 v, f = 1 mhz 6 ? tu r n - o n d e l ay t i m e t d(on) v dd = - 4 v, r l = 2.7 ? i d ? - 1.5 a, v gen = - 4.5 v, r g = 1 ? 15 30 ns rise time t r 22 45 turn-off delay time t d(off) 35 70 fall time t f 17 35 drain-source body diode characteristics continuous source-drain diode current i s t a = 25 c - 1.5 a pulse diode forward current i sm - 15 body diode voltage v sd i s = - 1.5 a, v gs = 0 v - 0.9 - 1.3 v body diode reverse recovery time t rr i f = - 1.5 a, di/dt = 100 a/s, t j = 25 c 25 50 ns body diode reverse recovery charge q rr 10 20 nc reverse recovery fall time t a 10 ns reverse recovery rise time t b 15 document number: 67091 s10-2539-rev. a, 08-nov-10 www.vishay.com 3 vishay siliconix SI8469DB typical characteristics (25 c, unless otherwise noted) output characteristics on-resistance vs. drain current and gate voltage gate charge 0 3 6 9 12 15 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v gs =5vthru2v v gs =1v v gs =0.5v v gs =1.5v v ds - drain-to-source voltage (v) i d - drain current (a) 0.00 0.04 0.08 0.12 0.16 0.20 03691215 v gs =2.5v v gs =1.5v v gs =1.2v v gs =4.5v r ds(on) - on-resistance ( ) i d - drain current (a) 0 1 2 3 4 5 6 03691215 i d =1.5a v ds =4v v ds =6.4v v ds =2v q g - total gate charge (nc) v gs - gate-to-source voltage (v) transfer characteristics capacitance on-resistance vs. junction temperature 0 1 2 3 4 5 0.0 0.3 0.6 0.9 1.2 1.5 t c = 125 c t c = 25 c t c = - 55 c v gs - gate-to-source voltage (v) i d - drain current (a) c rss 0 300 600 900 1200 1500 02468 c iss c oss v ds - drain-to-source voltage (v) c - capacitance (pf) 0.8 0.9 1.0 1.1 1.2 1.3 - 50 - 25 0 25 50 75 100 125 150 v gs =1.2v,0.3a v gs =1.5v;i d =0.3a v gs =2.5v;4.5v;i d =1.5a t j - junction temperature (c) (normalized) r ds(on) - on-resistance www.vishay.com 4 document number: 67091 s10-2539-rev. a, 08-nov-10 vishay siliconix SI8469DB typical characteristics (25 c, unless otherwise noted) source-drain diode forward voltage threshold voltage 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 t j = 25 c t j = 150 c v sd - source-to-drain voltage (v) i s - source current (a) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a v gs(th) (v) t j - temperature (c) on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient 0.00 0.04 0.08 0.12 0.16 012345 t j = 25 c t j = 125 c i d =1.5a r ds(on) - on-resistance ( ) v gs - gate-to-source voltage (v) 0 5 10 15 20 25 power (w) time (s) 10 1000 0.1 0.01 0.001 100 1 safe operating area, junction-to-ambient 0.1 100 1 10 0.01 0.1 100 s 10 ms 1 10 t a = 25 c single pulse 1ms bvdss limited limited by r ds(on) * dc 1s,10s 100 ms v ds - drain-to-source voltage (v) * v gs > minimum v gs at which r ds(on) is specified i d - drain current (a) document number: 67091 s10-2539-rev. a, 08-nov-10 www.vishay.com 5 vishay siliconix SI8469DB typical characteristics (25 c, unless otherwise noted) note: when mounted on 1" x 1" fr4 with full copper. * the power dissipation p d is based on t j(max) = 150 c, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determine the current rating, when this rating falls below the package limit. current derating* 0 1 2 3 4 5 0 25 50 75 100 125 150 t a - ambient temperature (c) i d - drain current (a) power derating 0.0 0.3 0.6 0.9 1.2 1.5 25 50 75 100 125 150 t a - ambient temperature (c) power dissipation (w) www.vishay.com 6 document number: 67091 s10-2539-rev. a, 08-nov-10 vishay siliconix SI8469DB typical characteristics (25 c, unless otherwise noted) normalized thermal transient impedance, junction-to-ambient (1" x 1" fr4 board with full copper) 10 -3 10 -2 1 10 1000 10 -1 10 -4 100 0.2 0.1 square wave pulse duration (s) normalized effective transient thermal impedance 1 0.1 0.01 t 1 t 2 notes: p dm 1. duty cycle, d = 2. per unit base = r thja =100 c/w 3. t jm -t a =p dm z thja (t) t 1 t 2 4. surface mounted duty cycle = 0.5 single pulse 0.02 0.05 normalized thermal transient impedance, junction-t o-ambient (1 1 fr4 board with minimum copper) 10 -3 10 -2 1 10 1000 10 -1 10 -4 100 0.2 0.1 square wave pulse duration (s) normalized effective transient thermal impedance 1 0.1 0.01 t 1 t 2 notes: p dm 1. duty cycle, d = 2. per unit base = r thja =190 c/w 3. t jm -t a =p dm z thja (t) t 1 t 2 4. surface mounted duty cycle = 0.5 single pulse 0.02 0.05 document number: 67091 s10-2539-rev. a, 08-nov-10 www.vishay.com 7 vishay siliconix SI8469DB package outline micro foot: 4-bump (2 x 2, 0.5 mm pitch) notes (unless otherwise specified): 1. all dimensions are in millimeters. 2. four (4) solder bumps are lead (pb) -free 95.5sn/3.8ag/0.7cu with diameter ?? 0.30 mm to 0.32 mm. 3. backside surface is coated with a ti/ni/ag layer. 4. non-solder mask defined copper landing pad. 5. ? ? is location of pin 1. notes: a. use millimeters as the primary measurement. vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?67091 . s d g s xxx 8 469 e d s a2 a1 a s e d 4 x ? b 2 1 4 3 recommended land e mark on backside of die 4 x ? 0.24 to 0.26 n ote 4 solder mask ~ ? 0.25 b u mp n ote 2 dim. millimeters a inches min. nom. max. min. nom. max. a 0.462 0.505 0.548 0.0181 0.0198 0.0215 a 1 0.220 0.250 0.280 0.0086 0.0098 0.0110 a 2 0.242 0.255 0.268 0.0095 0.0100 0.0105 b 0.300 0.310 0.320 0.0118 0.0122 0.0126 e 0.500 0.0197 s 0.230 0.250 0.270 0.0090 0.0098 0.0106 d 0.920 0.960 1.000 0.0362 0.0378 0.0394 legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. |
Price & Availability of SI8469DB |