Part Number Hot Search : 
LS395 CXA1726 74HC74 AN620 D469ADJ SF10A6 C1025P N5257
Product Description
Full Text Search
 

To Download S8JX-G05048CD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  more variations for more applications ? slim design for smaller, more compact control panels ? output voltage models for 5 v and 48 v expand lineup ? smoothly handle even more applications ? simple installation and maintenance free operation s8jx-g switch mode power supply offers flexible selection, high reliability and ease of operation 15w / 35w / 50w / 100w / 150w / 300w / 600w 10 years 4.5 g life expectancy vibration resistance
use screw or din rail mounting even with 300-w models two mounting methods for simple installation in addition to front mounting and top mounting, you can mount models up to 300-w to din rail for simple installation that reduces installation work. *only screw mounting is possible for 600-w models *use a steel din rail for 300-w power supplies. the thermal design and circuit design of the 300-w models were improved to achieve a fan-free structure. this eliminates the need to replace fans every few years and greatly reduces the risk of lowering the insulation resistance due to dust drawn in by the fan. *the 600-w models have fans. the s8jx power supplies have a shorter body than omron?s s82j power supplies. this allows them to fit into tighter spots to contribute to smaller, thinner control panels and devices in this age where functionality and mounting density continue to increase. the shortest body class in the industry contributes to thinner panels *for 50-w model with front mounting. ( c o m p ariso n to p revio us o m r on mode l s ) 1 4 5 m m 1 10m m lim imple voltage specifications from 5 v to 48 v more output voltage specifications for an expanded lineup s s elec table s application is now possible with 48-v equipment. more applications mooth s you can handle more applications smoothly, including motor drive and power supply systems. models with covers open-frame models models with covers open-frame models models with covers open-frame models 1 5 w / 35w 50w 100 w / 15 0 w 3 00w 600w models with covers models with covers 5 v 12v 15v 24v 48v 15w 35w 5 0 w 1 0 0 w 1 5 0 w 3 0 0 w 600 w easy mounting from the top with screws. screw mounting from top compact right-angle mounting bracket enclosed for easy mounting. front mounting standard power supply with fan s8jx (300-w models) fan replacement every 2 to 3 years dust drawn in by fan no fan for reduced risk from dust fan-free means maintenance-free by length reduced 3 0 % the 300-w models need no fan fan-free design for maintenance-free operation vehi c le m a nufac t uring equi pme n t w i n d power generatio n ele vators c onv e yor s robot s ships voltage power rating 2
use screw or din rail mounting even with 300-w models two mounting methods for simple installation in addition to front mounting and top mounting, you can mount models up to 300-w to din rail for simple installation that reduces installation work. *only screw mounting is possible for 600-w models *use a steel din rail for 300-w power supplies. the thermal design and circuit design of the 300-w models were improved to achieve a fan-free structure. this eliminates the need to replace fans every few years and greatly reduces the risk of lowering the insulation resistance due to dust drawn in by the fan. *the 600-w models have fans. the s8jx power supplies have a shorter body than omron?s s82j power supplies. this allows them to fit into tighter spots to contribute to smaller, thinner control panels and devices in this age where functionality and mounting density continue to increase. the shortest body class in the industry contributes to thinner panels *for 50-w model with front mounting. ( c o m p ariso n to p revio us o m r on mode l s ) 1 4 5 m m 1 10m m lim imple voltage specifications from 5 v to 48 v more output voltage specifications for an expanded lineup s s elec table s application is now possible with 48-v equipment. more applications mooth s you can handle more applications smoothly, including motor drive and power supply systems. models with covers open-frame models models with covers open-frame models models with covers open-frame models 1 5 w / 35w 50w 100 w / 15 0 w 3 00w 600w models with covers models with covers 5 v 12v 15v 24v 48v 15w 35w 5 0 w 1 0 0 w 1 5 0 w 3 0 0 w 600 w easy mounting from the top with screws. screw mounting from top compact right-angle mounting bracket enclosed for easy mounting. front mounting standard power supply with fan s8jx (300-w models) fan replacement every 2 to 3 years dust drawn in by fan no fan for reduced risk from dust fan-free means maintenance-free by length reduced 3 0 % the 300-w models need no fan fan-free design for maintenance-free operation vehi c le m a nufac t uring equi pme n t w i n d power generatio n ele vators c onv e yor s robot s ships voltage power rating 3
ordering information list of models note: for details on normal stock models, contact your nearest omron representative. the front-mounting bracket is included with the product as a standard feature. the front-mounting bracket is not included with the product. the applicable range for ec directives and safety standards ( ul, en, etc. ) is 100 to 240 vac ( 85 to 264 vac ) . power supplies with covers for 300 w and 600 w power supplies with covers for 15 w to 150 w open-frame power supplies from 15 w to 150 w din rail- mounting *2 front- mounting *1 100 to 120 vac or 200 to 240 vac (dc input is not supported) 100 to 120 vac or 200 to 240 vac (dc input is not supported) din rail- mounting *2 din rail- mounting *2 front- mounting *1 front- mounting *1 s8jx-g01505 s8jx-g01512 s8jx-g01515 s8jx-g01524 s8jx-g01548 s8jx-g03005 s8jx-g03012 s8jx-g03015 s8jx-g03024 s8jx-g03048 s8jx-g05005 s8jx-g05012 s8jx-g05024 s8jx-g05048 s8jx-g10005 s8jx-g10012 s8jx-g10024 s8jx-g10048 s8jx-g15005 s8jx-g15012 s8jx-g15024 s8jx-g15048 s8jx-g01505d s8jx-g01512d s8jx-g01515d s8jx-g01524d s8jx-g01548d s8jx-g03005d s8jx-g03012d s8jx-g03015d s8jx-g03024d s8jx-g03048d s8jx-g05005d s8jx-g05012d s8jx-g05024d s8jx-g05048d s8jx-g10005d s8jx-g10012d s8jx-g10024d s8jx-g10048d s8jx-g15005d s8jx-g15012d s8jx-g15024d s8jx-g15048d 3a 1.3a 1a 0.65a 0.35a 7a 3a 2.4a 1.5a 0.75a 10a 4.2a 2.1a 1.1a 20a 8.5a 4.5a 2.1a 30a 13a 6.5a 3.3a 3a 1.3a 1a 0.65a 0.35a 7a 3a 2.4a 1.5a 0.75a 10a 4.2a 2.1a 1.1a 20a 8.5a 4.5a 2.1a 30a 13a 6.5a 3.3a 5v 12v 15v 24v 48v 5v 12v 15v 24v 48v 5v 12v 24v 48v 5v 12v 24v 48v 5v 12v 24v 48v 5v 12v 15v 24v 48v 5v 12v 15v 24v 48v 5v 12v 24v 48v 5v 12v 24v 48v 5v 12v 24v 48v s8jx-g30024c s8jx-g60024c s8jx-g30024cd 14a 27a 14a 300w 600w 300w 100 to 240 vac (wide-range) safety-standard and rohs compliant s8jxn 15005 ?? only 80 to 370 vdc ( ) s8jxn 15005 ?? only 35w 50w 100w 150w 15w 35w 50w 100w 150w s8jx-g01505c s8jx-g01512c s8jx-g01515c s8jx-g01524c s8jx-g01548c s8jx-g03005c s8jx-g03012c s8jx-g03015c s8jx-g03024c s8jx-g03048c s8jx-g05005c s8jx-g05012c s8jx-g05024c s8jx-g05048c s8jx-g10005c s8jx-g10012c s8jx-g10024c s8jx-g10048c s8jx-g15005c s8jx-g15012c s8jx-g15024c s8jx-g15048c s8jx-g01505cd s8jx-g01512cd s8jx-g01515cd s8jx-g01524cd s8jx-g01548cd s8jx-g03005cd s8jx-g03012cd s8jx-g03015cd s8jx-g03024cd s8jx-g03048cd s8jx-g05005cd s8jx-g05012cd s8jx-g05024cd S8JX-G05048CD s8jx-g10005cd s8jx-g10012cd s8jx-g10024cd s8jx-g10048cd s8jx-g15005cd s8jx-g15012cd s8jx-g15024cd s8jx-g15048cd 24v configuration input voltage power ratings output voltage ( vdc ) output voltage ( vdc ) output voltage ( vdc ) 3a 1.3a 1a 0.65a 0.35a 7a 3a 2.4a 1.5a 0.75a 10a 4.2a 2.1a 1.1a 20a 8.5a 4.5a 2.1a 30a 13a 6.5a 3.3a 3a 1.3a 1a 0.65a 0.35a 7a 3a 2.4a 1.5a 0.75a 10a 4.2a 2.1a 1.1a 20a 8.5a 4.5a 2.1a 30a 13a 6.5a 3.3a 5v 12v 15v 24v 48v 5v 12v 15v 24v 48v 5v 12v 24v 48v 5v 12v 24v 48v 5v 12v 24v 48v 5v 12v 15v 24v 48v 5v 12v 15v 24v 48v 5v 12v 24v 48v 5v 12v 24v 48v 5v 12v 24v 48v 15w output current model configuration input voltage power ratings output current model model configuration input voltage power ratings output current 100 to 120 vac or 200 to 240 vac (switchable) 35w 50w 100w 150w 15w 35w 50w 100w 150w *1. *2. *3. *3 100 to 240 vac (wide-range) 80 to 370 vdc ( ) *3 15w for details, refer to the s8jx data sheet (cat. no. t041-e1). cat. no. t043-e1-02 11/10 note: specifcations are subject to change. ? 2010 omron electronics llc omron canada, inc. ? head office toronto, on, canada ? 416.286.6465 ? 866.986.6766 www.omron247.com omron eletr?nica do brasil ltda ? head office s?o paulo, sp, brasil ? 55.11.2101.6300 ? www.omron.com.br omron electronics mexico sa de cv ? head office apodaca, n.l. ? 52.811.156.99.10 ? 001.800.556.6766 ? mela@omron.com omron argentina ? sales office cono sur ? 54.11.4783.5300 omron chile ? sales office santiago ? 56.9.9917.3920 other omron latin america sales 54.11.4783.5300 omron electronics llc ? the americas headquarters ? schaumburg, il usa ? 847.843.7900 ? 800.556.6766 ? www.omron247.com omron europe b.v. wegalaan 67-69, nl-2132 jd, hoofddorp, the netherlands. tel: +31 (0) 23 568 13 00 fax: +31 (0) 23 568 13 88 www.industrial.omron.eu for details, refer to the s8jx data sheet (cat. no. t041-e1). t27i-e-01 note: specifcations are subject to change. ? 2012 omron electronics llc printed in u.s.a. omron canada, inc. ? head office ? ? ? omron electronics de mexico ? head office ? ? ? omron electronics de mexico ? sales office ? ? ? omron eletr?nica do brasil ltda ? head office ? ? omron argentina ? sales office ? omron chile ? sales office ? other omron latin america sales omron automation and safety ? the americas headquarters ? ? ? ? omron e urope b.v. ? ? ? ?


▲Up To Search▲   

 
Price & Availability of S8JX-G05048CD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X