Part Number Hot Search : 
FT245 SMFJ130A UPC1227V BRT11H 74HCT08 1N444 TLSE53T 36KCW
Product Description
Full Text Search
 

To Download S25VB10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2? ? S25VB10 thru S25VB100 high current glass passivated moldi ng single-phase bridge rectifier reverse voltage 100 to 1000v forward current 25.0 a features z plastic package has underwriters laboratory flammability classification 94v-0 z high current capacity with small package z glass passivated chip junctions z superior thermal conductivity z high ifsm 1. maximum & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. item symbol S25VB10 s25vb20 s25 vb40 s25vb60 s25vb8 0 S25VB100 unit maximum repetitive voltage vrm 100 200 400 600 800 1000 v maximum rms voltage v rms 70 140 280 420 560 700 v maximum dc blocking voltage v dc 100 200 400 600 800 1000 v maximum dc reverse current ta=25 at rated dc blocking voltage ta=125 ir 5 500 a average recified forward current 60hz sine wave,r-load with heatsink tc=87 io 25 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load ifsm 350 a rating for fusing (t<8.3ms) i 2 t 370 a 2 sec dielectric strength te rminals to case, ac 1 minute current 1ma vdia 2.0 kv maximum instantaneous forward voltage at 12.5a vf 1. 05 v operating junction temperature tj -40~150 storage temperature tstg -40~150 mounting torque tor rating torque : 1.2  suggests 0.6~1.0  n.m
? 3 ? ? a) case temperature tc( ) percent of rated peak reverse voltage 
fig.3  forward voltage fig.4  peak surge forward capability forward current (a) peak surge forward current ifsm(a) forward voltage vf number of cycles
? 4 ? ?


▲Up To Search▲   

 
Price & Availability of S25VB10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X