Part Number Hot Search : 
PG1263 20030 CM231 XMC1300 IRL620 AA3528 30SMD AP560
Product Description
Full Text Search
 

To Download RSP-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?e?e ?e ?e ?e ?e ?e ?e ?e universal ac input / full rangebuilt-in active pfc function, pf>0.95 protections: short circuit / overload / over voltage / over temperature 3 years warranty ?? high efficiency up to 90%cooling by free air convection 1u low profile 30mm optional conformal coating models (RSP-200- cc) led indicator for power on specification RSP-200-4 RSP-200-3.3 RSP-200-5 RSP-200-7.5 RSP-200-12 RSP-200-2.5 model dc voltage rated current current range rated power ripple & noise (max.) note.2 output voltage adj. range voltage tolerance note.3 line regulation load regulation setup, rise time hold up time (typ.) voltage range note.4 frequency range power factor (typ.) efficiency (typ.) input environment inrush current (typ.) leakage current over temperature safety standards safety & emc (note 5) withstand voltage isolation resistance working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage protection 4v 3.3v 5v 7.5v 12v 2.5v 100mvp-p 100mvp-p 150mvp-p 150mvp-p 150mvp-p 100mvp-p 2.35 ~ 2.85v 3.7 ~ 4.3v 2.97 ~ 3.8v 4.5 ~ 5.5v 6 ~ 9v 10 ~ 13.2v ? 2.0% ? 2.0% ? 2.0% ? 2.0% ? 1.0% ? 2.0% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.3% ? 0.5% ? 1.0% ? 1.5% ? 1.0% ? 1.0% ? 0.5% ? 1.5% 1500ms, 50ms/230vac 3000ms, 50ms/115vac at full load 8ms at full load 230vac /115vac 88 ~ 264vac 124 ~ 370vdc 47 ~ 63hz pf>0.95/230vac pf>0.98/115vac at full load 84% 85.5% 87% 89% 89% 81.5% 20a/115vac 40a/230vac <1ma / 240vac 105 ~ 135% rated output power 3.8 ~ 4.62v 4.5 ~ 5.6v 5.75 ~ 7v 9.4 ~ 10.9v 13.8 ~ 16.2v 2.88 ~ 3.5v protection type : hiccup mode, recovers automatically after fault con dition is removed protection type : shut down o/p voltage, re-power on to recover 110 5 (tsw1) detect on heatsink of main power output choke j ? j protection type : shut down o/p voltage, recovers automatically after t emperature goes down ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b, en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11, en55024, light indust ry level, criteria a i/p-o/p:3kvac i/p-fg:2kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh j -30 ~ +70 j (refer to "derating curve") 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh j ? j j) 0.03%/ (0 ~ 45 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 224.5k hrs min. mil-hdbk-217f (25 ) j 215*115*30mm (l*w*h) 0.72kg; 15pcs/11.8kg/0.78cuft ?? features : 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltages. please check the derati ng curve for more details. 5. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. j for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) emc immunity emc emission r s p - 2 0 0 s e r i e s 200w single output with pfc function 2a/115vac 1.1a/230vac 3.5a/115vac 1.7a/230vac ac current (typ.) file name:RSP-200-spec 2012-12-28 40a 40a 40a 26.7a 16.7a 40a 0 ~ 40a 0 ~ 40a 0 ~ 40a 0 ~ 26.7a 0 ~ 16.7a 0 ~ 40a 160w 132w 200w 200.25w 200.4w 100w
?e?e ?e ?e ?e ?e ?e ?e ?e universal ac input / full rangebuilt-in active pfc function, pf>0.95 protections: short circuit / overload / over voltage / over temperature 3 years warranty ?? high efficiency up to 90%cooling by free air convection 1u low profile 30mm optional conformal coating models (RSP-200- cc) led indicator for power on specification RSP-200-24 RSP-200-15 RSP-200-27 RSP-200-36 RSP-200-48 RSP-200-13.5 model dc voltage rated current current range rated power ripple & noise (max.) note.2 output voltage adj. range voltage tolerance note.3 line regulation load regulation setup, rise time hold up time (typ.) voltage range note.4 frequency range power factor (typ.) efficiency (typ.) input environment inrush current (typ.) leakage current over temperature safety standards safety & emc (note 5) withstand voltage isolation resistance working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage protection 24v 15v 27v 36v 48v 13.5v 8.4a 13.4a 7.5a 5.56a 4.2a 14.9a 0 ~ 8.4a 0 ~ 13.4a 0 ~ 7.5a 0 ~ 5.56a 0 ~ 4.2a 0 ~ 14.9a 201.6w 201w 202.5w 200.16w 201.6w 201.15w 150mvp-p 150mvp-p 200mvp-p 220mvp-p 240mvp-p 150mvp-p 12 ~ 15v 20 ~ 26.4v 13.5 ~ 18v 26 ~ 31.5v 32.4 ~ 39.6v 41 ~ 56v ? 1.0% ? 1.0% ? 1.0% ? 1.0% ? 1.0% ? 1.0% ? 0.2% ? 0.3% ? 0.2% ? 0.2% ? 0.2% ? 0.3% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% ? 0.5% 1500ms, 50ms/230vac 3000ms, 50ms/115vac at full load 8ms at full load 230vac /115vac 88 ~ 264vac 124 ~ 370vdc 47 ~ 63hz pf>0.95/230vac pf>0.98/115vac at full load 89.5% 89.5% 89% 90% 90% 89% 20a/115vac 40a/230vac 3.5a/115vac 1.7a/230vac <1ma / 240vac 105 ~ 135% rated output power 18.8 ~ 21.8v 27.6 ~ 32.4v 32.9 ~ 38.3v 41.4 ~ 48.6v 58.4 ~ 68v 15.7 ~ 18.4v protection type : hiccup mode, recovers automatically after fault con dition is removed protection type : shut down o/p voltage, re-power on to recover 110 5 (13.5v,15v), 100 5 (24v ~ 48v)(tsw1) detect on heatsink of main pow er output choke j ? j j ? j protection type : shut down o/p voltage, recovers automatically after t emperature goes down ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b, en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11, en55024, light indust ry level, criteria a i/p-o/p:3kvac i/p-fg:2kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh j -30 ~ +70 j (refer to "derating curve") 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh j ? j j) 0.03%/ (0 ~ 45 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 224.5k hrs min. mil-hdbk-217f (25 ) j 215*115*30mm (l*w*h) 0.72kg; 15pcs/11.8kg/0.78cuft ?? features : 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. derating may be needed under low input voltages. please check the derati ng curve for more details. 5. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. j for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) ac current (typ.) emc immunity emc emission r s p - 2 0 0 s e r i e s 200w single output with pfc function file name:RSP-200-spec 2012-12-28
u s p - 2 2 5 s e r i e s u s p - 2 2 5 s e r i e s s p - 3 2 0 s e r i e s mechanical specification derating curve static characteristics file name:RSP-200-spec 2012-12-28 case no.207b unit:mm ambient temperature ( ) j input voltage (vac) 60hz 90 88 95 100 115 135 155 175 195 230 264 load (%) load (%) 10 20 30 40 45 50 60 70 20 40 60 80 100 -30 0 200w single output with pfc function (horizontal) block diagram pfc fosc : 100khz pwm fosc : 100khz pwm & pfc circuit detection o.l.p. emi filter rectifiers power switching filter & rectifiers +v -v i/p fg control o.v.p. o.t.p. inrush current active limiting 2.5v~4v 5v~48v 90 100 80 70 60 50 40 terminal pin no. assignment : pin no. pin no. 1 4~6 3 2 7~9 assignment assignment ac/l dc output -v fg ac/n dc output +v r s p - 2 0 0 s e r i e s 4-m4(both sides) l=5mm +v adj. led 32.5 150 32.5 150 215 15 1 2 3 4 5 6 7 8 9 4-m4 l=5mm 30 135 9.5 16 115 50 32.5 8 12.5


▲Up To Search▲   

 
Price & Availability of RSP-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X