Part Number Hot Search : 
AT4298 IRF7706 FBI5J1M1 B1063 VH248H 18S20 5962R KSD5007
Product Description
Full Text Search
 

To Download RC15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chongqing pingyang electronics co.,ltd. RC15005 thru rc1510 single-phase silicon bridge rectifier voltage 50-1000v current 15.0a features surge overload ratings-300 amperes good for printed circuit board assembly mechanical data case : silicon rubber passivated epoxy : ul 94v-0 rate flame retardant lead : mil-std- 202e, method 208 guaranteed polarity : as marked mounting position : any weight : 1.88 grams maximum ratings and electronical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz,resistive or inductive load. for capacitive load, derate current by 20%. symbol rc 15 005 rc 15 01 rc 15 02 rc 15 04 rc 15 06 rc 15 08 rc1510 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified output current at t a =50 c i o 15.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec method) i fsm 300 a maximum forward voltage drop per element at 15.0a dc v f 1.0 v @ t a =25 c 5.0 maximum dc reverse current at rated dc blocking voltage per element @ t a =100 c i r 500 a i 2 t rating for fusing (t 8.3ms) i 2 t 10 a 2 s typical junction capacitance (note 1) c j 25 pf typical thermal resistance (note 2) r ja 40 c/w notes: 1.measured at 1mhz and applied reverse voltage of 4.0 volts 2.thermal resistance from junction to lead mounted on p.c.b with 0.47 0.47 (12 12mm) copper pads c-3 .086(2.20) .078(2.0) .251(6.4) .244(6.2) dimensions in inches and (millimeters) pdf ?? "pdffactory pro" e www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of RC15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X