Part Number Hot Search : 
0LSTR CRE20151 BU4925F TDA7400 00102 T3906 MC3476P1 G226M
Product Description
Full Text Search
 

To Download PCM-9375EZ2-J0A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.5" single board computers features pcm-9375 amd geode? lx800 3.5" sbc, vga, lvds, lcd, dual ethernet, ide, sata, pc/104 ? amd geode? low-power lx800 500 mhz processor ? 24-bit tft lcd interface, 18-bit lvds lcd display ? low power : 7~8 watts, supports extended temperature -40 ~ 85 c ? dual 10/100 mbps fast ethernet ? supports up to 4 com ports, 4 usb ports, pc/104 expansion ? supports susiaccess and embedded software apis lcd inverter pc/104 com 1 lan 1 kb/ms usb vga usb reset button atx power button sata gpio audio tft lcd printer com2, 3, 4 stand-by power power specifcations processor system cpu amd geode lx800 processor, up to 500 mhz frequency 500 mhz l2 cache 128 kb system chipset amd geode lx800 bios award 4 mb flash rom bios memory technology ddr 333/400 mhz max. capacity 512 mb socket 1 x 200-pin sodimm display chipset amd geode lx800 vram optimized shared memory architecture up to 64 mb system memory graphics engine amd cs5536 2d engine lvds 1 x single channel 18-bit lvds (pcm-9375e), up to 1600 x 1200 x 32 bpp at 60 hz vga vga: up to 1920 x 1440 @ 32 bpp (85 hz) ttl lcd 1 x 24-bit ttl (pcm-9375f), up to 1600 x 1200 x 32 bpp at 60 hz dual display vga+ttl, vga+lvds ethernet speed 10/100 mbps (supports wake on lan) controller ethernet1 realtek rtl8139 10/100 mbps ethernet2 realtek rtl8139 10/100 mbps connector rj-45 on ethernet1, box header on ethernet2 audio chipset realtek alc203 ac97, line-in, line-out, mic-in watchdog timer output system reset, programmable counter from 1 ~ 255 minutes/ seconds storage compactflash compactflash type i/ii (primary master ide channel) sata 1 x sata (max. data transfer rate 150 mb/s) (only for pcm-9375s) ide 1 (only for pcm-9375f/9375e) floppy 1 (shared with lpt) rear i/o serial 1 (com1 supports rs-232) (esd protection for rs-232: air gap 15kv, contact 8kv) ethernet 1 (10/100 mbps) ps/2 kb/mouse 1 vga 1 reset button 1 internal i/o usb 4 x usb 2.0 serial 3 x com (esd protection for rs-232: air gap 15kv, contact 8kv) com3/com4 supports rs-232 com2 supports rs-232/422/485 (supports rs-485 auto fow control) ide 1 udma 33/66 parallel (lpt) 1 (shared with lpt) fdd 1 (shared with lpt) gpio 8-bit gpio i 2 c optional expansion pc/104 slot pc/104 expansion(8/16-bit isa) power power type at/atx power supply voltage 5v + 5% (+12v option for lcd, pc/104) power consumption (typical) 0.6 a @ 5 v, 0.03 a @ 12 v (3.36 w) power consumption (max, test in hct) 1.2 a @ 5 v, 0.23 a @ 12 v (8.76 w) power management apm 1.2, acpi battery lithium 3 v/196 mah environment operational 0 ~ 60 c (32 ~ 140 f) (operating humidity: 40 c @ 95% rh non-condensing) non-operational -40 c ~ 85 c and 60 c @ 95% rh non-condensing physical characteristics dimensions (l x w) 146 x 102 mm (5.7" x 4") weight 0.64 kg (1.41 lb), weight of total package total height 25.2mm lan2 watchdog gpio h/w monitor monitoring bios fash backlight on/off brightness smbus vxworks ? software apis: utilities: all product specifications are subject to change without notice last updated : 11-jun-2012
www.advantech.com/products online download pcm-9375 packing list part no. description quantity pcm-35 sbc startup manual utility cd 101440351 ide cable 44p/44p 35cm pcm-35f/e series only 1 10000202 b/ms cable 20cm 1 101100202 lan cable 20cm 1 1000011 com 2/3/4 rs-232 cable 21 cm 1 100001 parallel port cable 25cm 1 1031010 audio cable 1 cm 1 103100121 usb cable 2 ports w/ bracet 12cm 1 10000884 sata data cable 30cm pcm-35sf/se only 1 103150102 sata power cable 10cm pcm-35sf/se only 1000488 l800 heatsin for pcm-35 3.5 x 3. x .8 mm 100048 cs553 heatsin for pcm-35 22. x 22. x 14.5 mm optional accessories part no. description 10304015 com2 cable for rs-422/485 103200201 at power control cable 3580e pcm-35-fdd module must connect 10134000 and 100002212 10134000 flat cable 34-pin for 3580e 0cm cable from 3580es fdd port to fdd deice 100002212 lpt cable for 3580e 1.2mm pitch 10cm cable from pcm- 35s lpt to 3580es lpt embedded os/api embedded os/ api part no. description ince 2000002 image pcm-35 ce 5.0 pro plus eng 20000112 ce .0 pro g3 4com v1.0 eng 2000050 ce .0 pro pcm-354com v1.1 pn 20000810 ce .0 pro g3 4com v1.2 eng in pe 200000 es200 eng v4.0 2000010 es200 24mui v4.0 qn qn .3.2 qn .4.1 vxwor 5.5 linux 205e35000 linux dt drier ubuntu8.04 pcm-35 v1.0 eng software api 20002300 cd susi library v1.0 ordering information part no. cpu memory vga lvds ttl 10/100 ethernet audio ide/sata usb2.0 rs-232 rs-232/ 422/485 cf expansion thermal solution operating temp. pcm-35f-0a1e amd l800 sodimm 1 - 1 2 es 1 ide 4 3 1 1 pc/104 passie 0 0 c pcm-35e-0a1e amd l800 sodimm 1 18-bit - 2 es 1 ide 4 3 1 1 pc/104 passie 0 0 c pcm-35sf-0a1e amd l800 sodimm 1 - 1 2 es 1 sata 4 3 1 1 pc/104 passie 0 0 c pcm-35se-0a1e amd l800 sodimm 1 18-bit - 2 es 1 sata 4 3 1 1 pc/104 passie 0 0 c pcm-35f-0a1e amd l800 sodimm 1 - 1 2 es 1 ide 4 3 1 1 pc/104 passie -20 80 c pcm-35e-0a1e amd l800 sodimm 1 18-bit - 2 es 1 ide 4 3 1 1 pc/104 passie -20 80 c pcm-35f2-0a1e amd l800 sodimm 1 - 1 2 es 1 ide 4 3 1 1 pc/104 passie -40 85 c pcm-35e2-0a1e amd l800 sodimm 1 18-bit - 2 es 1 ide 4 3 1 1 pc/104 passie -40 85 c note: passie fanless actie with fan rear i/o view amd geode lx 800 pci bus transmiter lpc super i/o master compactflash ide amd geode cs5536/cs5535 watchdog com1/3/4 (rs-232) com2 (rs-232/422/485) ddr sdram ddr333 200-pin sodimm x 1 vga analog rgb 18/24 bit ttl ttl lcd lvds rj-45 (rtl 8139) 10/100 ethernet pci to isa bridge pc/104 ide to sata bridge sata usb 2.0 usb 2.0 x 4 ac-link (alc203) ac97 codec line-in mic-in line-out slave ide / dma33 pcm-9375sf/se only lpc bus bios ps/2 kb&ms gpio ic 8-bit gpio smbus lpt (sch3114) speaker out amp box header (rtl 8139) 10/100 ethernet block diagram


▲Up To Search▲   

 
Price & Availability of PCM-9375EZ2-J0A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X