Part Number Hot Search : 
4747A BD7961FM M0001000 D1010 MMBT589 DM9301F TDA70 TDA70
Product Description
Full Text Search
 

To Download PCM-6892B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01 compact boards lo g o must w i th logo must with aaeon blue: pa nt one ds 206-1c aaeon red: c=15, m=90, y=70, k=1 0 font of slogan: century cothic with bold italic computing platform service partner note: all specifcations are subject to change without notice. 01-9 pcm-6892 rev.b features specifcations audio pin header lvds lcd pin header 40-pin ide connector printer port pin header floppy disk drive connector com port pin header keyboard & mouse pin header optional accessories ? tf-pcm-10489-6 cable kit, for pcm-6892 compact board ? 1702200201 cable for atx connector to at power supply (200mm) ? tf-per-1110-a10 riser card for pci, 2-slot ? tf-per-c10l-a10 mini pci 10/100 base-tx ethernet module w/re - altek 8100c ? tf-per-c10l-a10-01 mini pci 10/100/1000 base-tx ethernet module w/realtek 8110s ? tf-per-c10l-a10-02 mini pci 10/100 base-tx ethernet module w/in - tel ? 82551qm ? tf-per-c10l-a10-03 mini pci 10/100/1000 base-tx ethernet module w/intel ? 82541gi ? tf-per-c20u-a10 mini pci 4-port usb 2.0 module w/nec d720101 ? tf-per-c30f-a10 mini pci 3-port ieee 1394a module ? tf-per-v30c-a10 mini pci single channel capture module with philips saa7135 ? tf-per-c40c-a10 mini pci 2-port rs-232 module rev. a1.0 ? tf-per-c40c-a10-01 mini pci 4-port rs-232 module rev. a1.0 ? 9657666600 jumper cap ? quick installation guide ? utility cd ? pcm-6892 rev. b packing list ? tf-pcm-6892-b10 5.25" board, uv icp400, lcd-tv, sdm, lan, audio, 4 com, usb, cf, mini pci, pcmcia, pci, pc/104, atx, rev. b1.0 ? tf-pcm-6892-b10-01 5.25" board, uv icp400, lcd-tv, sdm, lan, audio, 4 com, usb, cf, mini pci, pci, pc/104, atx, rev. b1.0 ? tf-pcm-6892-b10-02 5.25" board, uv icp650, lcd-tv, sdm, lan, audio, 4 com, usb, cf, mini pci, pcmcia, pci, pc/104, atx, rev. b1.0 ? tf-pcm-6892-b10-03 5.25" board, uv icp650, lcd-tv, sdm, lan, audio, 4 com, usb, cf, mini pci, pci, pc/104, atx, rev. b1.0 ordering information intel ? ultra low voltage celeron ? processor system form factor 5.25 processor onboard intel ? ultra low voltage celeron ? 400/ 650mhz processor system memory 168-pin dimm x 1, max. 512mb (pc-100/133) chipset via vt8606 + via vt82c686b i/o chipset winbond w83977eg ethernet realtek rtl8100bl, 10/100base-tx, rj-45 connector x 2 bios award 256kb flash rom wake on lan yes watchdog timer generates a time-out system reset h/w status monitoring supports power supply voltages, fan speed an d temperature monitoring solid storage disk type ii compactflash? slot x 1 expansion interface mini pci x 1, pci x 1, pc/104 x 1, pcmcia x 2 battery lithium battery power requirement +5v/ at/atx power consumption (typical) celeron? 400mhz & 650mhz, sdram 256mb/pc-133 atx power: 400mhz: 2.47 a@5v 650mhz: 3.09 a@5v board size 8(l) x 5.75(w) (203mm x 146mm) gross weight 1.2 lb (0.5 kg) operating temperature 32of~ 140of (0oc ~ 60oc) storage temperature -40of~176of (-40oc~80oc) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 80,465 display supports crt/ lcd & crt/tv simultaneous display chipset via vt8606 memory shared system memory up to 32mb resolutions up to 1280x1024@24bpp colors for crt up to 1024x768@18bpp colors for lcd lcd interface supports 36-bit dual channel ttl/lvds tft/lcd tv-out supports ntsc and pal standard, s-terminal and composite video i/o mio eide x 1 (udma100 x 1), floppy disk drive x 1, keyboard + mouse x 1, rs-232 x 3, rs-232/422/485 x 1, parallel x 1 irda one irda tx/rx header audio mic-in, line-in, line-out/ speaker-out usb two 5 x 2 pin headers support 4 usb1.1 ports tv-out pin header crt pin header ttl lcd pin header rj-45 ethernet connectors pci slot usb pin headers power input connector onboard intel? ultra low voltage celeron? processors 36-bit ttl/lvds tft lcd dual 10/100base-tx fast ethernet ac97 2.1 high-quality audio supports type ii compactflash? supports type ii pcmcia, type iii mini pci and pci slots 4 com/ 4 usb/ tv-out ports +5v only operation


▲Up To Search▲   

 
Price & Availability of PCM-6892B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X