Part Number Hot Search : 
CS51221 M3494EZ NC7SV32 SB400 1431C MDT10P CXA13 CY7C43
Product Description
Full Text Search
 

To Download MC74LVX08DTR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 march, 2005 ? rev. 3 1 publication order number: mc74lvx08/d mc74lvx08 quad 2-input nand gate with 5 v?tolerant inputs the mc74lvx08 is an advanced high speed cmos 2?input and gate. the inputs tolerate voltages up to 7.0 v, allowing the interface of 5.0 v systems to 3.0 v systems. features ? high speed: t pd = 4.8 ns (typ) at v cc = 3.3 v ? low power dissipation: i cc = 2  a (max) at t a = 25 c ? power down protection provided on inputs ? balanced propagation delays ? low noise: v olp = 0.5 v (max) ? pin and function compatible with other standard logic families ? latchup performance exceeds 300 ma ? esd performance: human body model > 2000 v; machine model > 200 v ? pb?free packages are available* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. marking diagrams a = assembly location wl or l = wafer lot y = year ww or w = work week tssop?14 dt suffix case 948g 14 1 soeiaj?14 m suffix case 965 soic?14 d suffix case 751a 14 1 1 14 74lvx08 alyw lvx08 awlyww 14 1 see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information 1 14 http://onsemi.com lvx 08 alyw 1 14
mc74lvx08 http://onsemi.com 2 figure 1. 14?lead pinout (top view) figure 2. logic diagram 13 14 12 11 10 9 8 2 1 34567 v cc a2 b2 o2 a3 b3 o3 a0 b0 o0 a1 b1 o1 gnd 3 o0 1 a0 2 b0 6 o1 4 a1 5 b1 11 o2 13 a2 12 b2 8 o3 10 a3 9 b3 l l h h l h l h inputs outputs an bn l l l h on function table pin names function data inputs outputs pins an, bn on ordering information device package shipping 2 mc74lvx08dr2 soic?14 2500 tape & reel mc74lvx08dr2g soic?14 (pb?free) 2500 tape & reel mc74lvx08dt tssop?14* 96 units / rail MC74LVX08DTR2 tssop?14* 2500 tape & reel mc74lvx08m soeiaj?14 50 units / rail mc74lvx08mg soeiaj?14 (pb?free) 50 units / rail mc74lvx08mel soeiaj?14 2000 tape & reel mc74lvx08melg soeiaj?14 (pb?free) 2000 tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb?free.
mc74lvx08 http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? maximum ratings ???? ???? symbol ?????????????????????? ?????????????????????? parameter ??????? ??????? value ??? ??? unit ???? ???? v cc ?????????????????????? ?????????????????????? dc supply voltage ??????? ??????? 0.5 to +7.0 ??? ??? v ???? ???? v in ?????????????????????? ?????????????????????? dc input voltage ??????? ??????? 0.5 to +7.0 ??? ??? v ???? ???? v out ?????????????????????? ?????????????????????? dc output voltage ??????? ??????? 0.5 to v cc +0.5 ??? ??? v ???? ???? i ik ?????????????????????? ?????????????????????? input diode current ??????? ??????? -20 ??? ??? ma ???? ???? i ok ?????????????????????? ?????????????????????? output diode current ??????? ??????? 20 ??? ??? ma ???? ???? i out ?????????????????????? ?????????????????????? dc output current, per pin ??????? ??????? 25 ??? ??? ma ???? ???? i cc ?????????????????????? ?????????????????????? dc supply current, v cc and gnd pins ??????? ??????? 50 ??? ??? ma ???? ???? p d ?????????????????????? ?????????????????????? power dissipation ??????? ??????? 180 ??? ??? mw ???? ???? t stg ?????????????????????? ?????????????????????? storage temperature ??????? ??????? 65 to +150 ??? ???  c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. recommended operating conditions ???? ???? symbol ?????????????????????? ?????????????????????? parameter ???? ???? min ???? ???? max ??? ??? unit ???? ???? v cc ?????????????????????? ?????????????????????? dc supply voltage ???? ???? 2.0 ???? ???? 3.6 ??? ??? v ???? ???? v in ?????????????????????? ?????????????????????? dc input voltage ???? ???? 0 ???? ???? 5.5 ??? ??? v ???? ???? v out ?????????????????????? ?????????????????????? dc output voltage ???? ???? 0 ???? ???? v cc ??? ??? v ???? ???? t a ?????????????????????? ?????????????????????? operating temperature, all package types ???? ???? -40 ???? ???? +85 ??? ???  c ???? ????  t/  v ?????????????????????? ?????????????????????? input rise and fall time ???? ???? 0 ???? ???? 100 ??? ??? ns/v ????????????????????????????????? ????????????????????????????????? dc electrical characteristics ???? ???? ???????? ???????? ??????? ??????? ??? ??? v cc ???????? ???????? t a = 25 c ?????? ?????? t a = -40 to 85 c ??? ??? ???? ???? symbol ???????? ???????? parameter ??????? ??????? test conditions ??? ??? v cc v ??? ??? min ???? ???? typ ??? ??? max ??? ??? min ???? ???? max ??? ??? unit ???? ? ?? ? ???? v ih ???????? ? ?????? ? ???????? high?level input voltage ??????? ? ????? ? ??????? ??? ? ? ? ??? 2.0 3.0 3.6 ??? ? ? ? ??? 1.5 2.0 2.4 ???? ? ?? ? ???? ??? ? ? ? ??? ??? ? ? ? ??? 1.5 2.0 2.4 ???? ? ?? ? ???? ??? ? ? ? ??? v ???? ? ?? ? ? ?? ? ???? v il ???????? ? ?????? ? ? ?????? ? ???????? low?level input voltage ??????? ? ????? ? ? ????? ? ??????? ??? ? ? ? ? ? ? ??? 2.0 3.0 3.6 ??? ? ? ? ? ? ? ??? ???? ? ?? ? ? ?? ? ???? ??? ? ? ? ? ? ? ??? 0.5 0.8 0.8 ??? ? ? ? ? ? ? ??? ???? ? ?? ? ? ?? ? ???? 0.5 0.8 0.8 ??? ? ? ? ? ? ? ??? v ???? ? ?? ? ???? v oh ???????? ? ?????? ? ???????? high?level output voltage (v in = v ih or v il ) ??????? ? ????? ? ??????? i oh = ?50  a i oh = ?50  a i oh = ?4 ma ??? ? ? ? ??? 2.0 3.0 3.0 ??? ? ? ? ??? 1.9 2.9 2.58 ???? ? ?? ? ???? 2.0 3.0 ??? ? ? ? ??? ??? ? ? ? ??? 1.9 2.9 2.48 ???? ? ?? ? ???? ??? ? ? ? ??? v ???? ? ?? ? ???? v ol ???????? ? ?????? ? ???????? low?level output voltage (v in = v ih or v il ) ??????? ? ????? ? ??????? i ol = 50  a i ol = 50  a i ol = 4 ma ??? ? ? ? ??? 2.0 3.0 3.0 ??? ? ? ? ??? ???? ? ?? ? ???? 0.0 0.0 ??? ? ? ? ??? 0.1 0.1 0.36 ??? ? ? ? ??? ???? ? ?? ? ???? 0.1 0.1 0.44 ??? ? ? ? ??? v ???? ???? i in ???????? ???????? input leakage current ??????? ??????? v in = 5.5 v or gnd ??? ??? 3.6 ??? ??? ???? ???? ??? ??? 0.1 ??? ??? ???? ???? 1.0 ??? ???  a ???? ???? i cc ???????? ???????? quiescent supply current ??????? ??????? v in = v cc or gnd ??? ??? 3.6 ??? ??? ???? ???? ??? ??? 2.0 ??? ??? ???? ???? 20.0 ??? ???  a
mc74lvx08 http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? ac electrical characteristics (input t r = t f = 3.0 ns) ???? ???? ???????? ???????? ????????? ????????? ???????? ???????? t a = 25 c ?????? ?????? t a = -40 to 85 c ??? ??? ???? ???? symbol ???????? ???????? parameter ????????? ????????? test conditions ??? ??? min ???? ???? typ ??? ??? max ??? ??? min ???? ???? max ??? ??? unit ???? ? ?? ? ???? t plh , t phl ???????? ? ?????? ? ???????? propagation delay, input to output ????????? ? ??????? ? ????????? v cc = 2.7v c l = 15 pf c l = 50 pf ??? ? ? ? ??? ???? ? ?? ? ???? 6.3 8.8 ??? ? ? ? ??? 11.4 14.9 ??? ? ? ? ??? 1.0 1.0 ???? ? ?? ? ???? 13.5 17.0 ??? ? ? ? ??? ns ???? ???? ???????? ???????? ????????? ????????? v cc = 3.3 0.3v c l = 15 pf c l = 50 pf ??? ??? ???? ???? 4.8 7.3 ??? ??? 7.1 10.6 ??? ??? 1.0 1.0 ???? ???? 8.5 12.0 ??? ??? ???? ? ?? ? ???? t oshl t oslh ???????? ? ?????? ? ???????? output?to?output skew (note 1) ????????? ? ??????? ? ????????? v cc = 2.7 v c l = 50 pf v cc = 3.3 0.3 v c l = 50 pf ??? ? ? ? ??? ???? ? ?? ? ???? ??? ? ? ? ??? 1.5 1.5 ??? ? ? ? ??? ???? ? ?? ? ???? 1.5 1.5 ??? ? ? ? ??? ns 1. skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same d evice. the specification applies to any outputs switching in the same direction, either high?to?low (t oshl ) or low?to?high (t oslh ); parameter guaranteed by design. ????????????????????????????????? capacitive characteristics ???? ???? ???????????????? ???????????????? ???????? ???????? t a = 25 c ?????? ?????? t a = -40 to 85 c ??? ??? ???? ???? symbol ???????????????? ???????????????? parameter ??? ??? min ???? ???? typ ??? ??? max ??? ??? min ???? ???? max ??? ??? unit ???? ???? cin ???????????????? ???????????????? input capacitance ??? ??? ???? ???? 4 ??? ??? 10 ??? ??? ???? ???? 10 ??? ??? pf ???? ???? c pd ???????????????? ???????????????? power dissipation capacitance (note 2) ??? ??? ???? ???? 18 ??? ??? ??? ??? ???? ???? ??? ??? pf 2. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc / 4 (per gate). c pd is used to determine the no?load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . noise characteristics (input t r = t f = 3.0 ns, c l = 50 pf, v cc = 3.3 v, measured in soic package) t a = 25 c symbol characteristic typ max unit v olp quiet output maximum dynamic v ol 0.3 0.5 v v olv quiet output minimum dynamic v ol ?0.3 ?0.5 v v ihd minimum high level dynamic input voltage 2.0 v v ild maximum low level dynamic input voltage 0.8 v figure 3. switching waveforms v cc gnd 50% 50% v cc a or b o t phl t plh *includes all probe and jig capacitance figure 4. test circuit c l * test point device under test output
mc74lvx08 http://onsemi.com 5 package dimensions soic?14 d suffix case 751a?03 issue g tssop?14 dt suffix case 948g?01 issue a notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ?a? ?b? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ?t? f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ?u? seating plane 0.10 (0.004) ?t? ??? ??? section n-n detail e j j1 k k1 detail e f m -w- 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ?v? 14x ref k n n
mc74lvx08 http://onsemi.com 6 package dimensions soeiaj?14 m suffix case 965?01 issue o h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 1.42 --- 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e l m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc74lvx08/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC74LVX08DTR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X