Part Number Hot Search : 
BR40P03 HEM772 BCM1250 0HSR3 HER203PT EC811 11F04 OT160D
Product Description
Full Text Search
 

To Download MC74HC1G14DFT2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 august, 2005 ? rev. 10 1 publication order number: mc74hc1g14/d mc74hc1g14 single inverter with schmitt?trigger input the mc74hc1g14 is a high speed cmos inverter with schmitt?trigger input fabricated with silicon gate cmos technology. the internal circuit is composed of multiple stages, including a buffer output which provides high noise immunity and stable output. the mc74hc1g14 output drive current is 1/2 compared to mc74hc series. ? high speed: t pd = 7.0 ns (typ) at v cc = 5.0 v ? low power dissipation: i cc = 1.0  a (max) at t a = 25  c ? high noise immunity ? balanced propagation delays (t plh = t phl ) ? symmetrical output impedance (i oh = i ol = 2.0 ma) ? chip complexity: fet = 101 ? pb?free packages are available figure 1. pinout (top view) v cc nc in a out y gnd figure 2. logic symbol in a out y 1 1 2 3 4 5 see detailed ordering and shipping information in the packag e dimensions section on page 4 of this data sheet. ordering information pin assignment 1 2 3 gnd nc in a 4 5v cc out y l h function table inputs outputs h l marking diagrams pin 1 ha d sot23?5/tsop?5/sc59?5 dt suffix case 483 pin 1 ha m d = date code m = month code 1 5 sc70?5/sc?88a/sot?353 df suffix case 419a 1 5 http://onsemi.com
mc74hc1g14 http://onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage  0.5 to  7.0 v v in dc input voltage  0.5 to v cc  0.5 v v out dc output voltage  0.5 to v cc  0.5 v i ik dc input diode current  20 ma i ok dc output diode current  20 ma i out dc output sink current  12.5 ma i cc dc supply current per supply pin  25 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds 260  c t j junction temperature under bias  150  c  ja thermal resistance sc70?5/sc?88a/sot?353 (note 1) sot23?5/tsop?5/sc59?5 350 230  c/w p d power dissipation in still air at 85  c sc70?5/sc?88a/sot?353 sot23?5/tsop?5/sc59?5 150 200 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 28 to 34 ul 94 v?0 @ 0.125 in v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4)  2000  200 n/a v i latchup latchup performance above v cc and below gnd at 125  c (note 5)  500 ma maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. measured with minimum pad spacing on an fr4 board, using 10 mm?by?1 inch, 2 ounce copper trace with no air flow. 2. tested to eia/jesd22?a114?a. 3. tested to eia/jesd22?a115?a. 4. tested to jesd22?c101?a. 5. tested to eia/jesd78. recommended operating conditions symbol parameter min max unit v cc dc supply voltage 2.0 6.0 v v in dc input voltage 0.0 v cc v v out dc output voltage 0.0 v cc v t a operating temperature range  55  125  c t r , t f input rise and fall time v cc = 3.3 v 0.3 v v cc = 5.0 v 0.5 v ? ? no limit no limit ns/v device junction temperature versus time to 0.1% bond failures junction temperature c time, hours time, years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 failure rate of plastic = ceramic until intermetallics occur figure 3. failure rate vs. time junction temperature normalized failure rate time, years t j = 130  c t j = 120  c t j = 110  c t j = 100  c t j = 90  c t j = 80  c
mc74hc1g14 http://onsemi.com 3 dc electrical characteristics v cc t a = 25  c t a  85  c  55  c  t a  125  c symbol parameter test conditions (v) min typ max min max min max unit v t+ positive threshold voltage 3.0 4.5 5.5 1.85 2.86 3.50 2.0 3.0 3.6 2.20 3.15 3.85 2.20 3.15 3.85 2.20 3.15 3.85 v v t? negative threshold voltage 3.0 4.5 5.5 0.9 1.35 1.65 1.5 2.3 2.9 1.65 2.46 3.05 0.9 1.35 1.65 0.9 1.35 1.65 v v h hysteresis voltage 3.0 4.5 5.5 0.30 0.40 0.50 0.57 0.67 0.74 1.20 1.40 1.60 0.30 0.40 0.50 1.20 1.40 1.60 0.30 0.40 0.50 1.20 1.40 1.60 v v oh minimum high?level output voltage v in = v ih or v il i oh = ?20  a 2.0 3.0 4.5 6.0 1.9 2.9 4.4 5.9 2.0 3.0 4.5 6.0 1.9 2.9 4.4 5.9 1.9 2.9 4.4 5.9 v v in  v t  min i oh =  2 ma i oh =  2.6 ma 4.5 6.0 4.18 5.68 4.31 5.80 4.13 5.63 4.08 5.58 v ol maximum low?level output voltage v in v t  max i ol = 20  a 2.0 3.0 4.5 6.0 0.0 0.0 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il i ol = 2 ma i ol = 2.6 ma 4.5 6.0 0.17 0.18 0.26 0.26 0.33 0.33 0.40 0.40 i in maximum input leakage current v in = 6.0 v or gnd 6.0  0.1  1.0  1.0  a i cc maximum quiescent supply current v in = v cc or gnd 6.0 1.0 10 40  a ac electrical characteristics (input t r = t f = 6.0 ns) t a = 25  c t a  85  c  55  c  t a  125  c symbol parameter test conditions min typ max min max min max unit ???? ? ?? ? ? ?? ? ???? t plh , t phl ?????? ? ???? ? ? ???? ? ?????? maximum propagation delay, input a or b to y ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ?? ?? ???????? ? ?????? ? ???????? v cc = 2.0 v c l = 50 pf v cc = 3.0 v v cc = 4.5 v v cc = 6.0 v ??? ? ? ? ??? ??? ? ? ? ??? 19 10.5 7.5 6.5 ??? ? ? ? ??? 100 27 20 17 ??? ? ? ? ??? ??? ? ? ? ??? 125 35 25 21 ???? ? ?? ? ???? ???? ? ?? ? ???? 155 90 35 26 ?? ?? ?? ???? ? ?? ? ? ?? ? ? ?? ? ???? t tlh , t thl ?????? ? ???? ? ? ???? ? ? ???? ? ?????? output transition time ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ?? ?? ???????? ? ?????? ? ? ?????? ? ???????? v cc = 2.0 v c l = 50 pf v cc = 3.0 v v cc = 4.5 v v cc = 6.0 v ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 25 16 11 9 ??? ? ? ? ? ? ? ??? 125 35 25 21 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 155 45 31 26 ???? ? ?? ? ? ?? ? ???? ???? ? ?? ? ? ?? ? ???? 200 60 38 32 ?? ?? ?? ?? ???? ???? ?????? ?????? ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ?? ?? typical @ 25  c, v cc = 5.0 v c pd power dissipation capacitance (note 6) 10 pf 6. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the no?load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74hc1g14 http://onsemi.com 4 *includes all probe and jig capacitance. a 1?mhz square input wave is recommended for propagation delay tests. figure 4. switching waveforms figure 5. test circuit c l* input output v cc gnd 50% 50% input a output y t phl t plh 90% 10% 90% 10% t tlh t thl t r t f device ordering information device nomenclature device order number logic circuit indicator temp range identifier technology device function package suffix tape and reel suffix package type tape and reel size ? mc74hc1g14dft1 mc 74 hc1g 14 df t1 sc70?5/sc?88a/ sot?353 178 mm (7 in) 3000 unit mc74hc1g14dft1g mc 74 hc1g 14 df t1 sc70?5/sc?88a/ sot?353 (pb?free) 178 mm (7 in) 3000 unit mc74hc1g14dft2 mc 74 hc1g 14 df t2 sc70?5/sc?88a/ sot?353 178 mm (7 in) 3000 unit MC74HC1G14DFT2G mc 74 hc1g 14 df t2 sc70?5/sc?88a/ sot?353 (pb?free) 178 mm (7 in) 3000 unit mc74hc1g14dtt1 mc 74 hc1g 14 dt t1 sot23?5/tsop?5/ sc59?5 178 mm (7 in) 3000 unit mc74hc1g14dtt1g mc 74 hc1g 14 dt t1 sot23?5/tsop?5/ sc59?5 (pb?free) 178 mm (7 in) 3000 unit ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc74hc1g14 http://onsemi.com 5 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a?01 obsolete. new standard 419a?02. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h ??? 0.10 ??? 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl h c n j k ?b? sc70?5/sc?88a/sot?353 df suffix 5?lead package case 419a?02 issue g *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*  mm inches  scale 20:1 0.65 0.025 0.65 0.025 0.50 0.0197 0.40 0.0157 1.9 0.0748
mc74hc1g14 http://onsemi.com 6 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. a and b dimensions do not include mold flash, protrusions, or gate burrs. dim min max min max inches millimeters a 2.90 3.10 0.1142 0.1220 b 1.30 1.70 0.0512 0.0669 c 0.90 1.10 0.0354 0.0433 d 0.25 0.50 0.0098 0.0197 g 0.85 1.05 0.0335 0.0413 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.55 0.0493 0.0610 m 0 10 0 10 s 2.50 3.00 0.0985 0.1181 0.05 (0.002) 123 54 s a g l b d h c k m j __ _ _ sot23?5/tsop?5/sc59?5 dt suffix 5?lead package case 483?02 issue c 0.7 0.028 1.0 0.039  mm inches  scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc74hc1g14/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC74HC1G14DFT2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X