Part Number Hot Search : 
LM320S BC847 4ALVC1 EH300 472ML 812H12 H8259 LS386A
Product Description
Full Text Search
 

To Download M80-7101522 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.harwin.com datamate power/signal connectors C male pc tail fully shrouded contacts, standard and 10a power. polarised mouldings. jackscrews are assembled where speci? ed. other options available, contact datamate@harwin.com 2 mm pitch male vertical pc tail with power contacts male vertical pc tail how to order recommended pc board pattern recommended pc board pattern finish 22 gold + tin m80 C 7 x x x x 22 total no. of signal contacts m80-70x 27, 36, 45, 51, 63 m80-71x 06, 15, 24, 30, 42 0 no power 1 with power series code 0 with jackscrews 2 without jackscrews calculation a c + 15.1 b c + 9 c 2 x (no. of ways per row -1) calculation a c + 29.1 b c + 23 c 2 x (no. of signal contacts per row -1) 91 91 a b c 4.5 2.0 2.0 3.0 ? 0.5 m2.5 thre ad ? 4.1 ja ckscrew + nut (when fitted) 5.7 5.8 6.2 9.1 no .1 c ont ac t 3.0 m2.5 thre ad ? 0.5 ? 1.0 ? 4.1 5.7 5.8 6.2 ja ckscrew + nut (when fitted) no .1 c ont ac t 2.0 2.0 4.5 c 6.0 4.0 a b 9.1 hole ? 0.8 ma x hole ? 1.3 ma x hole ? 3.8 requir ed when j ackscr e ws ar e fitted. otherwise optional to suit fixing chosen 4.5 c 6.0 4.0 b 2.0 2.0 4.5 c b 2.0 2.0 hole ? 3.8 requir ed when jacksr e ws ar e fitted. otherwise optional to suit fixing chosen hole ? 0.8 ma x.


▲Up To Search▲   

 
Price & Availability of M80-7101522

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X