Part Number Hot Search : 
H400TBXX LC5738 MM1414A 57715R MAX410 DMD1009 MAX16 HT9170B
Product Description
Full Text Search
 

To Download LX8587A-XXCDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 1 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? description the lx8587/87a series ics are positive regulators designed to provide 3a output current. pentium? processor and power pc? applications requiring fast transient response are ideally suited for this product family. the lx8587a is guaranteed to have <1.2 dropout at 3a and the lx8587 < 1.3v at the same current, making them ideal to provide well-regulated outputs of 2.5v to 3.6v using a 5v input supply. fixed versions are also available and specified in the available options table below. current limit is trimmed about 3.1a to ensure adequate output current and controlled short-circuit current. on-chip thermal limiting provides protection against any combination of ove rload conditions that would create excessive junction temperatures. the lx8587/87a family of products are available in the to- 220 through hole, the to-263 surface-mount, and the to-252 surface-mount packages. for higher current applications see the lx8585 and the lx8584 data sheets. important: for the most current data, consult microsemi ?s website: http://www.microsemi.com product highlight t ypical a pplication of the lx8587/87a in a 5v to 3.3v m otherboard *1500f 6mv1500gx sanyo 121 1% 200 1% in adj out v in > 4.75v 3.3v at 3a 1500f 2x 6mv1500gx sanyo + + lx8587a the output capacitors must be low esr an d low esl type for good transient response . key features ? three-terminal adjustable or fixed output ? guaranteed < 1.2v headroom at 3a (lx8587a) ? guaranteed < 1.3v headroom at 3a (lx8587) ? output current of 3a ? fast transient response ? 1% voltage reference initial accuracy ? output short circuit protection ? built-in thermal shutdown applications ? pentium processor supplies ? power pc supplies ? microprocessor supplies ? low voltage logic supplies ? post regulator for switching supply ? asic & low voltage chipset supplies ? graphics & sound cards ? processor i/o supply part # output voltage lx8587/87a-00 adjustable lx8587/87a-15 1.5v lx8587/87a-33 3.3v table 1 - available options package order info dt plastic to-252 (d-pak) 3-pin p plastic to-220 3-pin dd plastic to-263 3-pin t a ( c) max dropout voltage rohs compliant transition dc: 0532 rohs compliant transition dc: 0543 rohs compliant transition dc: 0535 1.3v lx8587-xxcdt lx8587-xxcp lx8587-xxcdd 0 to 125 1.2v LX8587A-XXCDT lx8587a- xxcp lx8587a-xxcdd note: available in tape & reel. append the lett ers ?tr? to the part number. (i.e. lx8587-00cp-tr) l l x x 8 8 5 5 8 8 7 7 x x
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 2 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? absolute maximum ratings power dissipati on ................................................................................... internal ly limited input volt age ................................................................................................................ 10 v input to output volta ge differen tial............................................................................. 10v maximum output current............................................................................................... 5a maximum operating junc tion temperat ure .............................................................. 150c storage temperature ra nge........................................................................ -65 c to 150c peak package solder reflow temp. ( 40 seconds max. expos ure) .................260c (+0,-5) note: exceeding these ratings could cause damage to th e device. all voltages are with respect to ground. currents are positive into, ne gative out of specified terminal. thermal data dd plastic to-263 3-pin thermal resistance - junction to a mbient , ja 60 c/w thermal resistance - junction to t ab , jt 2.7c/w p plastic to-220 3-pin thermal resistance - junction to a mbient , ja 60 c/w thermal resistance - junction to t ab , jt 2.7c/w dt plastic to-252 3-pin thermal resistance - junction to a mbient , ja 60 c/w thermal resistance - junction to t ab , jt 2.7c/w junction temperature calculation: t j = t a + (p d x jt ). the ja & jt numbers are guidelines for the thermal performance of the device/pc-board system. all of the above assume no ambient airflow. package pin out 1 v in adj / gnd* v out 2 3 tab is v out dd p ackage (3- pin ) (top view) v in v out adj/ gnd * tab is v out 3 2 1 dt p ackage (3- pin ) (top view) tab is v out adj / gnd* v out v in 1 2 3 p p ackage (3- pin ) (top view) * pin 1 is gnd for fixed voltage versions rohs 100% matte tin lead finish p p a a c c k k a a g g e e d d a a t t a a
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 3 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? electrical characteristics unless otherwise specified, the following sp ecifications apply over th e operating ambient temperature for the lx8587x-xx with 0 c t a 125 c. test conditions: v in -v out = 3v; i out = 3a. low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature. lx8587x-xx parameter symbol test conditions min typ max units ` lx8587-00/87a-00 (adjustable) i out = 10ma, t a = 25c 1.238 1.250 1.262 v reference voltage v ref 10ma < i out < 3a, 1.5v < (v in ? v out ), vin < 7v, p < p max 1.225 1.250 1.275 v line regulation (note 2) v ref (v in ) i out = 10ma, 1.5v < (v in ? v out ), v in < 7v 0.035 0.20 % load regulation (note 2) v ref (i out ) v in ? v out = 3v, 10ma < i out < 3a 0.1 0.5 % thermal regulation v out (pwr) t a = 25c, 20ms pulse 0.01 0.02 % / w ripple rejection (note 3) v out = 3.3v, f= 120hz, c out = 100f tantalum, v in = 5v, c adj = 10f, i out = 3a 65 83 db adjust pin current i adj 55 100 a adjust pin current change i adj 10ma < i out < 3a, 1.5v < (v in -v out ), v in < 7 v 0.2 5 a v ref = 1%, i out = 3a 1.1 1.3 v dropout voltage lx8587-00 lx8587a-00 v v ref = 1%, i out = 3a 1 1.2 v minimum load current i out(min) v in < 7v 2 10 ma maximum output current i out(max) 1.4v < (v in - v out ), v in < 7v 3 5 a temperature stability v out (t) 0.25 % long term stability (note 3) v out (t) t a = 125c, 1000 hours 1 % rms output noise (% of v out ) (note 3) v out(rms) t a = 25c, 10hz < f < 10khz 0.003 % ` lx8587-15/87a-15 (1.5v fixed) v in = 5v, i out = 0ma, t a = 25c 1.485 1.50 1.515 v output voltage v out 3.0v < v in < 7v, 0ma < i out < 3a, p < p max 1.470 1.50 1.530 v 4.75v < v in < 7v 1 6 mv line regulation (note 2) v out (v in ) 4.75v < v in < 10v 2 10 mv load regulation (note 2) v out (i out ) v in = 5v, 0ma < i out < i out(max) 5 7.5 mv thermal regulation (note 3) v out (pwr) t a = 25c, 20ms pulse 0.01 0.02 % / w ripple rejection (note 3) c out = 100f (tantalum), i out = 3a 60 75 db quiescent current i q 0ma < i out < i out(max) , 4.75v < v in < 10v 4 10 ma v out = 1%, i out < i out(max) 1.1 1.3 v dropout voltage lx8587-15 lx8587a-15 v v out = 1%, i out < i out(max) 1 1.2 v e e l l e e c c t t r r i i c c a a l l s s
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 4 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? electrical characteristics (continued) unless otherwise specified, the following sp ecifications apply over the operating ambi ent temperature for the lx8585x-xxc with 0 c t a 125 c and the lx8585-xxi with -25 c t a c except where otherwise noted. test conditions: v in -v out = 3v; i out = 3a. low duty cycle pulse testing tech niques are used which maintains junction a nd case temperatures equal to the ambient temperature. lx8587x-xx parameter symbol test conditions min typ max units ` lx8587-15 / 8587a-15 (1.5v fixed)(continued) maximum output current i out(max) v in < 7v 3.0 5.0 a temperature stability (note 3) v out (t) 0.25 % long term stability (note 3) v out (t) t a =125c, 1000 hours 0.3 1 % rms output noise (% of v out ) (note 3) v out (rms) t a =25c, 10hz < f < 10khz 0.003 % ` lx8587-33/87a-33 (3.3v fixed) v in =5v, i out =0ma, t a =25c 3.267 3.3 3.333 v output voltage v out 4.75v < v in < 10v, 0ma < i out < 3a, p < p max 3.235 3.3 3.365 v 4.75v < v in < 7v 1 6 mv line regulation (note 2) v out (v in ) 4.75v < v in < 10v 2 10 mv load regulation (note 2) v out (i out ) v in =5v, 0ma < i out < i out(max) 5 15 mv thermal regulation v out (pwr) t a =25c, 20ms pulse 0.01 0.02 % / w ripple rejection (note 3) c out =100f (tantalum), i out =3a 60 75 db quiescent current i q 0ma < i out < i out(max) , 4.75v < v in < 10v 4 10 ma v out =1%, i out < i out(max) 1.1 1.3 v dropout voltage lx8587-33 lx8587a-33 v v out =1%, i out < i out(max) 1 1.2 v maximum output current i out(max) v in < 7v 3 5.0 a temperature stability (note 3) v out (t) 0.25 % long term stability (note 3) v out (t) t a =125c, 1000 hours 0.3 1 % rms output noise (% of v out ) (note 3) v out (rms) t a =25c, 10hz < f < 10khz 0.003 % note 2 regulation is measured at constant junction temperature, using pulse tes ting with a low duty cycle. changes in output voltage due to heating effects are covered unde r the specification for thermal regulation. note 3 these parameters, although guaran teed, are not tested in production. e e l l e e c c t t r r i i c c a a l l s s
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 5 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? application notes the lx8587/87a series ics are easy to use low-dropout (ldo) voltage regulators. they ha ve all of the standard self- protection features expected of a voltage regulator: short circuit protection, safe operating area protection and automatic thermal shutdown if the device temperat ure rises above approximately 165c. use of an output capacitor is required with the lx8587/87a series. please see the table below for recommended minimum capacitor values. these regulators offer a more tightly controlled reference voltage tolerance and superior re ference stability when measured against the older pin-compatible regul ator types that they replace. stability the output capacitor is part of the regulator?s frequency compensation system. many types of capacitors are available, with different capacitance value tolerances, capacitance temperature coefficients, and equivalent series impedances. for all operating conditions, conn ection of a 220f aluminum electrolytic capacitor or a 47f (<400m esr) solid tantalum capacitor between the output terminal and ground will guarantee stable operation. if a bypass capacitor is connected between the output voltage adjust (adj) pin and ground, ri pple rejection will be improved (please see the section entitled ?ripple rejection?). when adj pin bypassing is used, the required output capacitor value increases. output capacitor valu es of 220f (aluminum) or 47f (tantalum) provide for all cases of bypassing the adj pin. if an adj pin bypass capacitor is not used, smaller output capacitor values are adequate. the table below shows recommended minimum capacitance values for operation. minimum capacitor values input output adj 10f 15f tantalum, 100f aluminum none 10f 47f tantalum, 220f aluminum 15f to ensure good transient response from the power supply system under rapidly changing current load conditions, designers generally use several output capa citors connected in parallel. such an arrangement serves to minimize the effects of the parasitic resistance (esr) and inductance (esl) that are present in all capacitors. cost-effective solutions that sufficiently limit esr and esl effects generally result in total capacitance values in the range of hundreds to thousands of microfarads, which is more than adequate to meet regulator output capacitor specifications. output capacitance values may be increased without limit. the circuit shown in figure 1 can be used to observe the transient response characteristics of the regulator in a power system under changing loads. the effects of different capacitor types and values on transient response parameters, such as overshoot and under-shoot, can be compared quickly in order to develop an optimum solution. power supply in adj out star ground minimum load (larger resistor) full load (smaller resistor) r dson << r l 10ms 1 sec figure 1 - dynamic input and output test overload recovery like almost all ic power regulators, the lx8587/87a regulators are equipped with safe operating area (soa) protection. the soa circuit li mits the regulator's maximum output current to progressively lower values as the input-to-output voltage difference increases. by limiting the maximum output current, the soa circuit keeps the amount of power that is dissipated in the regulator itself within safe limits for all values of input-to-output voltage within the operating range of the regulator. the lx8587/87a soa pr otection system is designed to be able to supply some output current for all values of input-to- output voltage, up to the device breakdown voltage. under some conditions, a correctly operating soa circuit may prevent a power supply system fro m returning to regulated opera- tion after removal of an intermitte nt short circuit at the output of the regulator. this is a normal m ode of operation, which can be seen, in most similar products, including older devices such as 7800 series regulators. it is most likely to occur when the power system input voltage is relativel y high and the load impedance is relatively low. when the power system is star ted ?cold?, both the input and output voltages are very close to zero. the output voltage closely follows the rising input voltage , and the input-to-output voltage difference is small. the soa circuit therefore permits the regulator to supply large amounts of current as needed to develop the designed voltage level at the regulator output. now consider the case where the regulator is supplying regulated voltage to a resistive load under steady state conditions. a moderate input-to-out put voltage appears across the regulator but the voltage difference is small enough that the soa circuitry allows sufficient current to flow through the regulator to develop the designed output voltage across the load resistance. if the output resistor is short-circui ted to ground, the input-to-output voltage difference across the regulator suddenly becomes larger by the amount of voltage that had appeared across the load resistor. the soa circuit read s the increased input-to-output voltage, and cuts back the amount of current that it will permit the regulator to supply to its output terminal. when the short circuit across the output resistor is removed, all the regulator output current will again flow through the output resistor. the maximum current that the regulator can supply to the resistor will be limited by the soa circuit, based on the large input-to-output a a p p p p l l i i c c a a t t i i o o n n s s
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 6 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? application notes (continued) overload recovery (continued) voltage across the regulator at the time the short circuit is removed from the output. if this limited current is not sufficient to develop the designed voltage across the output resistor, the voltage will stabilize at some lower value, and will never reach the designed value. under these circumstances, it may be necessary to cycle the input voltage down to zero in order to make the regulator output voltage return to regulation. ripple rejection ripple rejection can be impr oved by connecting a capacitor between the adj pin and ground. the value of the capacitor should be chosen so that the impe dance of the capacitor is equal in magnitude to the resistance of r1 at the ripple frequency . the capacitor value can be determined by using this equation: () 1 28 . 6 1 r f c r = where: c the value of the capacitor in farads; select an equal or larger standard value. f r the ripple frequency in hz r 1 the value of resistor r1 in ohms at a ripple frequency of 120hz, with r1= 100 ? : () f hz 3 . 13 100 120 28 . 6 1 = = c the closest equal or larger standard value should be used, in this case, 15f. when an adj pin bypass capacitor is used, output ripple amplitude will be e ssentially independent of the output voltage. if an adj pin bypass capacitor is not used, output ripple will be proportional to the ratio of the output voltage to the reference voltage: ref out v v = m where: m a multiplier for the ripple seen when the adj pin is optimally bypassed. v ref 1.25v for example, if v out = 2.5v the output ripple will be: 2 25 . 1 5 . 2 = = v v m output ripple will be twice as bad as it would be if the adj pin were to be bypassed to ground with a properly selected capacitor. output voltage the lx857/87a ics develop a 1.25v reference voltage between the output and the adjust terminal (see figure 2). by placing a resistor, r1, between these two terminals, a constant current is caused to flow through r1 and down through r2 to set the overall output voltage. normally this current is the specified minimum load current of 10ma. because i adj is very small and constant when compared with the current through r1, it represents a small error a nd can usually be ignored. r1 r2 in adj out figure 2 - basic adjustable regulator v in i adj 50a v ref v out 2 1 2 1 r i r r v v adj ref out + ? ? ? ? ? ? ? + = load regulation because the lx8587/87a regulators are three-terminal devices, it is not possible to provi de true remote load sensing. load regulation will be limited by the resistance of the wire connecting the regulator to the load. the data sheet specification for load regulation is measured at the bottom of the package. negative side sensing is a true kelvin connection, with the bottom of the output divider returned to the negative side of the load. although it may not be immediately obvious, best load regulation is obtained when the t op of the resistor divider, ( r 1), is connected directly to the case of the regulator, not to the load. this is illustrated in figure 3. if r 1 were connected to the load, the effective resistance between the regulator and the load would be: ? ? ? ? ? ? + = 1 1 2 r r r r r p peff where: r p actual parasitic line resistance. when the circuit is connected as shown in figure 3, the parasitic resistance appears as its actual value, rather than the higher r peff . r p parasitic line resistance r l r2 in adj out figure 3 - connections for best load regulatio n r1 v in connect r1 to case of regulator connect r2 to load a a p p p p l l i i c c a a t t i i o o n n s s
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 7 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? application notes (continued) load regulation (continued) even when the circuit is configured optimally, parasitic resistance can be a significant source of error. a 100 mil. wide pc trace built from 1 oz. copper-cl ad circuit board material has a parasitic resistance of about 5 milliohms per inch of its length at room temperature. if a 3-terminal regulator used to supply 2.50 volts is connected by 2 inches of this trace to a load which draws 5 amps of current, a 50 millivolt drop will appear between the regulator and the load. even when the regulator output voltage is precisely 2.50 volts, the load will only see 2.45 volts, which is a 2% error. it is important to keep the connection between the regulator output pin and the load as short as possible, and to use wide traces or heavy-gauge wire. the minimum specified output capacitance for the regulator should be located near the regulator package. if several capacitors are used in parallel to construct the power system output capacitance, any capacitors beyond the minimum needed to meet the specified requirements of the regulator should be located near the sections of the load that require rapidly-changing amounts of current. placing capacitors near the sources of load transients will help ensure that power system tr ansient response is not impaired by the effects of trace impedance. to maintain good load regulation , wide traces should be used on the input side of the regulator , especially between the input capacitors and the regulator. input capacitor esr must be small enough that the voltage at the input pin does not drop below v in(min) during transients. x) dropout(ma out ? ( ?? ) v v v + = where: v in(min) the lowest allowable instantaneous voltage at the input pin. v out the designed output voltage for the power supply system. v dropout(max) the specified dropout voltage for the installed regulator. thermal considerations the lx8587/87a regulators have internal power and thermal limiting circuitry designed to protect each device under overload conditions. for continuous normal load conditions, however, maximum junction temperature rati ngs must not be exceeded. it is important to give careful c onsideration to all sources of thermal resistance from junction to ambient. this includes junction to case, case to heat sink interface, and heat sink thermal resistance itself. junction-to-case thermal resistance is specified from the ic junction to the back surface of the case directly opposite the die. this is the lowest resistance path for heat flow. proper mounting is required to ensure the best possible thermal flow from this area of the package to the heat sink. thermal compound at the case to heat sink interface is strongly recommended. if the case of the device must be elec trically isolated, a thermally conductive spacer can be used, as long as its added contribution to thermal resistance is considered. note that the case of all devices in this series is electrically c onnected to the output. example given: v in = 5v v out = 2.8v i out = 5.0a t a = 50c r jt = 2.7c/w for to-220 300 ft/min airflow available find: proper heat sink to keep ic?s junction temperature below 125c.** solution: the junction temperature is: a sa cs jt j t ) r r (r t + + + = d p where: p d dissipated power. r jt thermal resistance from the junction to the mounting tab of the package. r cs thermal resistance through the interface between the ic and the surface on whic h it is mounted. (1.0c/w at 6 in-lbs mounting screw torque). r sa thermal resistance from the mounting surface to ambient (thermal resistance of the heat sink). t s heat sink temperature. t j t c t s t a r jt r cs r sa first, find the maximum allowable thermal resistance of the heat sink: () cs jt d a j sa r r p t t r + ? ? = 11.0w a 5 2.8v 5.0v = ? = ? = d d p p 0 . ) ( i ) v (v out out in(max) c/w c/w) 1.0 c/w (2.7 5.0a * 2.8v) (5.0v c 50 c 125 = + ? ? ? = 1 . 3 r r sa sa next, select a suitable heat sink. the selected heat sink must have r sa < 3.1c/w. thermalloy heatsink 6296b has r sa = 3.0c/w with 3000ft/min air flow. finally, verify that junction temperature remains within speci- fication using the selected heat sink: c 124 c 50 c/w) 3.0 c/w 1.0 c/w 11w(2.7 = + + + = j j t t ** although the device can operate up to 150 c junction, it is recommended for long term reliability to keep the junction temp erature below 125c whenever possible. a a p p p p l l i i c c a a t t i i o o n n s s
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 8 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? typical applications 10f r1 121 1% r2 365 1% in adj out figure 4 - improving ripple rejection v in v out c1 10f* 150f + + * c1 improves ripple rejection. x c should be r1 at ripple frequency. (note a) c1* 10f r1 121 1% r2 1k in adj out figure 5 - 1.2v - 8v adjustable regulator v in v out ** c2 100f + + * needed if device is far from filter capacitors. ? ? ? ? ? ? + = r1 r2 1 1.25v *v * out (note a) 10f 365 1% 100f 1k 1k 121 1% 2n3904 in adj out figure 6 - 5v regulator with shutdown ttl output v in 5v + + (note a) in adj out figure 7 - fixed 3.3v output regulator v in 3.3v 10f tantalum or 100f aluminum min. 15f tantalum or 100f aluminum capacitor. may be increased without limit. esr must be less than <400m . note a: x) dropout(ma out in(min) v ) v v intended + = ( a a p p p p l l i i c c a a t t i i o o n n s s
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 9 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? package dimensions p 3-pin plastic to-220 a g f q b d h c j r k l n s t u 123 m illimeters i nches dim min max min max a 14.22 15.88 0.560 0.625 b 9.65 10.67 0.380 0.420 c 3.56 4.83 0.140 0.190 d 0.51 1.14 0.020 0.045 f 3.53 4.09 0.139 0.161 g 2.54 bsc 0.100 bsc h 6.35 0.250 j 0.30 1.14 0.012 0.045 k 12.70 14.73 0.500 0.580 l 1.14 1.27 0.045 0.050 n 5.08 typ 0.200 typ q 2.54 3.05 0.100 0.120 r 2.03 2.92 0.080 0.115 s 1.14 1.40 0.045 0.055 t 5.84 6.86 0.230 0.270 u 0.508 1.14 0.020 0.045 dd 3-pin plastic to-263 a b k i f h c d 0 -8 m n j seating plane e g m illimeters i nches dim min max min max a 10.03 10.67 0.395 0.420 b 8.51 9.17 0.335 0.361 c 4.19 4.59 0.165 0.181 d 1.14 1.40 0.045 0.055 e 0.330 0.51 0.013 0.020 f 1.19 1.34 0.047 0.053 g 2.41 2.66 0.095 0.104 h 2.29 2.79 0.090 0.110 i ? 1.65 ? 0.065 j 0 0.25 0 0.010 k 14.60 15.87 0.575 0.625 m 7 7 n 3 3 note: dimensions do not include mold flash or protrusions; these shall not exceed 0.155m m(.006?) on any side. lead dimension shall not include solder coverage. m m e e c c h h a a n n i i c c a a l l s s
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 10 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? package dimensions dt 3-pin plastic to-252 w k r x a l u o p n b d c e f g i j m q v h 0.23 m illimeters i nches dim min max min max a 6.47 6.73 0.255 0.265 b 5.97 6.23 0.235 0.245 c 2.16 2.42 0.085 0.095 d 0.68 0.94 0.027 0.037 e 0.38 0.64 0.015 0.025 f 0.63 0.89 0.025 0.035 g 2.16 2.42 0.085 0.095 h 0.84 1.10 0.033 0.043 i 0.89 1.15 0.035 0.045 j 2.44 2.70 0.096 0.106 k 9.55 9.81 0.376 0.386 l 5.20 5.46 0.205 0.215 m 7.0 7.0 n 0.51 0.77 0.020 0.030 o 0.51 0.77 0.020 0.030 p 4.19 4.45 0.165 0.175 q 0.76 1.02 0.030 0.040 r 0.48 0.74 0.019 0.029 u 0.51 0.77 0.020 0.030 v 45 45 w 1.44 1.70 0.057 0.067 x 0 0.10 0 0.004 m m e e c c h h a a n n i i c c a a l l s s
microsemi integrated products 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 11 copyright ? 2000 rev. 2.0a, 2005-10-25 www. microsemi . com lx8587x-xx 3a low dropout positive re g ulators p roduction d ata s heet tm ? notes production data ? information contained in this document is proprietary to linfinity and is current as of publication date. this document may not be modified in any way without the express written consent of linfinity. product processing does not necessarily include testing of all parameters. linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time. n n o o t t e e s s


▲Up To Search▲   

 
Price & Availability of LX8587A-XXCDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X