Part Number Hot Search : 
SD215 STK6722H 4520B 25LC512T LM4041 15KPA70A CS812C1 5KP110CA
Product Description
Full Text Search
 

To Download ISM91-5256EH-20000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5 mm x 7 mm ceramic package smd oscillator, ttl / hc-mos ism91 series ilsi america phone: 775-851-8880 ? fax: 775-851-8882? e-mail: e-mail@ilsiamerica.com ? www.ilsiamerica.com 06/09_b specifications subject to change without notic e page 1 pin connection 1 enable / disable 2 ground 3 output 4 vdd dimension units: mm recommended pad layout (top view) product features: applications: low jitter, non-pll based output fibre channel cmos/ttl compatible logic levels server & storage compatible with leadfree processing sonet /sdh 802.11 / wifi t1/e1, t3/e3 system clock note: a 0.01 f bypass capacitor is recommended between vcc (p in 4) and gnd (pin 2) to minimize power supply noise. * not available at all frequencies. ** not available for a ll temperature ranges. *** frequency, supply, and load related pa rameters. frequency 1 mhz to 170.000 mhz output level hc-mos ttl ?0? = 0.1 vcc max., ?1? = 0.9 vcc min. ?0? = 0.4 vdc max., ?1? = 2.4 vdc min. duty cycle specify 50% 10% or 5% see table in part number guide rise / fall time 5 ns max. @ vcc = +3.3 vdc, 10 ns max. @ vcc = +5 vdc *** output load fo < 50 mhz = 10 ttl, fo > 50 mhz = 5 lsttl see table in part number guide frequency stability see frequency stability table (includes room temperature tolerance and stability over operating temperature) start-up time 10 ms max. enable / disable time 100 ns max. supply voltage see input voltage table, tolerance 5 % current 70 ma max. *** operating see operating temperature table in part number guide storage -55 c to +125 c jitter: rms(1sigma) 1 mhz-75 mhz 76 mhz-170 mhz 5 ps rms (1 sigma) max. accumulated jitter (20k adjacent periods) 3 ps rms (1 sigma) max. accumulated jitter (20k adjacent periods) max integrated 1 mhz-75 mhz 76 mhz-170 mhz 1.5 ps rms (1 sigma -12khz to 20mhz) 1 ps rms (1 sigma -12khz to 20mhz) max total jitter 1 mhz-75 mhz 76 mhz-170 mhz 50 ps p-p (100k adjacent periods) 30 ps p-p (100k adjacent periods) part number guide sample part number: ism91 - 3251bh - 20.000 package input voltage operating temperature symmetry (duty cycle) output stability (in ppm) enable / disable frequency i sm91 - 5 = 5.0 v 1 = 0 c to +70 c 5 = 45 / 55 max. 1 = 10ttl / 15 pf hc-mos **e = 10 h = enable - 20.000 mhz 3 = 3.3 v 6 = -10 c to +70 c 6 = 40 / 60 max. 5 = 50 pf hc-mos (<40 mhz) **d = 15 o = n/c 7 = 3.0 v 3 = -20 c to +70 c 6 = 30 pf **f = 20 2 = 2.7 v 4 = -30 c to +75 c a = 25 6 = 2.5 v 2 = -40 c to +85 c b = 50 1 = 1.8 v* c = 100
5 mm x 7 mm ceramic package smd oscillator, ttl / hc-mos ism91 series ilsi america phone: 775-851-8880 ? fax: 775-851-8882? e-mail: e-mail@ilsiamerica.com ? www.ilsiamerica.com 06/09_b specifications subject to change without notic e page 2 pb free solder reflow profile: typical application: *units are backward compatible with 240c reflow processes package information: msl = n.a. (package does not contain plastic, st orage life is unlimited under normal room conditions). termination = e4 (au over ni over w base metalization). tape and reel information: environmental specifications thermal shock mil-std-883, method 1011, condition a moisture resistance mil-std-883, method 1004 mechanical shock mil-std-883, method 2002, condition b mechanical vibration mil-std-883, method 2007, condition a resistance to soldering heat j-std-020c, tabl e 5-2 pb-free devices (except 2 cycles max) hazardous substance pb-free / rohs / green compliant solderability jesd22-b102-d method 2 (preconditioning e) terminal strength mil-std-883, method 2004, test condition d gross leak mil-std-883, method 1014, condition c fine leak mil-std-883, method 1014, condition a2, r1=2x10-8 atm cc/s solvent resistance mil-std-202, method 215 marking line 1: ilsi and date code (yww) line 2: frequency quantity per reel 1000 a 16 +/-.3 b 8 +/-.2 c 7.5 +/-.2 d 17.5 +/-1 e 50 / 60 / 80 f 180 / 250


▲Up To Search▲   

 
Price & Availability of ISM91-5256EH-20000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X