Part Number Hot Search : 
00080 74HC299 SMC13C CPC5603C MM3033E 00035 RN2909 PE9375
Product Description
Full Text Search
 

To Download IRLML2246TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  03/09/12 IRLML2246TRPBF hexfet   power mosfet www.irf.com 1 ordering information: see detailed ordering and shipping information on the last page of this data sheet. notes   through  are on page 10 application(s) micro3 tm (sot-23) IRLML2246TRPBF features and benefits ? system/load switch      v ds -20 v v gs max 12 v r ds(on) max (@v gs = -4.5v) 135 m ? r ds(on) max (@v gs = -2.5v) 236 m ? absolute maximum ratings symbol parameter units v ds drain-source voltage v i d @ t a = 25c continuous drain current, v gs @ -10v i d @ t a = 70c continuous drain current, v gs @ -10v i dm pulsed drain current p d @t a = 25c maximum power dissipation p d @t a = 70c maximum power dissipation linear derating factor w/c v gs gate-to-source voltage v t j, t stg junction and storage temperature range c thermal resistance symbol parameter typ. max. units r ? ja junction-to-ambient ??? 100 r ? ja junction-to-ambient (t<10s)  ??? 99 max. -2.6 -2.1 -55 to + 150 12 0.01 -20 1.3 0.80 -11 w c/w a features benefits industry-standard pinout multi-vendor compatibility compatible with existing surface mount techniques results in easier manufacturing rohs compliant containing no lead, no bromide and no halogen ?
 
2 www.irf.com g d s electric characteristics @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage -20 ??? ??? v ? ? ? gfs forward transconductance 3.4 ??? ??? s q g total gate charge ??? 2.9 ??? q gs gate-to-source charge ??? 0.52 ??? q gd gate-to-drain ("miller") charge ??? 1.2 ??? t d(on) turn-on delay time ??? 5.3 ??? t r rise time ??? 7.7 ??? t d(off) turn-off delay time ??? 26 ??? t f fall time ??? 16 ??? c iss input capacitance ??? 220 ??? c oss output capacitance ??? 70 ??? c rss reverse transfer capacitance ??? 48 ??? source - drain ratings and characteristics symbol parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? -1.2 v t rr reverse recovery time ??? 17 26 ns q rr reverse recovery charge ??? 6.2 9.3 nc ??? ??? ??? ??? pf a -1.3 -11 v dd =-10v  na nc ns v ds = v gs , i d = -10 a v ds = -16v, v gs = 0v v ds = -16v, v gs = 0v, t j = 125c r ds(on) v gs = -2.5v, i d = -2.1a  static drain-to-source on-resistance drain-to-source leakage current a m ? conditions v gs = 0v, i d = -250 a reference to 25c, i d = -1ma v gs = -4.5v, i d = -2.6a  mosfet symbol showing the v ds =-10v conditions v gs = -4.5v v gs = 0v v ds = -16v ? = 1.0khz r g = 6.8 ? v gs = -4.5v  di/dt = 100a/ s  v gs = 12v v gs = -12v t j = 25c, i s = -2.6a, v gs = 0v  integral reverse p-n junction diode. v ds = -10v, i d = -2.6a i d = -2.6a i d = -1.0a t j = 25c, v r = -15v, i f =-2.6a
 
www.irf.com 3 fig 3. typical transfer characteristics fig 2. typical output characteristics fig 1. typical output characteristics fig 4. normalized on-resistance vs. temperature 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top -10v -4.5v -3.0v -2.5v -2.3v -2.0v -1.8v bottom -1.5v ? 60 s pulse width tj = 25c -1.5v 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) -1.5v ? 60 s pulse width tj = 150c vgs top -10v -4.5v -3.0v -2.5v -2.3v -2.0v -1.8v bottom -1.5v 0.5 1.0 1.5 2.0 2.5 3.0 3.5 -v gs , gate-to-source voltage (v) 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = -15v ? 60 s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.6 0.8 1.0 1.2 1.4 1.6 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = -2.6a v gs = -4.5v
 
4 www.irf.com fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 8. maximum safe operating area fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 012345678 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 - v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = -16v v ds = -10v v ds = -4.0v i d = -2.6a 0.2 0.4 0.6 0.8 1.0 1.2 -v sd , source-to-drain voltage (v) 0.1 1 10 100 - i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 0.10 1.0 10 100 -v ds , drain-to-source voltage (v) 0.1 1 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) t a = 25c tj = 150c single pulse 100 sec 1msec 10msec
 
www.irf.com 5 fig 11. typical effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. ambient temperature 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 100 1000 t h e r m a l r e s p o n s e ( z t h j a ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthja + t a fig 10b. switching time waveforms     

????  

???????          + - v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10a. switching time test circuit 25 50 75 100 125 150 t a , ambient temperature (c) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 - i d , d r a i n c u r r e n t ( a )
 
6 www.irf.com fig 13. typical on-resistance vs. drain current fig 12. typical on-resistance vs. gate voltage fig 14b. gate charge test circuit fig 14a. basic gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr 1k vcc dut 0 l s 20k s 1 2 3 4 5 6 7 8 9 10 11 12 -v gs, gate -to -source voltage (v) 50 100 150 200 250 300 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = -2.6a t j = 25c t j = 125c 0 2 4 6 8 10 12 14 16 -i d , drain current (a) 0 200 400 600 800 1000 1200 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) vgs = -2.5v vgs = -4.5v
 
www.irf.com 7 fig 15. typical threshold voltage vs. junction temperature   typical power vs. time 1e-7 1e-6 1e-5 1e-4 1e-3 1e-2 1e-1 1e+0 time (sec) 0 200 400 600 800 1000 s i n g l e p u l s e p o w e r ( w ) -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 - v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = -10 a i d = -250 a
 
8 www.irf.com micro3 (sot-23/to-236ab) part marking information 
   
  
    

 
     
      
 !  e e1 e d a b 0.15 [0.006] e1 1 2 3 m cba 5 6 6 5 notes: b a1 3x a a2 a b c m 0.20 [0.008] 0.10 [0.004] c c 1. dimensioning & tolerancing per ansi y14.5m-1994 2. dimensions are shown in millimeters [inches]. 3. controlling dimension: millimeter. 4. datum plane h is located at the mold parting line. 5. datum a and b to be determined at datum plane h. 6. dimensions d and e1 are measured at datum plane h. dimensions does not include mold protrusions or interlead flash. mold protrusions or interlead flash shall not exceed 0.25 mm [0.010 inch] per side. 7. dimension l is the lead length for soldering to a substrate. 8. outline conforms to jedec outline to-236 ab. 0.89 1.12 symbol max min a1 b 0.01 0.10 c 0.30 0.50 d 0.08 0.20 e 2.80 3.04 e1 2.10 2.64 e 1.20 1.40 a 0.95 bsc l 0.40 0.60 08 millimeters a2 0.88 1.02 e1 1.90 bsc ref 0.54 l1 bsc 0.25 l2  bsc  ref  
 
inches 8 0     
          0.0004 min max  
dimensions 0.972 1.900 recommended footprint 0.802 0.950 2.742 3x l c l2 h 4 l1 7 
  

  
 

     
                                  !    "    "  #          !          date code marking instructions  
 $

# %      #                                        
                             
                                      
           
           
          
           
           
        
                        
      
                          


         

        


        


        


         

         
         
  !  "                                   "          #                                  $           %         &           
 
www.irf.com 9  ?? (sot-23) ?   
  
    2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541.  
         
    
 
10 www.irf.com data and specifications subject to change without notice. ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 03/2012  qualification standards can be found at international rectifier?s web site http://www.irf.com/product-info/reliability  higher qualification ratings may be available should the user have such requirements. please contact your international rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/  applicable version of jedec standard at the time of product release.   repetitive rating; pulse width limited by max. junction temperature.  pulse width ? 400 s; duty cycle ? 2%.  surface mounted on 1 in square cu board.  refer to application note #an-994. ms l 1 (per ipc/je de c j-s t d-020d ??? ) rohs compliant yes micro3 (sot-23) qualification information ? moisture sensitivity level qualification level cons umer ?? (per je de c je s d47f ??? guidelines ) note form quantity IRLML2246TRPBF micro3 (sot-23) tape and reel 3000 orderable part number package type standard pack


▲Up To Search▲   

 
Price & Availability of IRLML2246TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X