note: all specifications are subject to change without notice. 09-49 09 features embedded & industrial motherboards specifications atx ddr2 400/533 mhz up to 2 gb via c7? 1.0 ghz onboard parallel x 1 lan x 2 usb audio vga com keyboard & mouse floppy ide compactflash? sata 1.5gb/s x 2 isa x 2 pci x 3 industrial motherboard with via c7?/ eden? processor packing list IMBM-700 via c7?/ eden? processor, up to 2.0 ghz via cn700 ddr2 400/533 memory (up to 2 gb) 10/100base-tx x 1 & gigabit ethernet x 1 (x 2 optional) enhanced integrated graphics, vga support ultra ata100 x 1, sata 1.5gb/s x 2, compactflash? type 2 x 1 usb2.0 x 8, com x 4, parallel x 1, irda x 1 isa x 2, pci x 3 pci/isa 1701340704 ? floppy cable 1701400453 ? ata-100 cable 1701100340 ? serial cable 1709100201 ? usb cable with bracket 1709070800 ? sata cable product cd ? IMBM-700 ? system form factor micro-atx motherboard processor via c7?/eden? cpu, up to 2.0 ghz (fsb400/800 mhz) onboard c7 1.0 ghz (fsb 400 mhz) system memory 240-pin 1.8v ddr2 400/533 dimm socket x 2, up to 2 gb chipset via cn700 + vt8237r+ ethernet 10/100 & 10/100/1000base-tx (optional), rj-45 x 2 lan1: realtek 8100c lan2: realtek 8110sc/8100c co-layout bios award plug & play flash bios C 512 kb rom h/w status monitoring cpu fan, temperature, power supply voltage expansion interface pci x 3, isa x 2 watchdog timer 1~255 steps, can be set with software on super i/o rtc internal rtc battery lithium battery power requirement atx standard 24-pin connector x 1 operating temperature 32f ~ 140f (0c ~ 60c) board size (l x w) 9.6 x 9.6 (244mm x 244mm) gross weight 0.66lb (0.3 kg) mtbf display via cn700 vga controller enhanced integrated graphics memory shared memory up to 64 mb resolutions 1920 x 1440 for crt i/o winbond 83627 storage sata 1.5gb/s (raid optional) x 2, ide x 1 compactflash? type 2 x 1 standard fdd x 1, supports floppy device x 1 serial port com x 4: (internal pin header x 3, external d-sub x 1) com 1, 3, 4: rs-232 com 2: rs-232/422/485 parallel port supports spp/epp/ ecp modes universal serial bus usb2.0 x 8 5x2 pin header for internal x 4 type-a connector onboard x 4 ps/2 port keyboard x 1, mouse x 1 digital i/o 4 in and 4 out audio realtek ac97 codec, mic-in/line-in/speaker-out irda irda tx/rx header x 1
09-50 dimension unit: mm ordering information IMBM-700 part number cpu ram fan/fanless storage display lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. tf-IMBM-700-a10-eg socket ddr2 2g fan sata x 2, ide x 1, cf x 1, fdd x 1 vga fe x 1 8 3 1 isa x 2, pci x 3 atx 0c ~ 60c
|