Part Number Hot Search : 
0923171 AX6612 T50RIA80 K2049 DTC144 92001 D4104 P12008N
Product Description
Full Text Search
 

To Download H5TQ2G43CFR-XXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 0.01 / nov. 2010 1 2gb ddr3 sdram preliminary 2gb ddr3 sdram lead-free&halogen-free (rohs compliant) H5TQ2G43CFR-XXC h5tq2g83cfr-xxc * hynix semiconductor reserves the right to chan ge products or specifications without notice. http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 2 preliminary revision history revision no. history draft date remark 0.01 preliminary version release nov. 2010 preliminary http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 3 preliminary description the H5TQ2G43CFR-XXC, h5tq2g83cfr-xxc are a 2,147,483,648-bit cmos double data rate iii (ddr3) synchronous dram, ideally suited for the main memory applications which requires large memory density and high bandwidth. hynix 2gb ddr3 sdrams offer fully synchronous operations referenced to both rising and falling edges of the clock. while all addresses and control inputs are latched on the rising edges of the ck (falling edges of the ck), data, data strobes and write data masks inputs ar e sampled on both rising and falling edges of it. the data pa ths are internally pipelined and 8-bi t prefetched to achieve very high bandwidth. device features and ordering information features * this product in compliance with the rohs directive. ? vdd=vddq=1.5v +/- 0.075v ? fully differential clock inputs (ck, ck ) operation ? differential data strobe (dqs, dqs ) ? on chip dll align dq, dqs and dqs transition with ck ? transition ? dm masks write data-in at the both rising and falling ? edges of the data strobe ? all addresses and control inputs except data, ? data strobes and data masks latched on the ? rising edges of the clock ? programmable cas latency 5, 6, 7, 8, 9, 10, 11, 12 and 13 ? supported ? programmable additive latency 0, cl-1, and cl-2 ? supported ? programmable cas write latency (cwl) = 5, 6, 7, 8 ? ? programmable burst length 4/8 with both nibble ? sequential and interleave mode ? bl switch on the fly ? 8banks ? average refresh cycle (tcase of 0 o c~ 95 o c) - 7.8 s at 0 o c ~ 85 o c - 3.9 s at 85 o c ~ 95 o c ? auto self refresh supported ? jedec standard 78ball fbga(x4/x8) ? driver strength selected by emrs ? dynamic on die termination supported ? asynchronous reset pin supported ? zq calibration supported ? tdqs (termination data strobe) supported (x8 only) ? write levelization supported ? 8 bit pre-fetch http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 4 preliminary ordering information operating frequency * xx means speed bin grade part no. configuration package h5tq2g43cfr-*xxc 512m x 4 78ball fbga h5tq2g83cfr-*xxc 256m x 8 speed grade (marking) frequency [mhz] remark (cl-trcd-trp) cl5 cl6 cl7 cl8 cl9 cl10 cl11 cl12 cl13 -g7 o o o o ddr3-1066 7-7-7 -h9 o o o o o o ddr3-1333 9-9-9 -pb o o o o o o o o o ddr3-1600 11-11-11 -rd o o o o o o o ddr3-1866 13-13-13 http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 5 preliminary package ballout/mec hanical dimension x4 package ball out (top view): 78ball fbga package note: nf (no function) - this is applied to balls only used in x4 configuration. 1 2 3 4 5 6 7 8 9 a vss vdd nc nf vss vdd a b vss vssq dq0 dm vssq vddq b c vddq dq2 dqs dq1 dq3 vssq c d vssq nf dqs vdd vss vssq d e vrefdq vddq nf nf nf vddq e f nc vss ras ck vss nc f g odt vdd cas ck vdd cke g h nc cs we a10/ap zq nc h j vss ba0 ba2 nc vrefca vss j k vdd a3 a0 a12/ bc ba1 vdd k l vss a5 a2 a1 a4 vss l m vdd a7 a9 a11 a6 vdd m n vss reset a13 a14 a8 vss n 1 2 3 4 5 6 7 8 9 12 a b c d e f g h j k l m n populated ball ball not populated 3 789 (top view: see the balls through the package) http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 6 preliminary x8 package ball out (top view): 78ball fbga package 1 2 3 4 5 6 7 8 9 a vss vdd nc nf/ tdqs vss vdd a b vss vssq dq0 dm/tdqs vssq vddq b c vddq dq2 dqs dq1 dq3 vssq c d vssq dq6 dqs vdd vss vssq d e vrefdq vddq dq4 dq7 dq5 vddq e f nc vss ras ck vss nc f g odt vdd cas ck vdd cke g h nc cs we a10/ap zq nc h j vss ba0 ba2 nc vrefca vss j k vdd a3 a0 a12/ bc ba1 vdd k l vss a5 a2 a1 a4 vss l m vdd a7 a9 a11 a6 vdd m n vss reset a13 a14 a8 vss n 1 2 3 4 5 6 7 8 9 12 a b c d e f g h j k l m n populated ball ball not populated 3 789 (top view: see the balls through the package) http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 7 preliminary pin functional description symbol type function ck, ck input clock: ck and ck are differential clock inputs. all address and control input signals are sampled on the crossing of the positive edge of ck and negative edge of ck . cke, (cke0), (cke1) input clock enable: cke high activates, and cke lo w deactivates, internal clock signals and device input buffers and output drivers. taking cke low provides precharge power-down and self-refresh operation (all banks idle), or active power-down (row active in any bank). cke is asynchronous for self-refresh exit. af ter vrefca and vrefdq have become stable during the power on and initia lization sequence, they must be maintained during all operations (including self-refresh). cke must be maintained high throughout read and write accesses. input buffers, excluding ck, ck , odt and cke, are disabled during power- down. input buffers, excluding cke, are disabled during self-refresh. cs , (cs 0), (cs 1), (cs 2), (cs 3) input chip select: all commands are masked when cs is registered high. cs provides for external rank selection on systems with multiple ranks. cs is considered part of the command code. odt, (odt0), (odt1) input on die termination: odt (registered high) enab les termination resistance internal to the ddr3 sdram. when enabled, odt is only applied to each dq, dqs, dqs and dm/tdqs, nu/tdqs (when tdqs is enabled via mode register a11=1 in mr1) signal for x4/x8 configurations. for x16 configuration, odt is applied to each dq, dqsu, dqsu , dqsl, dqsl , dmu, and dml signal. the odt pin will be ignored if mr1 is programmed to disable odt. ras . cas . we input command inputs: ras , cas and we (along with cs ) define the command being entered. dm, (dmu), (dml) input input data mask: dm is an input mask signal for write data. input data is masked when dm is sampled high coincident with that inpu t data during a write access. dm is sampled on both edges of dqs. for x8 device, the function of dm or tdqs/tdqs is enabled by mode register a11 setting in mr1. ba0 - ba2 input bank address inputs: ba0 - ba2 define to which bank an active, read, write or precharge command is being applied. bank address also determines if the mode register or extended mode register is to be accessed during a mrs cycle. a0 - a15 input address inputs: provide the row address for active commands and the column address for read/write commands to select one location out of the memory array in the respective bank. (a10/ap and a12/bc have additional functions, see below). the address inputs also provide the op-code during mode register set commands. a10 / ap input auto-precharge: a10 is sampled during read/write commands to determine whether autoprecharge should be performed to the acce ssed bank after the read/write operation. (high: autoprecharge; low: no autoprec harge).a10 is sampled during a precharge command to determine whether the precharge applies to one bank (a10 low) or all banks (a10 high). if only one bank is to be precharged, the bank is selected by bank addresses. a12 / bc input burst chop: a12 / bc is sampled during read and write commands to determine if burst chop (on-the-fly) will be performed. (high, no burst chop; low: burst choppe d). see command truth table for details. http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 8 preliminary reset input active low asynchronous reset: reset is active when reset is low, and inactive when reset is high. reset must be high during normal operation. reset is a cmos rail-to-rail signal with dc high and low at 80% and 20% of v dd , i.e. 1.20v for dc high and 0.30v for dc low. dq input / output data input/ output: bi -directional data bus. dqu, dql, dqs, dqs , dqsu, dqsu , dqsl, dqsl input / output data strobe: output with read data, input wi th write data. edge-aligned with read data, centered in write data. the data strobe dqs, dqsl, and dqsu are paired with differential signals dqs , dqsl , and dqsu , respectively, to provide differential pair signaling to the system during reads and writes. ddr3 sdram su pports differential data strobe only and does not support single-ended. tdqs, tdqs output termination data strobe: tdqs/tdqs is applicable for x8 dr ams only. when enabled via mode register a11 = 1 in mr1, the dram wi ll enable the same termination resistance function on tdqs/tdqs that is applied to dqs/dqs . when disabled via mode register a11 = 0 in mr1, dm/tdqs will provide the data mask function and tdqs is not used. x4/x16 drams must disable the tdqs function via mode register a11 = 0 in mr1. nc no connect: no internal electr ical connection is present. nf no function v ddq supply dq power supply: 1.5 v +/- 0.075 v v ssq supply dq ground v dd supply power supply: 1.5 v +/- 0.075 v v ss supply ground v refdq supply reference voltage for dq v refca supply reference voltage for ca zq supply reference pin for zq calibration note: input only pins (ba0-ba2, a0-a15, ras , cas , we , cs , cke, odt, dm, and reset ) do not supply termination. symbol type function http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 9 preliminary row and column address table 2gb note1: page size is the number of bytes of data delive red from the array to the internal sense amplifiers ? when an active command is registered. page size is per bank, calculated as follows: page size = 2 colbits * org ? 8 where colbits = the number of column address bits, org = the number of i/o (dq) bits configuration 512mb x 4 256mb x 8 # of banks 8 8 bank address ba0 - ba2 ba0 - ba2 auto precharge a10/ap a10/ap bl switch on the fly a12/ bc a12/ bc row address a0 - a14 a0 - a14 column address a0 - a9,a11 a0 - a9 page size 1 1 kb 1 kb http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 10 preliminary absolute maximum ratings absolute maximum dc ratings dram component operat ing temperature range ac & dc operating conditions absolute maximum dc ratings symbol parameter rating units notes vdd voltage on vdd pin relative to vss - 0.4 v ~ 1.975 v v 1,3 vddq voltage on vddq pin relative to vss - 0.4 v ~ 1.975 v v 1,3 v in , v out voltage on any pin relative to vss - 0.4 v ~ 1.975 v v 1 t stg storage temperature -55 to +100 o c1, 2 notes: 1. stresses greater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operat ion of the device at these or any other conditions above those indicated in the operational sections of this specif ication is not implied. exposure to absolute maximum rat- ing conditions for extended pe riods may affect reliability. 2. storage temperature is the case surface temperature on the center/top side of the dram. for the measurement conditions, please refer to jesd51-2 standard. 3. vdd and vddq must be within 300mv of each other at all times; and vref must not be greater than 0.6xvddq,when vdd and vddq are less than 500mv; vref may be equal to or less than 300mv. temperature range symbol parameter rating units notes t oper normal operating temperature range 0 to 85 o c 1,2 extended temperature range (optional) 85 to 95 o c1,3 notes: 1. operating temperature toper is the case surface temperat ure on the center / top side of the dram. for measure- ment conditions, please refer to the jedec document jesd51-2. 2. the normal temperature range specifies the temperatures where all dram specificatio ns will be supported. dur- ing operation, the dram case temperature must be maintained between 0 - 85 o c under all operating conditions. 3. some applications require operation of the dr am in the extended temperature range between 85 o c and 95 o c case temperature. full specifications are guaranteed in this range, but the following additional conditions apply: a. refresh commands must be doubled in frequency, therefore reducing the refresh interval trefi to 3.9 s. it is also possible to specify a component with 1x refresh (trefi to 7.8s) in the extended temperature range. please refer to the dimm spd for option availability b. if self-refresh operation is required in the extended temperature range, then it is mandatory to either use the manual self-refresh mode with extended temperature range capability (mr2 a6 = 0b and mr2 a7 = 1b) or enable the optional auto self-refresh mode (mr2 a6 = 1b and mr2 a7 = 0b). http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 11 preliminary recommended dc operating conditions recommended dc operating conditions symbol parameter rating units notes min. typ. max. vdd supply voltage 1.425 1.500 1.575 v 1,2 vddq supply voltage for output 1.425 1.500 1.575 v 1,2 notes: 1. under all conditions, vddq must be less than or equal to vdd. 2. vddq tracks with vdd. ac parameters are measured with vdd and vddq tied together. http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 12 preliminary idd and iddq specification pa rameters and test conditions idd and iddq measurement conditions in this chapter, idd and iddq meas urement conditions such as test load and patterns are defined. figure 1. shows the setup and test load for idd and iddq measurements. ? idd currents (such as idd0, idd1, idd2n, idd2nt , idd2p0, idd2p1, idd2q, idd3n, idd3p, idd4r, idd4w, idd5b, idd6, idd6et, idd6tc and idd7) are measured as time-averaged currents with all vdd balls of the ddr3 sdram under test tied togeth er. any iddq current is not included in idd cur - rents. ? iddq currents (such as iddq2nt and iddq4r) are measured as time-averaged currents with all vddq balls of the ddr3 sdram under test tied toge ther. any idd current is not included in iddq cur - rents. ? attention: iddq values cannot be directly used to calculate io power of the ddr3 sdram. they can be used to support correlation of simulated io power to actual io po wer as outlined in figure 2. in dram module application, iddq cannot be measured separately si nce vdd and vddq are using one merged-power layer in module pcb. for idd and iddq measurements, the following definitions apply: ? ?0? and ?low? is defined as vin <= v ilac(max). ? ?1? and ?high? is defined as vin >= v ihac(max). ? ?mid_level? is defined as inputs are vref = vdd/2. ? timing used for idd and iddq measurement-loop patterns are provided in table 1. ? basic idd and iddq measurement co nditions are described in table 2. ? detailed idd and iddq measurement-loop patte rns are described in table 3 through table 10. ? idd measurements are done after properly initializi ng the ddr3 sdram. this includes but is not lim - ited to setting ? ron = rzq/7 (34 ohm in mr1); ? qoff = 0 b (output buffer enabled in mr1); ? rtt_nom = rzq/6 (40 ohm in mr1); ? rtt_wr = rzq/2 (120 ohm in mr2); ? tdqs feature disabled in mr1 ? attention: the idd and iddq measurement-loop patterns need to be executed at least one time before actual idd or iddq measurement is started. ? define d = { cs , ras , cas , we }:= {high, low, low, low} ? define d = { cs , ras , cas , we }:= {high, high, high, high} http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 13 preliminary figure 1 - measurement setup and test load for idd and iddq (optional) measurements [note: dimm level output test load condition may be different from above] figure 2 - correlation from simulated channel io power to actual ch annel io power supported by iddq measurement v dd ddr3 sdram v ddq reset ck/ck dqs, dqs cs ras , cas , we a, ba odt zq v ss v ssq dq, dm, tdqs, tdqs cke r tt = 25 ohm v ddq /2 i dd i ddq (optional) application specific memory channel environment channel io power simulation iddq simulation iddq simulation channel io power number iddq test load correction http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 14 preliminary table 1 -timings used for idd and iddq measurement-loop patterns table 2 -basic idd and iddq measurement conditions symbol ddr3-1066 ddr3-1333 ddr3-1600 ddr3-1866 unit 7-7-7 9-9-9 11-11-11 13-13-13 t ck 1.875 1.5 1.25 1.07 ns cl 7 9 11 13 nck n rcd 791113nck n rc 27 33 39 45 nck n ras 20 24 28 32 nck n rp 791113nck n faw 1kb page size 20 20 24 26 nck 2kb page size 27 30 32 33 nck n rrd 1kb page size 4 4 5 5 nck 2kb page size 6 5 6 6 nck n rfc -512mb 48 60 72 85 nck n rfc -1 gb 59 74 88 103 nck n rfc - 2 gb 86 107 128 150 nck n rfc - 4 gb 160 200 240 281 nck n rfc - 8 gb 187 234 280 328 nck symbol description i dd0 operating one bank active-precharge current ? cke: high; external clock: on; tck, nrc, nras, cl: see table 1; bl: 8 a) ; al: 0; cs : high between act and pre; command, address, bank address inputs: pa rtially toggling according to table 3; data io: mid-level; dm: stable at 0; bank activity: cycling with one bank active at a time: 0,0,1,1,2,2,... (see table 3); output buffer and rtt: enabled in mode registers b) ; odt signal: stable at 0; pattern details: see table 3. i dd1 operating one bank active-precharge current cke: high; external clock: on; tck, nrc, nras, nrcd, cl: see table 1; bl: 8 a) ; al: 0; cs : high between act, rd and pre; command, address; bank address inputs, data io: partially toggling according to table 4; dm: stable at 0; bank activity: cycling with on bank active at a time: 0,0,1,1,2,2,... (see table 4); output buffer and rtt: enabled in mode registers b) ; odt signal: stable at 0; pattern details: see table 4. http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 15 preliminary i dd2n precharge standby current cke: high; external clock: on ; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : stable at 1; command, address, bank address inputs: partially toggl ing according to table 5; data io: mid_level; dm: stable at 0; bank activity: all banks closed; output bu ffer and rtt: enabled in mode registers b) ; odt signal: stable at 0; pattern details: see table 5. i dd2nt precharge standby odt current cke: high; external clock: on ; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : stable at 1; command, address, bank address inputs: partially toggl ing according to table 6; data io: mid_level; dm: stable at 0; bank activity: all banks closed; output bu ffer and rtt: enabled in mode registers b) ; odt signal: tog- gling according to table 6; pattern details: see table 6. i dd2p0 precharge power-down current slow exit cke: low; external clock: on; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : stable at 1; command, address, bank address inputs: stable at 0; data io: mid_level; dm: stable at 0; bank activity: all banks closed; output buffer and rtt: en abled in mode registers b) ; odt signal: stable at 0; precharge power down mode: slow exit c) i dd2p1 precharge power-down current fast exit cke: low; external clock: on; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : stable at 1; command, address, bank address inputs: stable at 0; data io: mid_level; dm: stable at 0; bank activity: all banks closed; output buffer and rtt: en abled in mode registers b) ; odt signal: stable at 0; precharge power down mode: fast exit c) i dd2q precharge quiet standby current cke: high; external clock: on ; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : stable at 1; command, address, bank address inputs: stable at 0; data io: mid_level; dm: stable at 0; bank activity: all banks closed; output buffer and rtt: enabled in mode registers b) ; odt signal: stable at 0 i dd3n active standby current cke: high; external clock: on ; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : stable at 1; command, address, bank address inputs: partially toggl ing according to table 5; data io: mid_level; dm: stable at 0; bank activity: all banks open; output buff er and rtt: enabled in mode registers b) ; odt signal: stable at 0; pattern details: see table 5. symbol description http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 16 preliminary i dd3p active power-down current cke: low; external clock: on; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : stable at 1; command, address, bank address inputs: stable at 0; data io: mid_level; dm: stable at 0; bank activity: all banks open; output buffer and rtt: enabled in mode registers b) ; odt signal: stable at 0 i dd4r operating burst read current cke: high; external clock: on; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : high between rd; command, address, bank address inputs: partially toggling accord ing to table 7; data io: seamless read data burst with different data between one bu rst and the next one according to table 7; dm: stable at 0; bank activity: all banks open, rd commands cycling through banks: 0,0,1,1,2, 2,...(see table 7); output buffer and rtt: enabled in mode registers b) ; odt signal: stable at 0; pattern details: see table 7. i dd4w operating burst write current cke: high; external clock: on; tck, cl: see table 1; bl: 8 a) ; al: 0; cs : high between wr; command, address, bank address inputs: partially toggling accord ing to table 8; data io: seamless read data burst with different data between one bu rst and the next one according to table 8; dm: stable at 0; bank activity: all banks open, wr commands cycling throug h banks: 0,0,1,1,2,2,...(see table 8); output buf- fer and rtt: enabled in mode registers b) ; odt signal: stable at high; pattern details: see table 8. i dd5b burst refresh current cke: high; external clock: on; tc k, cl, nrfc: see table 1; bl: 8 a) ; al: 0; cs : high between ref; com- mand, address, bank address inputs: partially togglin g according to table 9; data io: mid_level; dm: stable at 0; bank activity: ref command every nref (see table 9); output buffer and rtt: enabled in mode registers b) ; odt signal: stable at 0; pattern details: see table 9. i dd6 self-refresh current: normal temperature range t case : 0 - 85 o c; auto self-refresh (asr): disabled d) ;self-refresh temperature range (srt): normal e) ; cke: low; external clock: off; ck and ck : low; cl: see table 1; bl: 8 a) ; al: 0; cs , command, address, bank address inputs, data io: mid_level; dm: stable at 0; bank activity: self-refresh operation; out- put buffer and rtt: enabled in mode registers b) ; odt signal: mid_level i dd6et self-refresh current: extended temperature range (optional) f) t case : 0 - 95 o c; auto self-refresh (asr): disabled d) ;self-refresh temperature range (srt): extend- ed e) ; cke: low; external clock: off; ck and ck : low; cl: see table 1; bl: 8 a) ; al: 0; cs , command, address, bank address inputs, data io: mid_level; dm: stable at 0; bank activity: extended tempera- ture self-refresh operation; output buff er and rtt: enabled in mode registers b) ; odt signal: mid_level symbol description http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 17 preliminary a) burst length: bl8 fixed by mrs: set mr0 a[1,0]=00b b) output buffer enable: set mr1 a[12] = 0b; set mr1 a[ 5,1] = 01b; rtt_nom enable: set mr1 a[9,6,2] = 011b; rtt_wr enable: set mr2 a[10,9] = 10b c) precharge power down mode: set mr0 a12=0b for slow exit or mr0 a12 = 1b for fast exit d) auto self-refresh (asr): set mr2 a6 = 0b to disable or 1b to enable feature e) self-refresh temperature range (srt): set mr2 a7 = 0b for normal or 1b for extended temperature range f) read burst type: nibble sequential, set mr0 a[3] = 0b i dd6tc auto self-refresh current (optional) f) t case : 0 - 95 o c; auto self-refresh (asr): enabled d) ;self-refresh temperature range (srt): normal e) ; cke: low; external clock: off; ck and ck : low; cl: see table 1; bl: 8 a) ; al: 0; cs , command, address, bank address inputs, data io: mid_level; dm: stable at 0; bank activity: auto self-refresh operation; output buffer and rtt: enabled in mode registers b) ; odt signal: mid_level i dd7 operating bank interleave read current cke: high; external clock: on; tck, nrc, nras, nrcd, nrrd, nfaw, cl: see table 1; bl: 8 a), f) ; al: cl- 1; cs : high between act and rda; command, address, bank address inputs: partially toggling accord- ing to table 10; data io: read data burst with di fferent data between one burst and the next one according to table 10; dm: stable at 0; bank acti vity: two times interleaved cycling through banks (0, 1,...7) with different addressing, wee table 10; ou tput buffer and rtt: enabled in mode registers b) ; odt signal: stable at 0; pattern details: see table 10. symbol description http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 18 preliminary table 3 - idd0 measurement-loop pattern a) a) dm must be driven low all the time. dqs, dqs are mid-level. b) dq signals are mid-level. ck, ck cke sub-loop cycle number command cs ras cas we odt ba[2:0] a[15:11] a[10] a[9:7] a[6:3] a[2:0] data b) toggling static high 0 0 act0011000000 00 - 1,2 d, d1000000000 00 - 3,4 d , d 1111000000 00 - ... repeat pattern 1...4 until nras - 1, truncate if necessary nras pre0010000000 00 - ... repeat pattern 1...4 until n rc - 1, truncate if necessary 1*nrc+0 act 0 0 1 1 0 0 00 0 0 f 0 - 1*nrc+1, 2 d, d 1 0 0 0 0 0 00 0 0 f 0 - 1*nrc+3, 4 d , d 1111000000 f0 - ... repeat pattern 1...4 until 1*nrc + nras - 1, truncate if necessary 1*nrc+nras pre 0 0 1 0 0 0 00 0 0 f 0 - ... repeat pattern 1...4 until 2*nrc - 1, truncate if necessary 1 2*nrc repeat sub-loop 0, use ba[2:0] = 1 instead 2 4*nrc repeat sub-loop 0, use ba[2:0] = 2 instead 3 6*nrc repeat sub-loop 0, use ba[2:0] = 3 instead 4 8*nrc repeat sub-loop 0, use ba[2:0] = 4 instead 5 10*nrc repeat sub-loop 0, use ba[2:0] = 5 instead 6 12*nrc repeat sub-loop 0, use ba[2:0] = 6 instead 7 14*nrc repeat sub-loop 0, use ba[2:0] = 7 instead http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 19 preliminary table 4 - idd1 measurement-loop pattern a) a) dm must be driven low all the time. dqs, dqs are used according to rd commands, otherwise mid-level. b) burst sequence driven on each dq signal by read co mmand. outside burst operation, dq signals are mid_level. ck, ck cke sub-loop cycle number command cs ras cas we odt ba[2:0] a[15:11] a[10] a[9:7] a[6:3] a[2:0] data b) toggling static high 0 0 act 0 0 1 1 0 0 00 0 0 0 0 - 1,2 d, d 1 0 0 0 0 0 00 0 0 0 0 - 3,4 d , d 1111 0 00000 0 0 - ... repeat pattern 1...4 until n rcd - 1, truncate if necessary nrcd rd 0 1 0 1 0 0 00 0 0 0 0 00000000 ... repeat pattern 1...4 until nr as - 1, truncate if necessary nras pre 0 0 1 0 0 0 00 0 0 0 0 - ... repeat pattern 1...4 until n rc - 1, truncate if necessary 1*nrc+0 act 0 0 1 1 0 0 00 0 0 f 0 - 1*nrc+1,2 d, d 1 0 0 0 0 0 00 0 0 f 0 - 1*nrc+3,4 d , d 1111 0 00000 f 0 - ... repeat pattern nrc + 1,...4 until n rc + nrce - 1, truncate if necessary 1*nrc+nrcd rd 0 1 0 1 0 0 00 0 0 f 0 00110011 ... repeat pattern nrc + 1,...4 until n rc + nras - 1, truncate if necessary 1*nrc+nras pre 0 0 1 0 0 0 00 0 0 f 0 - ... repeat pattern nrc + 1,...4 until *2 nrc - 1, truncate if necessary 1 2*nrc repeat sub-loop 0, use ba[2:0] = 1 instead 2 4*nrc repeat sub-loop 0, use ba[2:0] = 2 instead 3 6*nrc repeat sub-loop 0, use ba[2:0] = 3 instead 4 8*nrc repeat sub-loop 0, use ba[2:0] = 4 instead 5 10*nrc repeat sub-loop 0, use ba[2:0] = 5 instead 6 12*nrc repeat sub-loop 0, use ba[2:0] = 6 instead 7 14*nrc repeat sub-loop 0, use ba[2:0] = 7 instead http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 20 preliminary table 5 - idd2n and idd3n measurement-loop pattern a) a) dm must be driven low all the time. dqs, dqs are mid-level. b) dq signals are mid-level. table 6 - idd2nt and iddq2n t measurement-loop pattern a) a) dm must be driven low all the time. dqs, dqs are mid-level. b) dq signals are mid-level. ck, ck cke sub-loop cycle number command cs ras cas we odt ba[2:0] a[15:11] a[10] a[9:7] a[6:3] a[2:0] data b) toggling static high 0 0 d10000000000 - 1d10000000000- 2d 111 1 0 0 0 0 0 f 0 - 3d 111 1 0 0 0 0 0 f 0 - 1 4-7 repeat sub-loop 0, use ba[2:0] = 1 instead 2 8-11 repeat sub-loop 0, use ba[2:0] = 2 instead 3 12-15 repeat sub-loop 0, use ba[2:0] = 3 instead 4 16-19 repeat sub-loop 0, use ba[2:0] = 4 instead 5 20-23 repeat sub-loop 0, use ba[2:0] = 5 instead 6 24-17 repeat sub-loop 0, use ba[2:0] = 6 instead 7 28-31 repeat sub-loop 0, use ba[2:0] = 7 instead ck, ck cke sub-loop cycle number command cs ras cas we odt ba[2:0] a[15:11] a[10] a[9:7] a[6:3] a[2:0] data b) toggling static high 0 0 d10000000000 - 1d10000000000- 2d 1111 0 0 0 0 0 f 0 - 3d 1111 0 0 0 0 0 f 0 - 1 4-7 repeat sub-loop 0, but odt = 0 and ba[2:0] = 1 2 8-11 repeat sub-loop 0, bu t odt = 1 and ba[2:0] = 2 3 12-15 repeat sub-loop 0, but odt = 1 and ba[2:0] = 3 4 16-19 repeat sub-loop 0, but odt = 0 and ba[2:0] = 4 5 20-23 repeat sub-loop 0, but odt = 0 and ba[2:0] = 5 6 24-17 repeat sub-loop 0, but odt = 1 and ba[2:0] = 6 7 28-31 repeat sub-loop 0, but odt = 1 and ba[2:0] = 7 http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 21 preliminary table 7 - idd4r and iddq4r measurement-loop pattern a) a) dm must be driven low all the time. dqs, dqs are used according to rd commands, otherwise mid-level. b) burst sequence driven on each dq signal by read co mmand. outside burst operation, dq signals are mid-level. ck, ck cke sub-loop cycle number command cs ras cas we odt ba[2:0] a[15:11] a[10] a[9:7] a[6:3] a[2:0] data b) toggling static high 0 0 rd 0 1 0 1 0 0 00 0 0 0 0 00000000 1d100000000000- 2,3 d ,d 1111 0 0000 0 0 0 - 4 rd 0 1 0 1 0 0 00 0 0 f 0 00110011 5d1000000000f0- 6,7 d ,d 1111 0 0000 0 f 0 - 1 8-15 repeat sub-loop 0, but ba[2:0] = 1 2 16-23 repeat sub-loop 0, but ba[2:0] = 2 3 24-31 repeat sub-loop 0, but ba[2:0] = 3 4 32-39 repeat sub-loop 0, but ba[2:0] = 4 5 40-47 repeat sub-loop 0, but ba[2:0] = 5 6 48-55 repeat sub-loop 0, but ba[2:0] = 6 7 56-63 repeat sub-loop 0, but ba[2:0] = 7 http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 22 preliminary table 8 - idd4w measurement-loop pattern a) a) dm must be driven low all the time. dqs, dqs are used according to wr commands, otherwise mid-level. b) burst sequence driven on each dq signal by write co mmand. outside burst operation, dq signals are mid-level. table 9 - idd5b measurement-loop pattern a) a) dm must be driven low all the time. dqs, dqs are mid-level. b) dq signals are mid-level. ck, ck cke sub-loop cycle number command cs ras cas we odt ba[2:0] a[15:11] a[10] a[9:7] a[6:3] a[2:0] data b) toggling static high 0 0 wr 0 1 0 0 1 0 00 0 0 0 0 00000000 1d100010000000- 2,3 d ,d 1111 1 0000 0 0 0 - 4 wr 0 1 0 0 1 0 00 0 0 f 0 00110011 5d1000100000f0- 6,7 d ,d 1111 1 0000 0 f 0 - 1 8-15 repeat sub-loop 0, but ba[2:0] = 1 2 16-23 repeat sub-loop 0, but ba[2:0] = 2 3 24-31 repeat sub-loop 0, but ba[2:0] = 3 4 32-39 repeat sub-loop 0, but ba[2:0] = 4 5 40-47 repeat sub-loop 0, but ba[2:0] = 5 6 48-55 repeat sub-loop 0, but ba[2:0] = 6 7 56-63 repeat sub-loop 0, but ba[2:0] = 7 ck, ck cke sub-loop cycle number command cs ras cas we odt ba[2:0] a[15:11] a[10] a[9:7] a[6:3] a[2:0] data b) toggling static high 0 0 ref 0 0 0 1 0 0 0 0 0 0 0 - 11.2 d, d 1 0 0 0 0 0 00 0 0 0 0 - 3,4 d , d 1111 0 0000 0 f 0 - 5...8 repeat cycles 1...4, but ba[2:0] = 1 9...12 repeat cycles 1...4, but ba[2:0] = 2 13...16 repeat cycles 1...4, but ba[2:0] = 3 17...20 repeat cycles 1...4, but ba[2:0] = 4 21...24 repeat cycles 1...4, but ba[2:0] = 5 25...28 repeat cycles 1...4, but ba[2:0] = 6 29...32 repeat cycles 1...4, but ba[2:0] = 7 2 33...nrfc-1 repeat sub-loop 1, until nrfc - 1. truncate, if necessary. http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 23 preliminary table 10 - idd7 meas urement-loop pattern a) attention! sub-loops 10-19 have inverse a[6:3] pattern and data pattern than sub-loops 0-9 a) dm must be driven low all the time. dqs, dqs are used according to rd commands, otherwise mid-level. b) burst sequence driven on each dq signal by read co mmand. outside burst operation, dq signals are mid-level. ck, ck cke sub-loop cycle number command cs ras cas we odt ba[2:0] a[15:11] a[10] a[9:7] a[6:3] a[2:0] data b) toggling static high 0 0 act 0 0 1 1 0 0 00 0 0 0 0 - 1 rda 0 1 0 1 0 0 00 1 0 0 0 00000000 2d100000000000- ... repeat above d command until nrrd - 1 1 nrrd act 0 0 1 1 0 1 00 0 0 f 0 - nrrd+1 rda 0 1 0 1 0 1 00 1 0 f 0 00110011 nrrd+2 d 1 0 0 0 0 1 00 0 0 f 0 - ... repeat above d command until 2* nrrd - 1 2 2*nrrd repeat sub-loop 0, but ba[2:0] = 2 3 3*nrrd repeat sub-loop 1, but ba[2:0] = 3 4 4*nrrd d1000030000f0 - assert and repeat above d command until nfaw - 1, if necessary 5 nfaw repeat sub-loop 0, but ba[2:0] = 4 6 nfaw+nrrd repeat sub-loop 1, but ba[2:0] = 5 7 nfaw+2*nrrd repeat sub-loop 0, but ba[2:0] = 6 8 nfaw+3*nrrd repeat sub-loop 1, but ba[2:0] = 7 9 nfaw+4*nrrd d1000070000f0 - assert and repeat above d command until 2* nfaw - 1, if necessary 10 2*nfaw+0 act 0 0 1 1 0 0 00 0 0 f 0 - 2*nfaw+1 rda 0 1 0 1 0 0 00 1 0 f 0 00110011 2&nfaw+2 d1000000000f0 - repeat above d command until 2* nfaw + nrrd - 1 11 2*nfaw+nrrd act 0 0 1 1 0 1 00 0 0 0 0 - 2*nfaw+nrrd+1 rda 0 1 0 1 0 1 00 1 0 0 0 00000000 2&nfaw+nrrd+ 2 d100001000000 - repeat above d command until 2* nfaw + 2* nrrd - 1 12 2*nfaw+2*nrrd repeat sub-loop 10, but ba[2:0] = 2 13 2*nfaw+3*nrrd repeat sub-loop 11, but ba[2:0] = 3 14 2*nfaw+4*nrrd d100003000000- assert and repeat above d command until 3* nfaw - 1, if necessary 15 3*nfaw repeat sub-loop 10, but ba[2:0] = 4 16 3*nfaw+nrrd repeat sub-loop 11, but ba[2:0] = 5 17 3*nfaw+2*nrrd repeat sub-loop 10, but ba[2:0] = 6 18 3*nfaw+3*nrrd repeat sub-loop 11, but ba[2:0] = 7 19 3*nfaw+4*nrrd d100007000000- assert and repeat above d command until 4* nfaw - 1, if necessary http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 24 preliminary idd specifications idd values are for full operating range of voltage and temperature unless otherwise noted. i dd specification notes: 1. applicable for mr2 settings a6=0 and a7=0. temperature range for idd6 is 0 - 85 o c. 2. applicable for mr2 settings a6=0 and a7=1. temperature range for idd6et is 0 - 95 o c. 3. applicable for mr2 settings a6=1 and a7=0. idd6tc is measured at 95 o c speed grade bin ddr3 - 1066 7-7-7 ddr3 - 1333 9-9-9 ddr3 - 1600 11-11-11 ddr3 - 1866 13-13-13 unit notes symbol max. max. max. max. i dd0 tbdtbdtbdtbdma i dd01 tbdtbdtbdtbdma i dd2p0 tbdtbdtbdtbdma i dd2p1 tbdtbdtbdtbdma i dd2n tbdtbdtbdtbdma i dd2nt tbdtbdtbdtbdma i dd2q tbdtbdtbdtbdma i dd3p tbdtbdtbdtbdma i dd3n tbdtbdtbdtbdma i dd4r tbdtbdtbdtbdma i dd4w tbdtbdtbdtbdma i dd5b tbdtbdtbdtbdma i dd6 tbdtbdtbdtbdma1 i dd6et tbdtbdtbdtbdma2 i dd6tc tbdtbdtbdtbdma3 i dd7 tbdtbdtbdtbdma http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 25 preliminary input/output capacitance parameter symbol ddr3-800 ddr3-1066 ddr3-1333 ddr3-1600 ddr3-1866 units notes min max min max min max min max min max input/output capacitance (dq, dm, dqs, dqs , tdqs, tdqs ) c io 1.5 3.0 1.5 2.7 1.5 2.5 1.5 2.3 1.4 2.2 pf 1,2,3 input capacitance, ck and ck c ck 0.8 1.6 0.8 1.6 0.8 1.4 0.8 1.4 0.8 1.3 pf 2,3 input capacitance delta ck and ck c dck 0 0.15 0 0.15 0 0.15 0 0.15 0 0.15 pf 2,3,4 input capacitance delta, dqs and dqs c ddqs 00.2000.2000.1500.1500.15 pf 2,3,5 input capacitance (all other input-only pins) c i 0.75 1.4 0.75 1.35 0.75 1.3 0.75 1.3 0.75 1.2 pf 2,3,6 input capacitance delta (all ctrl input-only pins) c di_ctr l -0.5 0.3 -0.5 0.3 -0.4 0.2 -0.4 0.2 -0.4 0.2 pf 2,3,7,8 input capacitance delta (all add/cmd input-only pins) c di_add _cmd -0.5 0.5 -0.5 0.5 -0.4 0.4 -0.4 0.4 -0.4 0.4 pf 2,3,9,10 input/output capacitance delta (dq, dm, dqs, dqs ) c dio -0.5 0.3 -0.5 0.3 -0.5 0.3 -0.5 0.3 -0.5 0.3 pf 2,3,11 input/output capacitance of zq pin c zq - 3 - 3 - 3 - 3 - 3 pf 2,3,12 notes: 1. although the dm, tdqs and tdqs pins have different functions, the loading matches dq and dqs. 2. this parameter is not subject to prod uction test. it is verified by design and characterization. the capacitance is ? measured according to jep147(?procedure for measuring input capacitance using a vector network ? analyzer(vna)?) with vdd, vddq, vss,vssq applied an d all other pins floating (except the pin under test, cke, ? reset and odt as necessary). vdd=vddq=1.5v, vbias=vdd/2 and on-die termination off. 3. this parameter applies to mono lithic devices only; st acked/dual-die devices are not covered here 4. absolute value of c ck -c ck . 5. absolute value of c io (dqs)-c io (dqs ). 6. c i applies to odt, cs , cke, a0-a15, ba0-ba2, ras , cas , we . 7. c di_ctr applies to odt, cs and cke. 8. c di_ctrl =c i (cntl) - 0.5 * c i (clk) + c i (clk )) 9. c di_add_cmd applies to a0-a15, ba0-ba2, ras , cas and we . 10. c di_add_cmd =c i (add_cmd) - 0.5*(c i (clk)+c i (clk )) 11. c dio =c io (dq) - 0.5*(c io (dqs)+c io (dqs )) 12. maximum external load capacitance an zq pin: 5 pf. http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 26 preliminary standard speed bins ddr3l sdram standard speed bins include tck, trcd , trp, tras and trc for each corresponding bin. ddr3-800 speed bins for specific notes see "speed bin table notes" on page 31. speed bin ddr3-800e unit notes cl - nrcd - nrp 6-6-6 parameter symbol min max internal read command to first data t aa 15 20 ns act to internal read or write delay time t rcd 15 ? ns pre command period t rp 15 ? ns act to act or ref command period t rc 52.5 ? ns act to pre command period t ras 37.5 9 * trefi ns cl = 5 cwl = 5 t ck(avg) 3.0 3.3 ns 1, 2, 3, 4, 11 cl = 6 cwl = 5 t ck(avg) 2.5 3.3 ns 1, 2, 3 supported cl settings 5, 6 n ck 11 supported cwl settings 5 n ck http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 27 preliminary ddr3-1066 speed bins for specific notes see "speed bin table notes" on page 31. speed bin ddr3-1066f unit note cl - nrcd - nrp 7-7-7 parameter symbol min max internal read command to first data t aa 13.125 20 ns act to internal read or write delay time t rcd 13.125 ? ns pre command period t rp 13.125 ? ns act to act or ref command period t rc 50.625 ? ns act to pre command period t ras 37.5 9 * trefi ns cl = 5 cwl = 5 t ck(avg) 3.0 3.3 ns 1, 2, 3, 4, 6, 11 cwl = 6 t ck(avg) reserved ns 4 cl = 6 cwl = 5 t ck(avg) 2.5 3.3 ns 1, 2, 3, 6 cwl = 6 t ck(avg) reserved ns 1, 2, 3, 4 cl = 7 cwl = 5 t ck(avg) reserved ns 4 cwl = 6 t ck(avg) 1.875 < 2.5 ns 1, 2, 3, 4 cl = 8 cwl = 5 t ck(avg) reserved ns 4 cwl = 6 t ck(avg) 1.875 < 2.5 ns 1, 2, 3 supported cl settings 5, 6, 7, 8 n ck 11 supported cwl settings 5, 6 n ck http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 28 preliminary ddr3-1333 speed bins for specific notes see "speed bin table notes" on page 31. speed bin ddr3-1333h unit note cl - nrcd - nrp 9-9-9 parameter symbol min max internal read command to first data t aa 13.5 (13.125) 8 20 ns act to internal read or write delay time t rcd 13.5 (13.125) 8 ?ns pre command period t rp 13.5 (13.125) 8 ?ns act to act or ref command period t rc 49.5 (49.125) 8 ?ns act to pre command period t ras 36 9 * trefi ns cl = 5 cwl = 5 t ck(avg) 3.0 3.3 ns 1, 2, 3, 4, 7, 11 cwl = 6, 7 t ck(avg) reserved ns 4 cl = 6 cwl = 5 t ck(avg) 2.5 3.3 ns 1, 2, 3, 7 cwl = 6 t ck(avg) reserved ns 1, 2, 3, 4, 7 cwl = 7 t ck(avg) reserved ns 4 cl = 7 cwl = 5 t ck(avg) reserved ns 4 cwl = 6 t ck(avg) 1.875 < 2.5 ns 1, 2, 3, 4, 7 (optional) 5 cwl = 7 t ck(avg) reserved ns 1, 2, 3, 4 cl = 8 cwl = 5 t ck(avg) reserved ns 4 cwl = 6 t ck(avg) 1.875 < 2.5 ns 1, 2, 3, 7 cwl = 7 t ck(avg) reserved ns 1, 2, 3, 4 cl = 9 cwl = 5, 6 t ck(avg) reserved ns 4 cwl = 7 t ck(avg) 1.5 <1.875 ns 1, 2, 3, 4 cl = 10 cwl = 5, 6 t ck(avg) reserved ns 4 cwl = 7 t ck(avg) 1.5 <1.875 ns 1, 2, 3 (optional) ns 5 supported cl settings 5, 6, 8, (7), 9, (10) n ck supported cwl settings 5, 6, 7 n ck http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 29 preliminary ddr3-1600 speed bins for specific notes see "speed bin table notes" on page 31. speed bin ddr3-1600k unit note cl - nrcd - nrp 11-11-11 parameter symbol min max internal read command to first data t aa 13.75 (13.125) 5 20 ns act to internal read or write delay time t rcd 13.75 (13.125) 5 ?ns pre command period t rp 13.75 (13.125) 5 ?ns act to act or ref command period t rc 48.75 (48.125) 5 ?ns act to pre command period t ras 35 9 * trefi ns cl = 5 cwl = 5 t ck(avg) 3.0 3.3 ns 1, 2, 3, 4, 8, 11 cwl = 6, 7 t ck(avg) reserved ns 4 cl = 6 cwl = 5 t ck(avg) 2.5 3.3 ns 1, 2, 3, 8 cwl = 6 t ck(avg) reserved ns 1, 2, 3, 4, 8 cwl = 7 t ck(avg) reserved ns 4 cl = 7 cwl = 5 t ck(avg) reserved ns 4 cwl = 6 t ck(avg) 1.875 < 2.5 ns 1, 2, 3, 4, 8 (optional) 5 cwl = 7 t ck(avg) reserved ns 1, 2, 3, 4, 8 cwl = 8 t ck(avg) reserved ns 4 cl = 8 cwl = 5 t ck(avg) reserved ns 4 cwl = 6 t ck(avg) 1.875 < 2.5 ns 1, 2, 3, 8 cwl = 7 t ck(avg) reserved ns 1, 2, 3, 4, 8 cwl = 8 t ck(avg) reserved ns 1, 2, 3, 4 cl = 9 cwl = 5, 6 t ck(avg) reserved ns 4 cwl = 7 t ck(avg) 1.5 <1.875 ns 1, 2, 3, 4, 8 (optional) 5 cwl = 8 t ck(avg) reserved ns 1, 2, 3, 4 cl = 10 cwl = 5, 6 t ck(avg) reserved ns 4 cwl = 7 t ck(avg) 1.5 <1.875 ns 1, 2, 3, 8 cwl = 8 t ck(avg) reserved ns 1, 2, 3, 4 cl = 11 cwl = 5, 6,7 t ck(avg) reserved ns 4 cwl = 8 t ck(avg) 1.25 <1.5 ns 1, 2, 3 supported cl settings 5, 6, (7), 8, (9), 10, 11 n ck supported cwl settings 5, 6, 7, 8 n ck http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 30 preliminary ddr3-1866 speed bins for specific notes see "speed bin table notes" on page 31. speed bin ddr3-1866m unit note cl - nrcd - nrp 13-13-13 parameter symbol min max internal read command to first data t aa 13.91 20 ns act to internal read or write delay time t rcd 13.91 ? ns pre command period t rp 13.91 ? ns act to pre command period t ras 34 9 * trefi ns act to act or pre command period t rc 47.91 - ns cl = 5 cwl = 5 t ck(avg) reserved ns 1, 2, 3, 4, 9 cwl = 6,7,8,9 t ck(avg) reserved ns 4 cl = 6 cwl = 5 t ck(avg) 2.5 3.3 ns 1, 2, 3, 9 cwl = 6 t ck(avg) reserved ns 1, 2, 3, 4, 9 cwl = 7,8,9 t ck(avg) reserved ns 4 cl = 7 cwl = 5 t ck(avg) reserved ns 4 cwl = 6 t ck(avg) reserved ns 1, 2, 3, 4, 9 cwl = 7,8,9 t ck(avg) reserved ns 4 cl = 8 cwl = 5 t ck(avg) reserved ns 4 cwl = 6 t ck(avg) 1.875 < 2.5 ns 1, 2, 3, 9 cwl = 7 t ck(avg) reserved ns 1, 2, 3, 4, 9 cwl = 8,9 t ck(avg) reserved ns 4 cl = 9 cwl = 5, 6 t ck(avg) reserved ns 4 cwl = 7 t ck(avg) reserved ns 1, 2, 3, 4, 9 cwl = 8 t ck(avg) reserved ns 1, 2, 3, 4, 9 cwl = 9 t ck(avg) reserved ns 4 cl = 10 cwl = 5, 6 t ck(avg) reserved ns 4 cwl = 7 t ck(avg) 1.5 <1.875 ns 1, 2, 3, 9 cwl = 8 t ck(avg) reserved ns 1, 2, 3, 4, 9 cl = 11 cwl = 5,6,7 t ck(avg) reserved ns 4 cwl = 8 t ck(avg) reserved ns 1, 2, 3, 4, 9 cwl = 9 t ck(avg) reserved ns 1, 2, 3, 4 cl = 12 cwl = 5,6,7,8 t ck(avg) reserved ns 4 cwl = 9 t ck(avg) reserved ns 1,2,3,4 cl = 13 cwl = 5,6,7,8 t ck(avg) reserved ns 4 cwl = 9 t ck(avg) 1.07 <1.25 ns 1, 2, 3 supported cl settings 6, 8, 10, 12, 13 n ck supported cwl settings 5, 6, 7, 8, 9 n ck http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 31 preliminary speed bin table notes ? absolute specification (t oper ; v ddq = v dd = 1.5v +/- 0.075 v); 1. the cl setting and cwl setting result in tck(avg).min and tck(avg).max requirements. when mak - ing a selection of tck(avg), both need to be fulfille d: requirements from cl setting as well as require - ments from cwl setting. 2. tck(avg).min limits: since cas latency is not pure ly analog - data and strobe output are synchro - nized by the dll - all possible intermediate freque ncies may not be guaranteed. an application should use the next smaller jedec standard tck(avg) valu e (3.0, 2.5, 1.875, 1.5, or 1.25 ns) when calculat - ing cl [nck] = taa [ns] / tck(avg) [ns], rounding up to the next ?supported cl?, where tck(avg) = 3.0 ns should only be used for cl = 5 calculation. 3. tck(avg).max limits: calculate tck(avg) = taa.ma x / cl selected and round the resulting tck(avg) down to the next valid speed bin (i.e. 3.3ns or 2.5ns or 1.875 ns or 1.25 ns). this result is tck(avg).max corresponding to cl selected. 4. ?reserved? settings are not allowed. user must program a different value. 5. ?optional? settings allow certain devices in the indust ry to support this setting, however, it is not a man - datory feature. refer to hynix dimm data sheet and/or the dimm spd information if and how this set - ting is supported. 6. any ddr3-1066 speed bin also supports functional op eration at lower frequencies as shown in the table which are not subject to production te sts but verified by de sign/characterization. 7. any ddr3-1333 speed bin also supports functional op eration at lower frequencies as shown in the table which are not subject to production te sts but verified by de sign/characterization. 8. any ddr3-1600 speed bin also supports functional op eration at lower frequencies as shown in the table which are not subject to production test s but verified by desi gn/characterization. 9. any ddr3-1866 speed bin also supports functional op eration at lower frequencies as shown in the table which are not subject to production te sts but verified by de sign/characterization. 10. hynix ddr3 sdram devices supporting optional down binning to cl=7 and cl=9, and taa/trcd/trp must be 13.125 ns or lower. spd settings must be programmed to match. for example, ddr3-1333h devices supporting down binning to ddr3-1066f shou ld program 13.125 ns in spd bytes for taamin (byte 16), trcdmin (byte 18), and trpmin (byte 20) . ddr3-1600k devices supporting down binning to ddr3-1333h or ddr3-1600f should program 13.125 ns in spd bytes for taamin (byte 16), trcdmin (byte 18), and trpmin (byte 20). once trp (byte 20) is programmed to 13.125ns, trcmin (byte 21,23) also should be programmed accordingly. for ex ample, 49.125ns (trasmin + trpmin = 36 ns + 13.125 ns) for ddr3-1333h and 48.125ns (trasmin + trpmin = 35 ns + 13.125 ns) for ddr3-1600k. 11. for cl5 support, refer to dimm spd information. dram is required to support cl5. cl5 is not manda - tory in spd coding. http://www..net/ datasheet pdf - http://www..net/
rev. 0.01 / nov. 2010 32 preliminary package dimensions package dimension(x4/x8): 78ball fi ne pitch ball grid array outline a1 corner index area (2.750) (1.875) 7.500 0.100 ? 11.000 0.100 ? 0.340 0.050 ? 1.100 0.100 ? 987 321 a b c d e f g h j k l m n 0.550 0.100 ? 2.100 0.100 ? 0.800 x 8 = 6.400 0.800 a1 ball mark 1.600 0.800 x 12 = 9.600 0.800 1.600 78 x ? 0.450 0.050 ? 0.700 0.100 ? 0.150 0.050 ? 2-r0.130 max top bottom side 3.0 x 5.0 min flat area http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of H5TQ2G43CFR-XXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X