Part Number Hot Search : 
FP5149 BT101 L1027 STP4NA40 15KE150 HPM24EX C451PM1 S28JB
Product Description
Full Text Search
 

To Download DTC114ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors ? the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy absolute maximum ratings @ 25  symbol parameter min typ max unit v cc supply voltage --- 50 --- v v in input voltage -10 --- 40 v i o output current --- 50 100 ma p d power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25  symbol parameter min typ max unit v i(off) --- --- 0.5 v v i(on) input voltage (v cc =5v, i o =100  a) (v o =0.3v, i o =10ma) 3.0 --- --- v v o(on) output voltage (i o /i i =10ma/0.5ma) --- 0.1 0.3 v i i input current (v i =5v) --- --- 0.88 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5  a g i dc current gain (v o =5v, i o =5ma) 30 --- --- r 1 input resistance 7.0 10 r 2 /r 1 resistance ratio 0.8 1.0 1.2 f t transition frequency (v o =10v, i o =5ma, f=100mhz) --- 250 --- mhz 13 k marking: 24 sot-23 suggested solder pad layout .079 2.000 in ch es mm . 031 .800 .035 .900 . 037 .950 .037 .950 epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 2012-0 willas electronic corp. npn digital transistor DTC114ECA dimensions in inches and (millimeters) .080(2.04) .070(1.78) .110(2.80) .083(2.10) .006(0.15)min. .008(0.20) .003(0.08) .055(1.40) .035(0.89) .020(0.50) .012(0.30) .004(0.10)max. .122(3.10) .106(2.70) .063(1.60) .047(1.20)
2012-0 willas electronic corp. pnp digital transistor DTC114ECA 0.1 1 10 100 0.1 1 10 100 11 01 0 0 0.01 0.1 1 0481 21 62 0 0 2 4 6 8 10 0.1 1 10 100 1 10 100 1000 0 . 00 . 40 . 81 . 21 . 62 . 0 0.01 0.1 1 10 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 30 3 0.03 0.3 300 30 3 30 3 0.3 3 0.03 0.3 30 3 30 0.3 3 0.3 off characteristics on characteristics t a =25 100 v o =0.3v input voltage v i(on) (v) output current i o (ma) v o(on) ?? i o t a =100 25 i o /i i =20 output voltage v o(on) (v) output current i o (ma) f=1mhz t a =25 c o ?? v r output capacitance c o (pf) reverse bias voltage v r (v) g i ?? i o t a =100 25 v o =5v dc current gain g i output current i o (ma) t a =100 25 v cc =5v output current i o (ma) input voltage v i(off) (v) p d ?? t a DTC114ECA power dissipation p d (mw) ambient temperature t a ( ) typical characteristics


▲Up To Search▲   

 
Price & Availability of DTC114ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X