Part Number Hot Search : 
117BG EHF10B1 15045 Z85233 F21M12CU BSP296N 15332 1959125X
Product Description
Full Text Search
 

To Download CD136PK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  69 screw 4 000h at 105c standard at 105c professional power supplies & inverters cd 1  6 pk series cd 139 bl cd 138 pc longer life cd 135 bp cd 137 px highest voltage cd 136 pk 105c longer life item characteristics operating temperature range (c) -40 ~ +105 -25 ~ +105 voltage range (v) 25 ~ 100 160 ~ 450 capacitance range (f) 220 ~ 330 000 capacitance tolerance (20c, 120hz) 20% leakage current (a) after 5 minutes at 20c application of rated voltage, leakage current is not more than 0,01cv or 5ma, whichever is smaller c: nominal capacitance (f) v: rated voltage (v) dissipation factor (20c, 120hz) tan shall not exceed the values shown in the table of ratings stability at low temperature (impedance ratio at 120hz) capacitance change 25 - 100v dc : capacitance at C 40c shall not be less than 60% of the 20c value 160 - 450v dc : capacitance at C 25c shall not be less than 70% of the 20c value useful life load life endurance test shelf life lifetime  000h >200 000h 2 000h 2 000h 1 000h leakage current not more than specifed value not more than specifed value not more than specifed value not more than specifed value capacity change within 30% of initial value within 20% of initial value within 10% of initial value within 20% of initial value dissipation factor not more than 300% of specifed value not more than 200% of specifed value not more than 130% of specifed value not more than 200% of specifed value condition: applied voltage applied current applied temperature failure rate level u r i r 105c 1% failure rate u r 1,2 x i r 40c 1% failure rate u r i r 105c guaranteed u r i r = 0 105c u r = 0 i r = 0 105c after test: u r to be applied for 30min >24h before measurement frequency 50hz 120hz 300hz 1khz 10khz coeffcient 0,80 1,00 1,10 1,30 1,40 multiplier for ripple current frequency coeffcient i a = actual ripple current at 120hz, i r = rated ripple current at 120hz, 105c multiplier of useful life as a function of ambient temperature and ripple current load lifetime diagram 40 50 60 70 80 90 100 110 cd 136 pk series t a (?c) i a CCC i r 2.5 2.0 1.5 1.0 0.5 0.0 x32 x16 x8 x4 x2 x1 lifetime multiplier direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
70 screw cd 1  6 pk series ratings for cd 136 pk series v dc (surge voltage) code rated capa- citance max dissipation factor 20c, 120hz max esr 20c, 120hz typ esr 20c, 120hz max ripple current 105c, 120hz size ? d x l (v) (f) - (m) (m) (arms) (mm) 25 (32) 1e 10 000 0,35 50 25 2,9 36 x 53 15 000 0,35 33 20 4,2 36 x 83 22 000 0,35 23 13 5,1 36 x 83 33 000 0,40 17 10 6,3 36 x 100 47 000 0,40 12 7 8,0 51 x 75 68 000 0,50 11 6 10,0 51 x 115 100 000 0,60 9 5 11,3 64 x 96 150 000 0,80 6 4 12,9 64 x 115 220 000 1,00 5 3 14,8 77 x 115 330 000 1,00 4 2 19,9 90 x 131 35 (44) 1v 6 800 0,30 63 32 2,6 36 x 53 10 000 0,30 43 25 3,7 36 x 83 15 000 0,30 29 17 4,5 36 x 83 22 000 0,35 23 12 5,5 36 x 100 33 000 0,40 17 8 6,7 51 x 75 47 000 0,45 14 6 8,1 51 x 96 68 000 0,50 11 5 10,0 51 x 115 100 000 0,60 9 4 12,1 64 x 115 150 000 0,70 7 4 13,8 77 x 115 220 000 0,70 5 3 17,6 90 x 131 50 (63) 1h 3 300 0,20 87 50 2,2 36 x 53 4 700 0,25 76 36 3,3 36 x 53 6 800 0,25 53 32 3,4 36 x 83 10 000 0,25 36 22 4,1 36 x 83 15 000 0,30 29 14 4,9 36 x 100 22 000 0,35 23 10 5,9 51 x 75 33 000 0,40 17 7 7,8 51 x 115 47 000 0,40 12 6 9,5 64 x 96 68 000 0,45 9 5 11,6 64 x 115 100 000 0,50 7 4 14,1 77 x 115 150 000 0,50 5 3 18,9 90 x 131 63 (79) 1j 2 200 0,15 98 70 2,1 36 x 53 3 300 0,20 87 50 2,2 36 x 53 4 700 0,20 61 36 3,1 36 x 83 6 800 0,20 42 25 3,7 36 x 83 10 000 0,25 36 20 4,4 36 x 100 15 000 0,25 24 14 5,7 51 x 75 22 000 0,30 20 10 6,8 51 x 96 33 000 0,30 13 7 9,2 64 x 96 47 000 0,35 11 6 10,9 64 x 115 68 000 0,40 8 5 13,0 77 x 115 100 000 0,40 6 4 17,2 90 x 131 80 (100) 1k 2 200 0,15 98 57 2,1 36 x 53 3 300 0,15 65 38 3,0 36 x 83 4 700 0,15 46 27 3,6 36 x 83 6 800 0,20 42 19 4,0 36 x 100 10 000 0,20 29 17 5,2 51 x 75 15 000 0,25 24 11 6,2 51 x 96 22 000 0,25 16 8 8,2 64 x 96 33 000 0,30 13 7 9,7 77 x 96 47 000 0,30 9 6 12,5 77 x 115 68 000 0,30 6 5 16,4 90 x 131 100 (125) 2a 1 000 0,15 215 70 1,4 36 x 53 1 500 0,15 143 55 1,7 36 x 53 2 200 0,15 98 38 2,5 36 x 83 3 300 0,15 65 25 3,0 36 x 83 4 700 0,15 46 21 3,9 36 x 100 6 800 0,15 32 19 5,0 51 x 75 10 000 0,15 22 13 6,5 51 x 96 15 000 0,20 19 9 7,6 64 x 96 22 000 0,20 13 7 9,7 77 x 96 33 000 0,25 11 6 11,8 77 x 130 47 000 0,25 8 5 15,0 90 x 131 160 (200) 2c 470 0,15 457 265 1,0 36 x 53 680 0,15 316 186 1,1 36 x 53 1 000 0,15 215 125 1,7 36 x 83 1 500 0,15 143 85 2,0 36 x 83 2 200 0,15 98 55 2,7 36 x 100 3 300 0,15 65 38 3,5 51 x 83 4 700 0,15 46 35 4,4 51 x 96 6 800 0,15 32 25 5,9 64 x 96 10 000 0,15 22 15 7,6 77 x 96 15 000 0,15 14 11 10,3 77 x 130 22 000 0,15 10 6 13,2 90 x 131 v dc (surge voltage) code rated capa- citance max dissipation factor 20c, 120hz max esr 20c, 120hz typ esr 20c, 120hz max ripple current 105c, 120hz size ? d x l (v) (f) - (m) (m) (arms) (mm) 200 (250) 2d 330 0,15 651 375 0,8 36 x 53 470 0,15 457 262 1,0 36 x 53 680 0,15 316 180 1,1 36 x 53 1 000 0,15 215 125 1,7 36 x 83 1 500 0,15 143 75 2,2 36 x 100 2 200 0,15 98 50 2,8 51 x 75 3 300 0,15 65 36 3,7 51 x 96 4 700 0,15 46 24 4,9 64 x 96 6 800 0,15 32 16 6,3 64 x 115 10 000 0,15 22 12 8,1 77 x 115 15 000 0,15 14 6 10,9 90 x 131 250 (300) 2e 330 0,15 651 160 0,8 36 x 53 470 0,15 457 120 1,0 36 x 53 680 0,15 316 85 1,4 36 x 83 1 000 0,15 215 55 1,9 36 x 100 1 500 0,15 143 40 2,3 51 x 75 2 200 0,15 98 28 3,1 51 x 96 3 300 0,15 65 20 4,2 64 x 96 4 700 0,15 46 15 5,4 64 x 115 6 800 0,15 32 10 6,9 77 x 115 10 000 0,15 22 8 9,3 77 x 155 15 000 0,15 14 6 12,2 90 x 157 400 (450) 2g 1 000 0,15 215 82 2,5 51 x 75 1 200 0,15 179 70 3,0 51 x 96 1 500 0,15 143 49 3,6 51 x 115 1 800 0,15 119 39 4,1 51 x 130 2 200 0,15 98 30 4,5 64 x 96 2 700 0,15 80 22 5,3 64 x 115 3 300 0,15 65 20 6,2 64 x 130 3 900 0,15 55 18 7,2 64 x 155 0,15 55 18 6,8 77 x 115 4 700 0,15 46 13 8,7 64 x 195 0,15 46 13 7,8 77 x 130 5 600 0,15 38 12 9,6 64 x 195 0,15 38 12 9,2 77 x 155 6 800 0,15 32 11 10,7 90 x 157 8 200 0,15 26 10 11,8 90 x 157 10 000 0,15 22 9 14,1 90 x 196 450 (500) 2w 220 0,15 977 415 1,1 36 x 53 330 0,15 651 277 1,5 36 x 100 470 0,15 457 195 2,1 51 x 83 680 0,15 316 135 2,7 51 x 96 1 000 0,15 215 90 4,2 51 x 100 1 500 0,15 143 54 5,7 51 x 130 2 200 0,15 98 33 7,3 64 x 115 3 300 0,15 65 22 10,1 77 x 130 4 700 0,15 46 15 12,6 77 x 155 5 600 0,15 38 11 15,8 90 x 157 custom products are available on request. direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
10 part number system terminal t6 t  pin length t 6,3 4,0 technical specifcation snap-in type pin type: snap-in pin type: soldering order code: t6, t4 order code: s4 t6 , t4 s4 snap-in terminal soldering terminal order code: p2, p3, p4 order code: p5 negative mounting holes mounting holes negative terminal p2 p3 p4 p5 ec g 1c bp 101 m b e 160 a  61 jexxxxx technology terminal type rated voltage code series code capacitance code capacitance tolerance mounting diameter length for terminal code see tables below for specials only ec = electrolytic capacitor screw = g for coding please refer to the pages of ratings cd 1  = bp 100 = 101 20% = m bolt = b 36 = a 53 = 053 cd 1  6 = pk 1 000 = 102 10% = k no double sleeve = n 40 = b 65 = 065 cd 1  7 = px 10 000 = 103 +30 / -10% = q 2 stoppers bracket + double sleeve* = i 51 = c 96 = 096 cd 1  8 = pc +20 / -0% = r 3 stoppers bracket + double sleeve* = y 64 = d 100 = 100 cd 1  9 = bl +50 / -10% = t no bracket, but double sleeve* = d 77 = e 115 = 115 preferred * double sleeve for diameter 51 only 90 = f 236 = 236 101 = g order code screw type ? d ? d l ? 36 m8 12 ? 51 m12 16 in mm technical specifcation screw type dimensions standard housing bolt housing order code : i, y, d, n order code : b mounting holes p3 only t4 terminal positive negative direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
11 part number system terminal form terminal a terminal b terminal c terminal d order code : axxx order code : bxxx order code : cxxx order code : dxxx tolerances of d1, d2, h1, h2 : +/- 0,3 mm screw defnition hexagon-head m5x10 hexagon-head m6x12 hexagon-head m8x16 bracket mounting i -type y-type ? d 36-90 ? d 51-101 ? d w1 w2 w  w  a b  6  8,0  8,0 - -  ,  -  1 68,0 80,0 6  ,  7  ,0  ,  7,0 6  81,0 93,0 76,2 8  ,1  ,  7,0 77 93,5 106,0 88,9 98,   ,  7,0 90 108,0 120,5 101,6 111,1  ,  7,0 101 - - 11  ,0 127,0  ,0 8,0 preferred in mm height of brackets: ~30mm code ?d screw pitch p d1 d2 h1 h2 a  61  6 m  12,7 8 11 6,8 1,8 a362 36 10 - 32 12,7 8 11 6,8 1,8 a  11  1 m  21,8 10 1  6,8 1,8 d551 55 m5 21,8 10 13 5,5 0 a6  1 6  m  28,2 10 1  ,  6,8 1,8 a642 64 m5 28,2 15 20 7,3 3,5 a643 64 1/4 - 28 28,2 15 20 7,3 3,5 b641 64 1/4 - 28 28,2 17,2 0 6,4 0 d641 64 m5 28,2 13,0 15,0 7,14 0 a771 77 m   1,  10 1  ,  6,  1,  a772 77 m6 31,4 10 15,5 6,3 1,3 b771 77 m6 31,4 17,2 0 3,17 0 code ?d screw pitch p d1 d2 h1 h2 b772 77 m6  1,  17,2 0 6,  0 b773 77 m8 31,4 17,2 0 3,17 0 b774 77 m5 31,4 17,2 0 6,4 0 c771 77 m5 31,4 17,2 0 3,5 0 c772 77 m6 31,4 17,2 0 3,5 0 c773 77 m5 31,4 17,2 0 5,5 0 c774 77 m5 31,4 17,2 0 6,4 0 a901 90 m   1,  10 1  ,  6,  1,  a902 90 m6 31,4 10 15,5 6,3 1,3 b901 90 m6 31,4 17,2 0 6,4 0 b902 90 m5 31,4 17,2 0 6,4 0 a101 101 m8  1,  21,5 17,2 11,0 6,0 preferred, other forms on request in mm accessories for bolt mounting insulation washer order code: k100-iso-50 ? d 51, 64 cap nut order code: cnn30m12 insulation washer order code: k100-iso-77 ? d 77, 90 b terminal detail direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2


▲Up To Search▲   

 
Price & Availability of CD136PK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X