Part Number Hot Search : 
TP1101 74LS393 4ACT2 120FC 4528B BLF245C KA7806AE LTC4557
Product Description
Full Text Search
 

To Download CAP-AVX-GX02-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CAP-AVX-GX02-001 surface mount chip capacitor model CAP-AVX-GX02-001 is a substrate scalable model for the avx gx02zz104mat2 (0.1uf) ultra broad band capacitor. the model is for use with microstrip applicat ions and accounts for substrate (or printed circuit board) related parasitic effects. substrate height, die lectric constant, loss tangent, interconnect metal thick- ness, component tolerance, pad width, pad length, and pad gap are model input parameters. effective se- ries resistance (esr) was measured to 1ghz and incorporat ed into the model. a sim_mode switch allows pad stack effects to be disabled. this model has been val idated to 65 ghz on a 5 mil alumina substrate, and to lower frequencies using additional printed circu it board materials (see technical notes). model features land pattern (pad) scalable substrate scalable broadband (dc to 65 ghz) equivalent circuit topology accurate effective series resistance dc blocking capacitor developed for microstrip interconnects model description CAP-AVX-GX02-001 dc block 0402 body style substrate scaling legend:  4mil rogers 4350b, + 60mil rogers 4003,  5mil alumina, lines - model, symbols - measured da ta. measured data stops at highest valid frequency for each substrate (4 mil - 30 ghz, 60 mil - 8 ghz, 5 mil alumina - 6 5 ghz). note: the pad dimensions used for the plots are: p adl = 15.5mil, padw = 28.0mil, padg = 16.0mil www.modelithics.com  sales@modelithics.com  rev. 100714  ? 2010
? two?port s-parameters measured using a vector netwo rk analyzer and on-board probing with calibration refe renced to the outside edges of the component pad stack. ? capacitors measured in a series microstrip configur ation. models for alternative interconnect configurations (e.g. coplanar waveguide) are available upon request. ? substrates used to extract the models: 4 mil rogers 4350b, 60mil rogers 4003 and 5 mil alumina. ? typical range of valid substrate types (substrate h eight h in mils and dielectric constant er): 0.5 h/er 16.6. ? highest frequency for measurement validation: 8 ghz (60 mil ro4003), 30 ghz (4 mil ro4350b) and 65ghz (5 mil alumina) ? additional information about avx gx02 capacitors is available at http://www.avx.com CAP-AVX-GX02-001 pc board footprint technical notes notice: modelithics models represent as-measured ch aracteristics of sample devices using specific test ing and fixture configurations. the accuracy of mod els may vary as a result of differing device characteristic s, test fixtures, or test conditions. no liability shall be assumed by modelithics for use of its mod els, or for any in- fringement of rights of third parties that may resu lt from their use. modelithics reserves the right t o revise its models and its product line without pr ior notice. units in mils reference planes pad length: 14 <= padl <= 25 pad width: 20 <= padw <= 35 pad gap: 14 <= padg <= 19 typical s parameter performance of the model www.modelithics.com  sales@modelithics.com  rev. 100714  ? 2010 legend: o - 5mil alumina, x - 10mil rogers 4350b line - model performance and symbol - measurement d ata notes: 1) data shown in plots corresponds to the following pad dimensions: padl = 14.0mil, padw = 20.0mil, p adg = 16.0mil 2) 10mil rogers 4350 measurement data is supplied by atc. the pad dimensions used for the measuremen t: padl = 8.0mil, padw = 22.0mil, padg = 24 .0mil
CAP-AVX-GX02-001 notice: modelithics models represent as-measured ch aracteristics of sample devices using specific test ing and fixture configurations. the accuracy of mod els may vary as a result of differing device characteristic s, test fixtures, or test conditions. no liability shall be assumed by modelithics for use of its mod els, or for any in- fringement of rights of third parties that may resu lt from their use. modelithics reserves the right t o revise its models and its product line without pr ior notice. performance comparison using different pad sizes www.modelithics.com  sales@modelithics.com  rev. 100714  ? 2010 legend: line - model performance on 5 mil alumina symbol - measured data on 5 mil alumina blue - model performance and measured data shown in plot s corresponds to padl = 14.0mil, padw = 20.0mil, padg = 16.0mil red - model performance and measured data shown in plot s corresponds to padl = 25.0mil, padw = 33.0mil, p adg = 16.0mil


▲Up To Search▲   

 
Price & Availability of CAP-AVX-GX02-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X