Part Number Hot Search : 
FPD200 MBR2501 C5121 30SC4MT XF1313 DAT58019 MY93C LTC5536
Product Description
Full Text Search
 

To Download BZX84C43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30370 rev. 1 - 2 1 of 3 BZX84C43 - bzx84c51 www.diodes.com BZX84C43 - bzx84c51 350mw surface mount zener diode features  planar die construction  350mw power dissipation  zener voltages from 43v - 51v  ideally suited for automated assembly processes mechanical data a e j l top view m b c h g d k characteristic symbol value unit forward voltage @ i f = 10ma v f 0.9 v power dissipation (note 1) p d 350 mw thermal resistance, junction to ambient air (note 1) r  ja 357  c/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. device mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. maximum ratings @ t a = 25  c unless otherwise specified sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm  case: sot-23, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  polarity: see diagram  marking: marking code (see table on page 2)  weight: 0.008 grams (approx.)
ds30370 rev. 1 - 2 2 of 3 BZX84C43 - bzx84c51 www.diodes.com electrical characteristics @ t a = 25  c unless otherwise specified notes: 2. short duration test pulse used to minimize self-heating effect. 3. f = 1khz. type number marking code zener voltage range (note 2) maximum zener impedance (note 3) maximum reverse current (note 2) typical temperature coefficient @i zt mv/  c v z @ i zt i zt z zt @ i zt z zk @i zk i r v r min max nom (v) min (v) max (v) (ma) (  )(  ) (ma) (  a) (v) BZX84C43 y15/kyf 43 40.0 46.0 2.0 150 375 0.5 0.1 30.1 10.0 12.0 bzx84c47 y16/kyg 47 44.0 50.0 2.0 170 375 0.5 0.1 32.9 10.0 12.0 bzx84c51 y17/kyh 51 48.0 54.0 2.0 180 400 0.5 0.1 35.7 10.0 12.0 400 t , ambient temperature, (c) a fi g . 1 power deratin g curve p , power dissipation (mw) d see note 1 200 100 300 0 5 00 0 100 200 0 2 4 6 8 10 10 20 30 40 50 60 70 80 90 100 i , zener current (ma) z v , zener voltage (v) z fi g . 2 zener breakdown characteristics tj = 25c test current i z 2ma c43 c47 c51 c , total capacitance (pf) t 1 10 100 100 10 v , nominal zener voltage (v) z fig. 3 total capacitance vs nominal zener voltage t = 25c j f = 1mhz v=1v r v=2v r
ds30370 rev. 1 - 2 3 of 3 BZX84C43 - bzx84c51 www.diodes.com notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. ordering information (note 4) month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd date code key kxx = product type marking code (see page 2) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september kxx ym marking information (this part may be marked as figure a or b below) year 2001 2002 2003 2004 2005 2006 2007 2008 2009 code mnpr stuvw device packaging shipping (type number)-7* sot-23 3000/tape & reel * add ?-7? to the appropriate type number in table 1 (on page 2). example: 43v zener = BZX84C43-7. figure a month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2000 2001 2002 2003 2004 2005 2006 2007 2008 code mn p r s t uvw date code key figure b ym xx xx = product type marking code (see page 2) ym = date code marking y = year ex: n = 2001 m = month ex: 9 = september


▲Up To Search▲   

 
Price & Availability of BZX84C43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X