|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
features n planar process n 500 mw power dissipation mechanical dimensions n low cost low profile package n meets ul specification 94v-0 maximum ratings peak reverse voltage...v rm rms reverse voltage...v r(rms) BPSM4148 data sheet 500 mw surface mount epitaxial planar diode bpsm4448 units BPSM4148 100 75 volts volts average forward rectified current...i o non-repetitive peak forward surge current...i fsm power dissipation...p d operating temperature range...t j storage temperature range...t strg maximum forward voltage...v f @ i f = 100 ma maximum dc reverse current...i r @ v r = 75v maximum frequency...f maximum diode capacitance...c d maximum reverse recovery time...t rr ............................................. 150 ............................................... ............................................. 500 ............................................... ............................................. 500 ............................................... ......................................... -25 to 85 .......................................... ......................................... -55 to 165 .......................................... ............................................. 1.0 ............................................... ............................................. 5.0 ............................................... ............................................. 100 ............................................... ............................................. 4.0 ............................................... ............................................. 4.0 ............................................... mamps mamps mw c c volts m amps mhz pf ns p vv = 100ns 50 ohms 5k ohms r g = 50 ohms .01 uf i f output trr i r 0.1 i r device under t device under t device under t device under t device under t est est est est est electrical characteristics a 2.0 unit=mm b 1.2 +- .1mm c 1.2 d 0.5 e 1.0 f 1.0 g 0.4 1 termination-gold plated on nickel 2 cathode band
|
Price & Availability of BPSM4148 |