Part Number Hot Search : 
60051 6K25G 2SC5374 N60B3 5KE22 EPC3173G 30ETH06 LTC31
Product Description
Full Text Search
 

To Download BB11113DI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bb1110tb, bb1110b, bb1110i and bb2110di ddr sdram terminator networks bb 1110 / 2110 series this bb family of networks is for terminating sstl_2 class i and class ii systems, such as ddr sdram. these specialty networks employ solder balls for surface mount fip chip attachment. their unique construction yields extremely low capacitance and inductance parasitics making them ideal for high-speed bus applications. www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 06.12 18 bit sstl_2 termination sets. compliant to jedec std. 8-9b. superior high frequency performance. minimal stray capacitance and inductance are achieved by placing resistors and bga termination on the same side of ceramic substrate. the device can be easily surface mounted using automatic pick and place equipment parameter (maximum) limit units resistance, nominal various absolute tolerance 1 % temperature coeffcient of resistance 200 ppm/c interlead capacitance, maximum 0.1 pf operation temperature -55 to 125 c power rating (per package) 1 watt description electrical schematic xx denotes part number options. see ordering information for details.
bb1110tb, bb1110b, bb1110i and bb2110di ddr sdram terminator networks bb 1110 / 2110 series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 06.12 dimensions (mm)
bb1110tb, bb1110b, bb1110i and bb2110di ddr sdram terminator networks bb 1110 / 2110 series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 06.12 part number resister number resister value () array pitch (mm) tape/reel capacity 7 tape/reel capacity 13 bb1110tb r1/r2 50/25 3x9 1.0 1000 4000 bb1111tb r1/r2 25/22 3x9 1.0 1000 4000 bb1112tb r1/r2 60/25 3x9 1.0 1000 4000 bb1113tb r1/r2 60/60 3x9 1.0 1000 4000 bb1110b r1 50 3x9 1.0 1000 4000 bb1111b r1 100 3x9 1.0 1000 4000 bb1112b r1 25 3x9 1.0 1000 4000 bb1110di r1 25 4x9 1.0 1000 4000 bb1111di r1 22 4x9 1.0 1000 4000 bb11112di r1 33 4x9 1.0 1000 4000 BB11113DI r1 47 4x9 1.0 1000 4000 bb1110i r1 25 3x9 1.0 1000 4000 ordering information application notes add 7 for 7-inch reel or 13 for 13-inch reel to part number. example: bb1110b7 (1000 parts packaged in 7 inch reel) bb1110b13 (4000 parts packaged in 13 inch reel) schematics per jedec standard no. 8-9b. sstl_2, class i, symmetrically single parallel terminated output load, and series resistor bb2110di bb1110b
bb1110tb, bb1110b, bb1110i and bb2110di ddr sdram terminator networks bb 1110 / 2110 series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 06.12 sstl_2, class i, buffer with symmetrically double parallel terminated output load sstl_2, class ii, symmetrically double parallel terminated output load with series resistor bb1110 b bb1110 b bb1110tb bb1110 b


▲Up To Search▲   

 
Price & Availability of BB11113DI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X