Part Number Hot Search : 
1793F SS6526 RM100 P89LPC 1505D BLW85 5350B 0006Z
Product Description
Full Text Search
 

To Download AQV414EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gu-e photomos (aqv414e, aqv41 ? eh) types *indicate the peak ac and dc values. note: for space reasons, the smd terminal shape indicator a and the package type indicator x and z are omitted from the seal. general use and economy type. dip (1 form b) 6-pin type. reinforced insulation 5,000v type. gu-e photomos (aqv414e, a qv41 ? eh) type i/o isolation voltage output rating* part no. pac king quantity through hole terminal surface-mount terminal load voltage load current tube packing style tape and reel packing style tube tape and reel picked from the 1/2/3-pin side picked from the 4/5/6-pin side ac/dc type 1,500 v ac (standard) 400 v 120 ma aqv414e AQV414EA AQV414EAx AQV414EAz 1 tube contains 50 pcs. 1 batch contains 500 pcs. 1,000 pcs. 5,000 v ac (reinforced) 60 v 550 ma aqv412eh aqv412eha aqv412ehax aqv412ehaz 350 v 130 ma aqv410eh aqv410eha aqv410ehax aqv410ehaz 400 v 120 ma aqv414eh aqv414eha aqv414ehax aqv414ehaz testing (reinforced type)(standard type) (aqv410eh, 414eh) (aqv410eh, 414eh) vde (aqv412eh) vde mm inch features 1. 60v type couples high capacity (0.55a) with low on-resistance (1 ? ). item gu-e (1 form b type) type pa rt no. aqv410eh aqv412eh load voltage 350v 60v continuous load current 0.13a 0.55a on resistance (typ.) 18 ? 1 ? 8.8 .346 6.4 .252 3.6 .142 8.8 .346 6.4 .252 3.9 .154 1 2 3 6 5 4 2. this is the low-cost version photomos 1 form b output type relay. compared to the previous gu photomos 1 form b type relay, the attainment of an economical price that is approximately 22% lower will further broaden its market. 3. normally closed type (2 form b) is low on-resistance. (all aq ? 4 photomos are form b types. and also the form a types have a low on-resistance.) this has been realized thanks to the built-in mosfet processed by our proprietary method, dsd (double- diffused and selective doping) method. 4. controls low-level analog signals photomos relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion.          source electrode n C n + n + n + p + n + n + p + gate electrode passivation membrane cross section of the normally-closed type of power mos intermediate insulating membrane gate oxidation membrane drain electrode 5. high sensitivity, low on resistance can control a maximum 0.13 a load current with a 5 ma input current. low on resistance of 18 ? (aqv410eh). stable operation because there are no metallic contact parts. 6. low-level off-state leakage current the ssr has an off-state leakage current of several milliamperes, whereas the photomos relay has typ. 100 pa even with the rated load voltage of 400 v (aqv414e). 7. reinforced insulation 5,000 v type also available. more than 0.4 mm internal insulation distance between inputs and outputs. conforms to en41003, en60950 (reinforced insulation). typical applications ? power supply ? measuring equipment ? security equipment ? telephone equipment ? sensors new all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
gu-e photomos (aqv414e, aqv41 ? eh) rating 2. electrical characteristics (ambient temperature: 25 c 77 f ) note: recommendable led forward current standard type i f = 5 ma reinforced type i f = 5 to 10 ma *operate/reverse time item symbol type of connec- tion a qv414e(a) aqv412eh(a) aqv410eh(a) aqv414eh(a) condition input led operate (off) current typical i foff 1.45 ma 1.9 ma 1.9 ma 1.9 ma i l = max. maximum 3.0 ma led reverse (on) current minimum i fon 0.3 ma 0.4 ma 0.4 ma 0.4 ma i l = max. typical 1.40 ma 1.8 ma 1.8 ma 1.8 ma led dropout voltage typical v f 1.25 v (1.14 v at i f = 5 ma) i f = 50 ma maximum 1.5 v output on resistance typical r on a 26 ? 1 ? 18 ? 25.2 ? i f = 0 ma i l = max. within 1 s on time maximum 50 ? 2.5 ? 35 ? 50 ? typical r on b 20 ? 0.55 ? 13 ? 19 ? i f = 0 ma i l = max. within 1 s on time maximum 25 ? 1.3 ? 17.5 ? 25 ? typical r on c 10 ? 0.3 ? 6.5 ? 10 ? i f = 0 ma i l = max. within 1 s on time maximum 12.5 ? 0.7 ? 8.8 ? 12.5 ? off state leakage current maximum i leak 1 a 10 a 10 a 10 a i f = 5 ma v l = max. tr ansfer characteristics switching speed operate (off) time* typical t off 0.7 ms 3 ms 1.5 ms 1.3 ms i f = 0 ma ? 5 ma i l = max. maximum 2.0 ms 10 ms 3.0 ms 3.0 ms reverse (on) time* typical t on 0.1 ms 0.3 ms 0.3 ms 0.3 ms i f = 5 ma ? 0 ma i l = max. maximum 1.0 ms 1.5 ms 1.5 ms 1.5 ms i/o capacitance typical c iso 0.8 pf f = 1 mhz v b = 0 v maximum 1.5 pf initial i/o isolation resistance minimum r iso 1,000 m ? 500 v dc 1. absolute maximum ratings (ambient temperature: 25 c 77 f ) item symbol type of connection a qv414e(a) aqv412eh(a) aqv410eh(a) aqv414eh(a) remarks input led forward current i f 50 ma led reverse voltage v r 5 v peak forwrd current i fp 1 a f = 100 hz, duty factor = 0.1% pow er dissipation p in 75 mw output load voltage (peak ac) v l 400 v 60 v 350 v 400 v continuous load current i l a 0.12 a 0.55 a 0.13 a 0.12 a a connection: peak ac, dc b,c connection: dc b 0.13 a 0.65 a 0.15 a 0.13 a c 0.15 a 0.8 a 0.17 a 0.15 a peak load current i peak 0.3 a 1.5 a 0.4 a 0.3 a a connection: 100 ms (1 shot), v l = dc pow er dissipation p out 500 mw total power dissipation p t 550 mw i/o isolation voltage v iso 1,500 v ac 5,000 v ac temperature limits operating t opr C40 c to +85 c C40 f to +185 f non-condensing at low temperatures storage t stg C40 c to +100 c C40 f to +212 f toff input output 10% 90% ton all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
gu-e photomos (aqv414e, aqv41 ? eh) reference data 1-(1). load current vs. ambient temperature characteristics allowable ambient temperature: C40 c to +85 c C40 f to +185 f type of connection: a 1-(2). load current vs. ambient temperature characteristics allowable ambient temperature: C40 c to +85 c C40 f to +185 f type of connection: a 2. on resistance vs. ambient temperature characteristics measured portion: between terminals 4 and 6; led current: 0 ma; load voltage: max. (dc); continuous load current: max. (dc) ambient temperature, c load current, ma 0 40 60 80 100 140 120 0204060 80 100C40 C20 20 85 aqv410eh aqv414e(h) load current, ma 0 200 300 400 500 700 ambient temperature, c 600 0204060 80 100-40 -20 100 85 aqv412eh on resistance, ? 0 10 20 30 40 -40 -20 50 0204060 8085 ambient temperature, c aqv410eh aqv414e(h) aqv412eh 3. operate (off) time vs. ambient temperature characteristics led current: 5ma; load voltage: max. (dc); continuous load current: max. (dc) 4. reverse (on) time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 5. led operate (off) current vs. ambient temperature characteristics load voltage: max. (dc); continuous load current: max. (dc) operate (off) time, ms 0 2.0 3.0 ambient temperature, c -40 -20 5.0 0204060 80 1.0 4.0 85 aqv414e aqv410eh?aqv414eh aqv412eh reverse (on) time, ms 0-20-40 20 40 60 80 85 ambient temperature, c 0.8 0.6 0.4 0.2 0 aqv410eh aqv414e aqv414eh aqv412eh led operate (off) curremt, ma 0 1 2 3 4 ambient temperature, c -40 -20 5 0204060 8085 aqv414e aqv412eh?aqv410eh?aqv414eh 6. led reverse (on) current vs. ambient temperature characteristics load voltage: max. (dc); continuous load current: max. (dc) 7. led dropout voltage vs. ambient temperature characteristics sample: all types; led current: 5 to 50 ma 8-(1). current vs. voltage characteristics of output at mos portion measured portion: between terminals 4 and 6; ambient temperature: 25 c 77 f led reverse (on) current, ma 0 1 2 3 4 ambient temperature, c -40 -20 5 0204060 80 85 aqv414e aqv412eh?aqv410eh?aqv414eh ambient temperature, c led dropout voltage, v 0C40 C20 20 40 60 80 85 1.5 1.4 1.3 1.2 1.1 1.0 0 50ma 30ma 20ma 10ma 5ma 20 40 60 80 140 120 100 C3 C2 C1C2.5 C1.5 C0.5 0.5 3 1.5 2.5 12 C20 C40 C60 C80 C100 C120 C140 aqv410eh aqv414e aqv414eh current, ma voltage, v all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.
gu-e photomos (aqv414e, aqv41 ? eh) 8-(2). current vs. voltage characteristics of output at mos portion measured portion: between terminals 4 and 6; ambient temperature: 25 c 77 f 9. off state leakage current vs. load voltage characteristics sample: all types; measured portion: between terminals 4 and 6; led current: 5 ma; ambient temperature: 25 c 77 f 10. operate (off) time vs. led forward current characteristics measured portion: between terminals 4 and 6; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 0.2 0 0.4 0.6 -0.2 -0.4 -0.6 -1 -0.5 0.50 1 aqv412eh voltage, v current, a off state leakage current, a 20 060 40 80 100 load voltage, v 10 C3 10 C6 10 C9 10 C12 aqv410eh aqv412eh aqv414eh aqv414e operate (off) time, ms 0 2.0 4.0 6.0 8.0 led forward current, ma 10.0 10 20 30 40 50 aqv414e aqv410eh aqv414eh aqv412eh 11. reverse (on) time vs. led forward current characteristics measured portion: between terminals 4 and 6; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 12. output capacitance vs. applied voltage characteristics measured portion: between terminals 4 and 6; frequency: 1 mhz; ambient temperature: 25 c 77 f reverse (on) time, ms led forward current, ma 10 20 30 40 50 6010 020304 05060 0.5 0.4 0.3 0.2 0.1 0 aqv414e aqv410eh,aqv414eh aqv412eh output capacitance, pf 0 400 300 200 100 applied voltage, v 10 20 30 40 50 60 500 aqv412eh aqv410eh?aqv414eh?aqv414e all rights rese r v ed ?c opyright matsushita elect r ic w o r k s , ltd.


▲Up To Search▲   

 
Price & Availability of AQV414EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X