Part Number Hot Search : 
X1227 PI5A3159 AOZ1212 APTGT1 1G32S STP60N MAX6839 5SF125
Product Description
Full Text Search
 

To Download AP9561AGH-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet low on-resistance bv dss -40v simple drive requirement r ds(on) 18m fast switching characteristic i d -39a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w p d @t a =25 w t stg t j symbol value units rthj-c maximum thermal resistance junction-case 2.5 /w rthj-a 62.5 /w data and specifications subject to change without notice total power dissipation operating junction temperature range storage temperature range total power dissipation 3 continuous drain current, v gs @ 10v -25 pulsed drain current 1 -160 parameter drain-source voltage gate-source voltage continuous drain current, v gs @ 10v AP9561AGH-HF rating halogen-free product -40 201303042 1 + 20 -39 -55 to 150 50 2 parameter maximum thermal resistance, junction-ambient (pcb mount) 3 -55 to 150 thermal data g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on- resistance and cost-effectiveness. the to-252 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. g d s to-252(h)
ap9561agh-h f electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -40 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-24a - - 18 m v gs =-4.5v, i d =-20a - - 26 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-20a - 31 - s i dss drain-source leakage current v ds =-32v, v gs =0v - - -10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge i d =-20a - 27 43 nc q gs gate-source charge v ds =-32v - 7 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 14 - nc t d(on) turn-on delay time v ds =-20v - 10 - ns t r rise time i d =-20a - 46 - ns t d(off) turn-off delay time r g =3.3 -66- ns t f fall time v gs =-10v - 90 - ns c iss input capacitance v gs =0v - 3000 4800 pf c oss output capacitance v ds =-25v - 300 - pf c rss reverse transfer capacitance f=1.0mhz - 230 - pf r g gate resistance f=1.0mhz - 5.5 11 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-20a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-10a, v gs =0 v , - 30 - ns q rr reverse recovery charge di/dt=100a/s - 30 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 3.surface mounted on 1 in 2 copper pad of fr4 board
a p9561agh-h f fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 40 80 120 160 0 4 8 12 16 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c =25 o c -10v -7.0 v -6.0 v -5.0 v v g = - 4.0 v 0 20 40 60 80 100 120 024681012 -v ds , drain-to-source voltage (v) -i d , drain current (a) -10v -7.0v -6.0v -5.0v v g = - 4.0 v t c = 150 o c 14 16 18 20 22 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d = -20 a t c =25 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -24a v g = -10v 0 0.4 0.8 1.2 1.6 2 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) 0 4 8 12 16 20 0.2 0.4 0.6 0.8 1 1.2 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c i d = -250ua
ap9561agh-h f fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. maximum continuous drain fig 12. transfer characteristics current v.s. case temperature 4 0 2 4 6 8 10 0 102030405060 q g , total gate charge (nc) -v gs , gate to source voltage (v) v ds = -32v i d = -20a 0 1000 2000 3000 4000 1 5 9 13 17 21 25 29 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 1 10 100 1000 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse operation in this area limited by r ds(on) 0 10 20 30 40 50 25 50 75 100 125 150 t c , case temperature ( o c ) -i d , drain current (a) 0 20 40 60 80 0123456 -v gs , gate-to-source voltage (v) -i d , drain current (a) t j =150 o c t j =25 o c v ds = -5v


▲Up To Search▲   

 
Price & Availability of AP9561AGH-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X