Part Number Hot Search : 
MX23L64 A8231SLM 00111 SM220 AT29C020 STW14N50 1A000 SSM3J
Product Description
Full Text Search
 

To Download AP9412AGM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 30v ultra_low on-resistance r ds(on) 6m fast switching characteristic i d 16a description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 50 /w data and specifications subject to change without notice 200902044 1 AP9412AGM rating rohs-compliant product 30 + 20 16 parameter drain-source voltage gate-source voltage continuous drain current 3 -55 to 150 continuous drain current 3 12.8 pulsed drain current 1 50 storage temperature range 2.5 -55 to 150 thermal data parameter total power dissipation operating junction temperature range advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the so-8 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. s s s g d d d d so-8 g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 30 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =16a - - 6 m ? v gs =4.5v, i d =12a - - 8 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =16a - 43 - s i dss drain-source leakage current v ds =30v, v gs =0v - - 10 ua drain-source leakage current (t j =70 o c) v ds =24v, v gs =0v - - 25 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =12a - 18 29 nc q gs gate-source charge v ds =15v - 3.7 - nc q gd gate-drain ("miller") charge v gs =4.5v - 8 - nc t d(on) turn-on delay time 2 v ds =15v - 9 - ns t r rise time i d =1a - 5 - ns t d(off) turn-off delay time r g =3.3 , v gs =10v - 32 - ns t f fall time r d =15 -17- ns c iss input capacitance v gs =0v - 1790 2860 pf c oss output capacitance v ds =25v - 435 - pf c rss reverse transfer capacitance f=1.0mhz - 250 - pf r g gate resistance f=1.0mhz - 1 1.5 ? source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =2.1a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =10a, v gs =0 v , - 34 - ns q rr reverse recovery charge di/dt=100a/s - 33 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10sec ; 125 /w when mounted on min. copper pad. 2 AP9412AGM
ap9412ag m fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 40 50 001122 v ds , drain-to-source voltage (v) i d , drain current (a) v g = 4.0 v 10v 7.0 v 6.0 v 5.0 v t a =25 o c 0 10 20 30 40 50 001122 v ds , drain-to-source voltage (v) i d , drain current (a) t a = 150 o c 10v 7.0 v 6.0 v 5.0 v v g = 4 .0 v 4 5 6 7 8 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =12a t a =25 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =16a v g =10v 0.2 0.4 0.6 0.8 1.0 1.2 1.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 4 8 12 16 20 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 AP9412AGM q v g 4.5v q gs q gd q g charge 0 2 4 6 8 10 12 0 1020304050 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =12a v ds =15v v ds =18v v ds =24v 100 1000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thia =125 /w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc t d(on) t r t d(off) t f v ds v gs 10% 90%


▲Up To Search▲   

 
Price & Availability of AP9412AGM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X