Part Number Hot Search : 
C1458C LTBPW LZ9GG33M BUZ308 A472M KTC2814 2930L E43CA
Product Description
Full Text Search
 

To Download AP6679GSP-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet lower on-resistance bv dss -30v simple drive requirement r ds(on) 9m fast switching characteristic i d -75a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value unit rthj-c maximum thermal resistance, junction-case 1.4 /w rthj-a 40 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data and specifications subject to change without notice halogen-free product 1 ap6679gs/p-hf rating -30 + 25 -75 continuous drain current, v gs @ 10v -50 pulsed drain current 1 -300 parameter drain-source voltage gate-source voltage continuous drain current, v gs @ 10v 3 total power dissipation operating junction temperature range storage temperature range 89 -55 to 150 200904164 maximum thermal resistance, junction-ambient (pcb mount) 4 -55 to 150 thermal data parameter g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. g d s to-263(s) g d s to-220(p) the to-263 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap6679gp) are available for low-profile applications.
ap6679gs/p-hf electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-30a - - 9 m ? v gs =-4.5v, i d =-24a - - 15 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-24a - 34 - s i dss drain-source leakage current v ds =-30v, v gs =0v - - -1 ua i gss gate-source leakage v gs = + 25, v ds =0v - - + 100 na q g total gate charge 2 i d =-16a - 42 67 nc q gs gate-source charge v ds =-24v - 6 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 25 - nc t d(on) turn-on delay time 2 v ds =-15v - 11 - ns t r rise time i d =-16a - 35 - ns t d(off) turn-off delay time r g =3.3 , v gs =-10v - 58 - ns t f fall time r d =0.94 -78- ns c iss input capacitance v gs =0v - 2870 4590 pf c oss output capacitance v ds =-25v - 960 - pf c rss reverse transfer capacitance f=1.0mhz - 740 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-24a, v gs =0v - - -1.2 v t rr reverse recovery time 2 i s =-16a, v gs =0v, - 47 - ns q rr reverse recovery charge di/dt=-100a/s - 43 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.package limitation current is -75a . this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 4.surface mounted on 1 in 2 copper pad of fr4 board
ap6679gs/p-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 7 9 11 13 15 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d = -24a t c = 25 0 40 80 120 160 200 240 280 0 0.5 1 1.5 2 2.5 3 3.5 4 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c =25 o c -10v -8.0v -6.0v -4.5v v g =-3.0v 0.6 1 1.4 1.8 2.2 -50 0 50 100 150 t j , junction temperature ( o c) -v gs(th) (v) 0 10 20 30 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -30a v g = -10v 0 50 100 150 0.0 0.5 1.0 1.5 2.0 2.5 -v ds , drain-to-source voltage (v) -i d , drain current (a) t c =150 o c -10v -8.0v -6.0v -4.5v v g =-3.0v
ap6679gs/p-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 100 1000 10000 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g -4.5v q gs q gd q g charge 0 1 2 3 4 5 6 7 0 102030405060 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -16a v ds = -24v 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 1 10 100 1000 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) 100us 1ms 10ms 100ms 1s dc t c =25 o c single pulse


▲Up To Search▲   

 
Price & Availability of AP6679GSP-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X