Part Number Hot Search : 
A2000 M5278LE 02100 DC12V LB1978V MPC859 AX160 LT425
Product Description
Full Text Search
 

To Download AP20N15GI-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet 100% avalanche test bv dss 150v single drive requirement r ds(on) 100m fast switching characteristic i d 20a rohs compliant description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 3.6 /w rthj-a maximum thermal resistance, junction-ambient 65 /w data and specifications subject to change without notice thermal data parameter storage temperature range total power dissipation 34.7 -55 to 150 operating junction temperature range -55 to 150 continuous drain current, v gs @ 10v 12 pulsed drain current 1 80 gate-source voltage + 20 continuous drain current, v gs @ 10v 20 parameter rating drain-source voltage 150 halogen-free product 1 AP20N15GI-HF 200903103 g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-220cfm isolation package is widely preferred for commercial-industrial through hole applications. g d s to-220cfm(i)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =1ma 150 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =10a - - 100 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =10a - 16 - s i dss drain-source leakage current v ds =120v, v gs =0v - - 25 ua drain-source leakage current (t j =125 o c) v ds =120v ,v gs =0v - - 250 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =14a - 22 35 nc q gs gate-source charge v ds =120v - 6 - nc q gd gate-drain ("miller") charge v gs =10v - 7.7 - nc t d(on) turn-on delay time 2 v ds =75v - 10 - ns t r rise time i d =14a - 33 - ns t d(off) turn-off delay time r g =10 , v gs =10v - 27 - ns t f fall time r d =5.35 -26- ns c iss input capacitance v gs =0v - 1070 1700 pf c oss output capacitance v ds =25v - 230 - pf c rss reverse transfer capacitance f=1.0mhz - 9 - pf r g gate resistance f=1.0mhz - 1.6 2.4 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =10a, v gs =0v - - 1.3 v t rr reverse recovery time 2 i s =14a, v gs =0 v , - 0.13 - us q rr reverse recovery charge di/dt=100a/s - 0.77 - uc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP20N15GI-HF
a p20n15gi-hf fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 40 0481216 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 150 o c 10v 9.0 v 8.0 v 7.0 v v g = 6.0 v 60 70 80 90 100 45678910 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =10a t c =25 o c 0.4 0.8 1.2 1.6 2.0 2.4 2.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =10a v g =10v 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.0 0.6 1.2 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 10 20 30 40 50 60 0 4 8 12 16 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 9.0v 8.0v 7.0v v g =6.0v
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 AP20N15GI-HF q v g 10v q gs q gd q g charge 0 400 800 1200 1600 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 0 102030 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds = 120 v i d =14a 0.1 1 10 100 1000 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse t d(on) t r t d(off) t f v ds v gs 10% 90%


▲Up To Search▲   

 
Price & Availability of AP20N15GI-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X