Part Number Hot Search : 
60200 0NM60 FLU011 AK60C BTD4M PS850 330M2 HPR121V
Product Description
Full Text Search
 

To Download AOZ1051PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 1.0 june 2011 www.aosmd.com page 1 of 14 AOZ1051PI ezbuck? 3 a synchronous buck regulator general description the AOZ1051PI is a high efficiency, easy to use, 3 a synchronous buck regulator. the AOZ1051PI works from 4.5 v to 18 v input voltage range, and provides up to 3 a of continuous output current with an output voltage adjustable down to 0.8 v. the AOZ1051PI comes in an exposed pad so-8 package and is rated over a -40 c to +85 c operating ambient temperature range. features z 4.5 v to 18 v operating input voltage range z synchronous buck: 70 m ? internal high-side switch and 40 m ? internal low-side switch (at 12 v) z up to 95 % efficiency z external soft start z output voltage adjustable to 0.8 v z 3 a continuous output current z 500 khz pwm operation z cycle-by-cycle current limit z pre-bias start-up z short-circuit protection z thermal shutdown z exposed pad so-8 package applications z point of load dc/dc converters z lcd tv z set top boxes z dvd and blu-ray players/recorders z cable modems typical application figure 1. 3.3 v 3 a synchronous buck regulator, fs = 500 khz lx vin vin vout fb pgnd en comp agnd c2, c3 22f r1 r2 c c c ss r c c1 10f l1 4.7h AOZ1051PI ss
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 2 of 14 ordering information aos green products use reduced levels of halogens, and are also rohs compliant. please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information. pin configuration pin description part number ambient temperature range package environmental AOZ1051PI -40 c to +85 c epad so-8 green product 1 2 3 4 pgnd vin a gnd fb exposed pad so-8 (top view) pad (lx) nc ss en comp 8 7 6 5 pin number pin name pin function 1 pgnd power ground. pgnd needs to be electrically connected to agnd. 2 vin supply voltage input. when vin rises above the uvlo threshold and en is logic high, the device starts up. 3 agnd analog ground. agnd is the reference point for controller section. agnd needs to be electrically connected to pgnd. 4 fb feedback input. the fb pin is used to set t he output voltage via a resistive voltage divider between the output and agnd. 5 comp external loop compensation pin. conne ct a rc network between comp and agnd to compensate the control loop. 6 en enable pin. pull en to logic high to enable the device. pull en to logic low to disable the device. if on/off control in not needed, connect en to vin and do not leave it open. 7 ss soft-start pin. 5 a current charging current. 8 nc no connect pin. pin 8 is not internally con nected. connect this pin externally to lx and use it for better thermal performance. exposed pad lx switching node. lx is t he drain of the internal pfet. lx is used as the thermal pad of the power stage.
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 3 of 14 block diagram absolute maximum ratings exceeding the absolute maximum ratings may damage the device. note: 1. devices are inherently esd s ensitive, handling precautions are required. human body model rating: 1.5 k ? in series with 100 pf. recommended operating conditions the device is not guaranteed to operate beyond the maximum recommended operating conditions. note: 2. the value of ja is measured with the device mounted on a 1-in 2 fr-4 board with 2 oz. copper, in a still air environment with t a = 25 c. the value in any given application depends on the user?s specific board design. 500khz oscillator agnd pgnd vin en fb ss comp lx otp internal +5v ilimit pwm control logic 5v ldo regulator uvlo & por softstart reference & bias 0.8v ss 5a q1 q2 pwm comp level shifter + fet driver isen eamp + ? + ? + ? + parameter rating supply voltage (v in ) 20 v lx to agnd -0.7 v to v in +0.3 v lx to agnd (20 ns) -5 v to 22 v en to agnd -0.3 v to v in +0.3 v fb, ss, comp to agnd -0.3 v to 6.0 v pgnd to agnd -0.3 v to +0.3 v junction temperature (t j ) +150 c storage temperature (t s ) -65 c to +150 c esd rating (1) 2.0 kv parameter rating supply voltage (v in ) 4.5 v to 18 v output voltage range 0.8 v to 0.85 ? v in ambient temperature (t a ) -40 c to +85 c package therma l resistance exposed pad so-8 ( ja ) (2) 50 c/w
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 4 of 14 electrical characteristics t a = 25 c, v in = v en = 12 v, v out = 3.3 v unless otherwise specified (3 ) note: 3. specification in bold indicate an ambient temperature range of -40 c to +85 c. these specificati ons are guaranteed by design. symbol parameter conditions min. typ. max. units v in supply voltage 4.5 18 v v uvlo input under-voltage lockout threshold v in rising v in falling 4.1 3.7 v i in supply current (quiescent) i out = 0, vfb = 1.2 v, v en > 2 v 1.6 2.5 ma i off shutdown supply current v en = 0 v 110 a v fb feedback voltage t a = 25 c 0.788 0.8 0.812 v load regulation 0.5 % line regulation 1% i fb feedback voltage input current 200 na v en en input threshold off threshold on threshold 2 0.6 v v hys en input hysteresis 100 mv en leakage current 1 a ss time c ss = 1 6 nf 2 ms modulator f o frequency 400 500 600 khz d max maximum duty cycle 85 % t min controllable minimum on time 150 ns current sense transconductance 8 a / v error amplifier transconductance 200 a / v protection i lim current limit 3.5 4.5 a over-temperature shutdown limit t j rising t j falling 150 100 c output stage high-side switch on-resistance v in = 12 v v in = 5 v 70 110 m ? low-side switch on-resistance v in = 12 v v in = 5 v 40 50 m ?
rev. 1.0 june 2011 www.aosmd.com page 5 of 14 AOZ1051PI typical performance characteristics circuit of figure 1. t a = 25 c, v in = v en = 12 v, v out = 3.3 v unless otherwise specified. light load operation 2s/div start up to full load 2ms/div full load operation 2s/div short circuit protection 20ms/div short circuit recovery 20ms/div vin ripple 0.5v/div vo ripple 0.1v/div il 2a/div vlx 10v/div vin 5v/div vo 2v/div lin 2a/div lvx 10v/div vo 2v/div il 2a/div vlx 10v/div vo 2v/div il 2a/div 50% to 100% load transient 100s/div vo 0.1v/div io 2a/div vin ripple 0.1v/div vo ripple 0.1v/div il 2a/div vlx 10v/div
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 6 of 14 efficiency detailed description the AOZ1051PI is a current-mode step down regulator with an integrated high-side pmos switch and a low-side nmos switch. the AOZ1051PI operates from a 4.5 v to 18 v input voltage range and supplies up to 3 a of load current. features include enable control, power-on reset, input under voltage lockout, output over voltage protection, external soft-start and thermal shut down. the AOZ1051PI is available in an exposed pad so-8 package. enable and soft start the AOZ1051PI has an external soft start feature to limit in-rush current and ensure the output voltage ramps up smoothly to regulation voltage. the soft start process begins when the input voltage rises to 4.1 v and voltage on the en pin is high. in the soft start process, the fb voltage is ramped to follow the voltage of the soft start pin until it reaches 0.8 v. the voltage of the soft-start pin is charged by an internal 5 a current. the en pin of the AOZ1051PI is active high. connect the en pin to vin if the enable function is not used. pulling en to ground will disable th e AOZ1051PI. do not leave en open. the voltage on the en pin must be above 2 v to enable the AOZ1051PI. when the en pin voltage falls below 0.6 v, the AOZ1051PI is disabled. steady-state operation under heavy load steady-state conditions, the converter operates in fixed frequency and continuous-conduction mode (ccm). the AOZ1051PI integrates an internal p-mosfet as the high-side switch. inductor curren t is sensed by amplifying the voltage drop across the drain to source of the high side power mosfet. output voltage is divided down by the external voltage divider at the fb pin. the difference of the fb pin voltage and reference voltage is amplified by the internal transconductance error amplifier. the error voltage, which shows on the comp pin, is compared against the current signal, which is the sum of inductor current signal and ramp compensation signal, at the pwm comparator input. if the current signal is less than the error voltage, the inte rnal high-side switch is on. the inductor current flows from the input through the inductor to the output. when the current signal exceeds the error voltage, the high-side switch is off. the inductor current is freewheeling through the internal low-side n-mosfet switch to output. the internal adaptive fet driver guarantees no turn on overlap of both the high-side and the low-side switch. efficiency (v in = 12v) vs. load current 100 95 90 85 80 75 70 65 60 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.0 load current (a) efficiency (%) 5v output 3.3v output 1.8v output 1.2v output
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 7 of 14 compared with regulators using freewheeling schottky diodes, the AOZ1051PI uses a freewheeling nmosfet to realize synchronous rect ification. this greatly improves the converter efficiency and reduces power loss in the low-side switch. the AOZ1051PI uses a p-channel mosfet as the high-side switch. this saves the bootstrap capacitor normally seen in a circuit us ing an nmos switch. it also allows 100 % turn-on of the high-side switch to achieve linear regulation mode of operation. the minimum voltage drop from v in to v o is the load current times dc resistance of the mosfet pl us dc resistance of the buck inductor. it can be calculated by equation below: where; v o_max is the maximum output voltage, v in is the input voltage from 4.5 v to 18 v, i o is the output current from 0 a to 3 a, and r ds(on) is the on resistance of the internal mosfet. output voltage programming output voltage can be set by feeding back the output to the fb pin using a resistor divider network as shown in figure 1. the resistor divider network includes r 1 and r 2 . usually, a design is started by picking a fixed r 2 value and calculating the required r 1 with the equation below: some standard value of r 1 and r 2 for the most common output voltages are listed in table 1. table 1. the combination of r 1 and r 2 should be large enough to avoid drawing excessive current from the output, which will cause power loss. since the switch duty cycle ca n be as high as 100 %, the maximum output voltage can be set as high as the input voltage minus the voltage drop on the upper pmos and the inductor. protection features the AOZ1051PI has multiple protection features to prevent system circuit damage under abnormal conditions. over current protection (ocp) the sensed inductor current signal is also used for over current protection. since the AOZ1051PI employs peak current mode control, the comp pin voltage is proportional to the peak indu ctor current. the comp pin voltage is limited to be between 0.4 v and 2.5 v internally. the peak inductor current is automatically limited cycle-by-cycle. when the output is shorted to ground under fault conditions, the inductor current slowly decays during a switching cycle because the output voltage is 0 v. to prevent catastrophic failure, a secondary current limit is designed inside the AOZ1051PI. the measured inductor current is compared against a preset voltage which represents the current limit, between 3.5 a and 5.0 a. when the output current is greater than the current limit, the high side switch will be turned off. the converter will initiate a soft start once the over-current condition is resolved. power-on reset (por) a power-on reset circuit monitors the input voltage. when the input voltage exceeds 4. 1 v, the converter starts operation. when input voltage falls below 3.7 v, the converter will be shut down. thermal protection an internal temperature sensor monitors the junction temperature. the sensor shuts down the internal control circuit and high side pmos if the junction temperature exceeds 150 oc. the regulato r will restart automatically under the control of the soft-start circuit when the junction temperature decreases to 100 oc. v o (v) r 1 (k ? ) r 2 (k ? ) 0.8 1.0 open 1.2 4.99 10 1.5 10 11.5 1.8 12.7 10.2 2.5 21.5 10 3.3 31.1 10 5.0 52.3 10 v o_max v in i o r ds on () ? = v o 0.8 1 r 1 r 2 ------ - + ?? ?? ?? =
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 8 of 14 application information the basic AOZ1051PI application circuit is show in figure 1. component selection is explained below. input capacitor the input capacitor must be connected to the v in pin and the pgnd pin of AOZ1051PI to maintain steady input voltage and filter out the pulsing input current. the voltage rating of input capacitor must be greater than maximum input voltage plus ripple voltage. the input ripple voltage can be approximated by equation below: since the input current is discontinuous in a buck converter, the current stress on the input capacitor is another concern when selecting the capacitor. for a buck circuit, the rms value of input capacitor current can be calculated by: if we let m equal the conversion ratio: the relationship between the input capacitor rms current and voltage conversion ratio is calculated and shown in figure 2 below. it can be seen that when v o is half of v in , c in is under the worst current stress. the worst current stress on c in is 0.5 x i o . figure 2. i cin vs. voltage conversion ratio for reliable operation and best performance, the input capacitors must have a cu rrent rating higher than i cin_rms at the worst operating conditions. ceramic capacitors are preferred for input capacitors because of their low esr and high current rating. depending on the application circuits, other low esr tantalum capacitors may be used. when selecting ceramic capacitors, x5r or x7r type dielectric ceramic capacitors should be used for their better temperature and voltage characteristics. note that the ripple curr ent rating from capacitor manufactures are based on a certain operating life time. further de-rating may need to be considered for long term reliability. inductor the inductor is used to supply constant current to output when it is driven by a switching voltage. for a given input and output voltage, inductance and switching frequency together decide the inductor ripple current, which is: the peak inductor current is: high inductance gives low inductor ripple current but requires larger size inductor to avoid saturation. low ripple current reduces induct or core losses. it also reduces rms current through inductor and switches, which results in less conduction loss. usually, peak to peak ripple current on the inductor is designed to be 20 % to 40 % of output current. when selecting the inductor, confirm it is able to handle the peak current without saturation at the highest operating temperature. the inductor takes the highest current in a buck circuit. the conduction loss on the inductor needs to be checked for thermal and efficiency requirements. surface mount inductors in different shape and styles are available from coilcraft, elytone and murata. shielded inductors are small and radiate less emi noise. however, they cost more than unshie lded inductors. the choice depends on emi requirement, price and size. v in i o fc in ----------------- 1 v o v in -------- - ? ?? ?? ?? v o v in -------- - = i cin_rms i o v o v in -------- - 1 v o v in -------- - ? ?? ?? ?? = v o v in -------- - m = 0 0.1 0.2 0.3 0.4 0.5 0 0.5 1 m i cin_rms (m) i o i l v o fl ---------- - 1 v o v in -------- - ? ?? ?? ?? = i lpeak i o i l 2 -------- + =
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 9 of 14 output capacitor the output capacitor is selected based on the dc output voltage rating, output ripple voltage specification and ripple current rating. the selected output capacito r must have a higher rated voltage specification than the maximum desired output voltage including ripple. de-rating needs to be considered for long term reliability. output ripple voltage specification is another important factor for selecting the output capacitor. in a buck converter circuit, output ripple voltage is determined by inductor value, switching fr equency, output capacitor value and esr. it can be calculated by the equation below: where, c o is output capacitor value, and esr co is the equivalent series resistance of the output capacitor. when a low esr ceramic capacitor is used as the output capacitor, the impedance of the capacitor at the switching frequency dominates. output ripple is mainly caused by capacitor value and inductor ripple current. the output ripple voltage calculation can be simplified to: if the impedance of esr at switching frequency dominates, the output ripple vo ltage is mainly decided by capacitor esr and inductor ripple current. the output ripple voltage calculation can be further simplified to: for lower output ripple voltage across the entire operating temperature range, x5r or x7r dielectric type of ceramic, or other low esr tantalum capacitors are recommended as output capacitors. in a buck converter, out put capacitor current is continuous. the rms current of output capacitor is decided by the peak to peak inductor ripple current. it can be calculated by: usually, the ripple current rating of the output capacitor is a smaller issue because of the low current stress. when the buck inductor is selected to be very small and inductor ripple current is hi gh, the output capacitor could be overstressed. loop compensation the AOZ1051PI employs peak current mode control for ease of use and fast transient response. peak current mode control eliminates the double pole effect of the output l&c filter. it also greatly simplifies the compensation loop design. with peak current mode control, the buck power stage can be simplified to be a one-pole and one-zero system in frequency domain. the pole is dominant pole can be calculated by: the zero is a esr zero due to the output capacitor and its esr. it is can be calculated by: where; c o is the output filter capacitor, r l is load resistor value, and esr co is the equivalent series resistance of output capacitor. the compensation design shapes the converter control loop transfer function for the desired gain and phase. several different types of compensation networks can be used with the AOZ1051PI. for most cases, a series capacitor and resistor network connected to the comp pin sets the pole-zero and is adequate for a stable high-bandwidth control loop. in the AOZ1051PI, fb and comp are the inverting input and the output of the internal error amplifier. a series r and c compensation network connected to comp provides one pole and one zero. the pole is: where; g ea is the error amplifier transconductance, which is 200 x 10 -6 a/v, g vea is the error amplifier voltage gain, which is 500 v/v, and c c is the compensation capacitor in figure 1. v o i l esr co 1 8 fc o ------------------------- + ?? ?? = v o i l 1 8 fc o ------------------------- = v o i l esr co = i co_rms i l 12 ---------- = f p 1 1 2 c o r l ---------------------------------- - = f z 1 1 2 c o esr co ------------------------------------------------ = f p 2 g ea 2 c c g vea ------------------------------------------ - =
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 10 of 14 the zero given by the external compensation network, capacitor c c and resistor r c , is located at: to design the compensation circuit, a target crossover frequency f c to close the loop must be selected. the system crossover frequency is where the control loop has unity gain. the crossover is the also called the converter bandwidth. generally a higher bandwidth means faster response to lo ad transients. however, the bandwidth should not be too high because of system stability concern. when de signing the compensation loop, converter stab ility under all line an d load condition must be considered. usually, it is recommended to set the bandwidth to be equal or less than 1/10 of the switching frequency. the strategy for choosing r c and c c is to set the cross over frequency with r c and set the compensator zero with c c . using selected cr ossover frequency, f c , to calculate r c : where; f c is the desired crossover frequency. for best performance, f c is set to be about 1/10 of the switching frequency; v fb is 0.8v, g ea is the error amplifier transconductance, which is 200 x 10 -6 a/v, and g cs is the current sense circui t transconductance, which is 8 a/v the compensation capacitor c c and resistor r c together make a zero. this zero is put somewhere close to the dominate pole f p1 but lower than 1/5 of the selected crossover frequency. c c can is selected by: the above equation can be simplified to: an easy-to-use application software which helps to design and simulate the compensation loop can be found at www.aosmd.com . thermal management and layout considerations in the AOZ1051PI buck regulator circuit, high pulsing current flows through two circuit loops. the first loop starts from the input capacito rs, to the vin pin, to the lx pad, to the filter induct or, to the output capacitor and load, and then returns to the input capacitor through ground. current flows in the first loop when the high side switch is on. the second loop starts from the inductor, to the output capacitors and load, to the low side nmosfet. current flows in the second loop when the low side nmosfet is on. in pcb layout, minimizing the area of the two loops will reduce the noise of the circuit and improves efficiency. a ground plane is strongly recommended to connect the input capacitor, the output capacitor, and the pgnd pin of the AOZ1051PI. in the AOZ1051PI buck regula tor circuit, the major power dissipating components are the AOZ1051PI and the output inductor. the total power dissipation of converter circuit can be measured by input power minus output power: the power dissipation of the inductor can be approximately calculated by the output current and dcr value of the inductor: the actual junction temperature can be calculated by the power dissipation in the AOZ1051PI and the thermal impedance from junction to ambient: the maximum junction temperature of the AOZ1051PI is 150 oc, which limits the maximu m load current capability. the thermal performance of the AOZ1051PI is strongly affected by the pcb layout. care should be taken during the design process to ensure that the ic will operate under the recommended environmental conditions. f z 2 1 2 c c r c ----------------------------------- = r c f c v o v fb ---------- 2 c c g ea g cs ----------------------------- - = c c 1.5 2 r c f p 1 ----------------------------------- = c c c o r l r c --------------------- = p total_loss v in i in v o i o ? = p inductor_loss i o 2 r inductor 1.1 = t junction p total_loss p inductor_loss ? () ja =
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 11 of 14 layout considerations the AOZ1051PI is an exposed pad so-8 package. several layout tips are listed for the best electric and thermal performance. 1. the exposed pad (lx) is connected to the internal pfet and nfet drains. connected a large copper plane to the lx pin to help thermal dissipation. 2. do not use a thermal relief connection to the vin pin or the pgnd pin. pour a maximized copper area to the pgnd pin and the vin pin to help thermal dissipation. 3. the input capacitor should be connected as close as possible to the vin pin and the pgnd pin. 4. a ground plane is preferred. if a ground plane is not used, separate pgnd from agnd and only connect them at one point to avoid the pgnd pin noise coupling to the agnd pin. 5. make the current trace from the lx pad to l to co to the pgnd as short as possible. 6. pour copper plane on all unused board area and connect it to stable dc nodes, like vin, gnd or vout. 7. keep sensitive signal trace away from the lx pad.
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 12 of 14 package dimensions, so-8 ep1 notes: 1. package body sizes exclude mold flash and gate burrs. 2. dimension l is measured in gauge plane. 3. tolerance 0.10mm unless otherwise specified. 4. controlling dimension is millimeter, converted inch dimensions are not necessarily exact. 5. die pad exposure size is according to lead frame design. 6. followed from jedec ms-012 symbols a a1 a2 b c d d0 d1 e e e1 e2 e3 l y | l1?l1' | l1 dimensions in millimeters recommended land pattern min. 1.40 0.00 1.40 0.31 0.17 4.80 3.20 3.10 5.80 ? 3.80 2.21 0.40 ? 0 ? d0 unit: mm nom. 1.55 0.05 1.50 0.406 ? 4.96 3.40 3.30 6.00 1.27 3.90 2.41 0.40 ref 0.95 ? 3 0.04 1.04 ref max. 1.70 0.10 1.60 0.51 0.25 5.00 3.60 3.50 6.20 ? 4.00 2.61 1.27 0.10 8 0.12 dimensions in inches d1 e1 e e3 e2 note 5 l1' l1 l gauge plane 0.2500 c d 7 (4x) b 3.70 2.20 2.87 2.71 5.74 1.27 0.80 0.635 e a1 a2 a symbols a a1 a2 b c d d0 d1 e e e1 e2 e3 l y | l1?l1' | l1 min. 0.055 0.000 0.055 0.012 0.007 0.189 0.126 0.122 0.228 ? 0.150 0.087 0.016 ? 0 ? nom. 0.061 0.002 0.059 0.016 ? 0.195 0.134 0.130 0.236 0.050 0.153 0.095 0.016 ref 0.037 ? 3 0.002 0.041 ref max. 0.067 0.004 0.063 0.020 0.010 0.197 0.142 0.138 0.244 ? 0.157 0.103 0.050 0.004 8 0.005
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 13 of 14 tape and reel dimensions, so-8 ep1 carrier tape reel tape size 12mm reel size ?330 m ?330.00 0.50 package so-8 (12mm) a0 6.40 0.10 b0 5.20 0.10 k0 2.10 0.10 d0 1.60 0.10 d1 1.50 0.10 e 12.00 0.10 e1 1.75 0.10 e2 5.50 0.10 p0 8.00 0.10 p1 4.00 0.10 p2 2.00 0.10 t 0.25 0.10 n ?97.00 0.10 k0 unit: mm b0 g m w1 s k h n w v r trailer tape 300mm min. or 75 empty pockets components tape orientation in pocket leader tape 500mm min. or 125 empty pockets a0 p1 p2 feeding direction p0 e2 e1 e d0 t d1 w 13.00 0.30 w1 17.40 1.00 h ?13.00 +0.50/-0.20 k 10.60 s 2.00 0.50 g ? r ? v ? leader/trailer and orientation unit: mm
AOZ1051PI rev. 1.0 june 2011 www.aosmd.com page 14 of 14 part marking z1051pi fay part number code assembly lot code year & week code wlt fab & assembly location as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. this data sheet contains preliminary data; supplementary data may be published at a later date. alpha & omega semiconductor reserves the right to make changes at any time without notice. life support policy alpha & omega semiconductor products are not author ized for use as critical components in life support devices or systems.


▲Up To Search▲   

 
Price & Availability of AOZ1051PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X