Part Number Hot Search : 
LM158WD 350009 S3LP606L SQ2222AF BR100 6KE120AP OPL7002 C20T06Q
Product Description
Full Text Search
 

To Download AIMB-256G2-00A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial motherboards features ? supports intel ? core?2 duo/ celeron ? m mobile processor ufc-pga 478 - gme965 and ich8m ? two 200-pin sodimm sockets support up to 4 gb dual channel ddr2 533/667 mhz sdram ? supports dual display for crt, lvds, and dvi ? supports 4 serial ports, 3 sata ports, 2 lan ,cf and tpm1.2 (optional) ? supports susiaccess and embedded software apis aimb-256 intel ? core?2 duo socket 479 mini-itx with crt/dvi/lvds, 4 com and dual lan specifcations processor system cpu (65 nm fc-pga 478, socket p) intel core 2 duo intel celeron m intel ulv core 2 duo max. speed t7500 2.2 ghz 550 2.0 ghz u7500 1.06 ghz on board front side bus 800 mhz 533 mhz 533 mhz l2 cache 2 x 2 mb 1 mb 1 mb chipset intel gme965 + ich8m bios ami 16 mbit, spi expansion slot pci 32-bit/33 mhz, 1 slot mini-pci - pcie - memory technology dual channel ddr2 533/667 mhz sdram max. capacity 4 gb socket 2 x 200-pin sodimm (non-ecc) graphics controller intel gme965 gmch integrated graphics media accelerator x3100 vram dvmt 4.0 supports shared system memory up to 384 mb video memory lvds single channel 18/24-bit/dual channel 36/48-bit lvds tv-out - dvi yes, via chrontel ch7307c sdvo transmitter dual display crt+lvds, crt+dvi, lvds+dvi ethernet interface 10/100/1000 mbps controller gbe lan1: realtek rtl8111e; gbe lan2: realtek rtl8111e connector rj-45 x 2 sata max data transfer rate 300 mb/s channel 3 eide mode eide (ultra dma 100) channel 1 ssd compactflash supports compactflash type i/ii rear i/o crt 1 dvi 1 ethernet 2 usb 4 (usb 2.0 compliant) audio 3 (mic-in, line-out, line-in) serial 2 (2 x rs-232, supplies 5 v & 12 v) ps/2 2 (1 x keyboard and 1 x mouse) internal connector lvds 1 usb 6 (usb 2.0 compliant) serial 2 (2 x rs-232, supplies 5 v & 12 v) ide 1 sata 3 compactflash 1 parallel - irda - fdd - gpio 8-bit watchdog timer output system reset interval programmable 1 ~ 255 sec/min power requirements power on intel core 2 duo t7300 2.0 ghz fsb 800 mhz, 2 gb ddr2 sdram +5 v +3.3 v +12 v +5 vsb 2.75 a 1.76 a 4.13 a 1.42 a environment operating non-operating temperature 0 ~ 60 c (32 ~ 140 f) -20 ~ 70 c (-4 ~ 158 f) physical characteristics dimensions 170 mm x 170 mm (6.69" x 6.69") utilities: software apis: watchdog h/w monitor smbus bios fash gpio brightness monitoring all product specifications are subject to change without notice last updated : 13-jun-2012
www.advantech.com/products online download block diagram ordering information part number cpu gbe dvi sata AIMB-256G2-00A1E - 2 1 3 packing list description quantity aimb-256 sbc 1 ide hdd cable (40-pin) 1 sata hdd data cable 2 sata hdd power cable 2 serial cables 2 cpu cooler 1 i/o port bracket 1 startup manual 1 driver cd 1 i/o view aimb-256 AIMB-256G2-00A1E optional accessories part number description 1700003195 usb cable with two ports, 17.5 cm 1700002204 usb cable with two ports, 27 cm 1700008461 usb cable with four ports, 30.5 cm embedded os/api os/api part no. description win xpe 2070004369 xpe sp2 fp2007aimb-256 v3.01 eng software api 205e000021 susi 3.0 sw api for aimb-256 xp intel gme965 gmch crt intel socket 479 core 2 duo/celeron m processor bios super io winbond w83627dhg-a 2 rs-232, wdt, ps/2 infineon slb9635tt tpm 1.2 (optional) fintek f81216d com3, 4 direct media interface 2 gb/s bandwidth ich8m 533/800 mhz fsb crt ddr2 533/667 ddr2 533/667 channel a channel b lvds sdvo lvds 24-bit/channel gbe-lan1: realtek 8111e gbe-lan2: realtek 8111e spi dvi lpc 1 ata 100-port 3 sata ports 10 usb ports realtek audio codec alc892 pci1 edge connector 300mb/s dma 33/66/100 pcie x1 pcie x1 8-bit gpio smbus 32-bit/33 mhz pci bus usb 2.0/1.1 hd audio


▲Up To Search▲   

 
Price & Availability of AIMB-256G2-00A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X