Part Number Hot Search : 
DZ6V2 25ETT TZA3050 HT1050B SPDR1004 25ETT UM4301 25ETT
Product Description
Full Text Search
 

To Download 829-22-006-20-002101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?product?number:?829-22-006-20-002101 description: interconnect header spring-loaded header horizontal mount single row through hole plating?code: 22 shell?plating: 20 " gold over 100 " nickel packaging: packaged in tubes # of pins a b mill-max part number rohs compliant 6 0.406 0.090 829- 22 -006-20-002101 ?insulator?information: pct polyester, (thermx cg933, black) high temperature properties?of?pct?polyester: brand: thermx grade: cg-933 rated voltage: 100 vrms/150 vdc insulation resistance: 10,000 megaohms min. material heat deflection temp (per astm d 648): 529f (276c) @ 66 psi dielectric strength: 1000 vrms min. (700 vrms min. for series 117 shrink dip) note: materials above 446f (230c) are considered suitable for "eutectic" reflow soldering, above 500f (260c) for "lead-free" reflow soldering. certificate?of?compliance: this is to certify that the product described above is manufactured to mill-max quality standards in accordance with all applicable specifications and drawing. mill-max certifies this product to be free from defects of materials and workmanship. this certificate of compliance covers the following requirements: dimensional (all features verified to be within tolerances described on the applicable drawing). raw material (materials and properties verified to be as described on the applicable drawing). plating (platings as required, thickness verified, and performance including solderability per mil-standard). performance (insertion extraction or other force requirements as described on the applicable drawing). mill-max mfg. corp. datasheet last modified 4/17/2013 page 1 of 2
rohs?compliance?statement?for?the?restriction?of?lead,?mercury,?cadmium?and?hexavalent?chromium?pbb,? pbde,?including?octa-bde,?penta-bde,?deca?-bde,?in?electronic?equipment?and?use?of?pfoa? and?pfos?in?metal?plating?processes. reference: 1. directive 2002/95/ec of the european parliament and of the council of january 27 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. 2. directive 2003/11/ec which amends council directive 76/769/ec to include pentabromodiphenyl ether and octabromodiphenyl ether. 3. directive 2005/618/ec commission decision of 18 august 2005 amending directive 2002/95/ec. establishes threshold limits for lead, mercury, cadmium, hexavalent chromium, pbb, and pbde. 4. judgment of the court (grand chamber) 1 april 2008, directive 2002/95/ec-electrical and electronic equipment - decabromodiphenyl ether (deca-bde) actions for annulment of exemption. 5. eu directive 2006/122/ec of the european parliament and of the council of 12 december 2006, amending council directive 76/769/eec on the restriction of perfluorooctanoic acid (pfoa) and perfluorooctane sulfanates (pfos) used during metal plating processes. in reference to the directives described above, mill-max mfg.corp. declares that lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls, polybrominated diphenyl ethers, including pentabromodiphenyl ether, octabromodiphenyl ether, decabromodiphenyl ether, perfluorooctanoic acid, and perfluorooctane sulfanates are not intentionally added to the raw material or processes used for our certified rohs compliant products except where described and allowed under item 6 of the annex; applications where lead mercury, cadmium, and hexavalent chromium, which are exempted from the requirements of article 4 (1) of reference 1. no warranty, liability of indemnification is expressed or implied with this information. compliance?statement?for?registration,?evaluation,?authorization?and?restriction?of?chemicals?(reach)? reference: 1. regulation ec no 1907/2006 of the european parliament and of the council of 18 december 2006, concerning the registration, evaluation, authorization and restriction of chemicals (reach) 2. echa, candidate list of substances of very high concern (svhc) http://echa.europa.eu/reach_en.asp mill-max is aware of the regulation and the svhc list the eu published (referenced above). mill-max does not produce or sell any of the listed substances in their homogeneous form. these substances are not intentionally added during the manufacturing of any mill-max products. to our knowledge, our products do not contain the substances described on the echa svhc list. testing is not performed for materials and substances that were not intentionally added. no warranty, liability of indemnification is expressed or implied with this information. mill-max maintains surveillance of the echa website to obtain the latest information and periodically reviews the svhc list for changes and additions. compliance?statement?for?drc?conflict?free?products.? reference: dodd-frank wall street reform and consumer protection act, section 1502, reporting requirements for users of conflict minerals. conflict minerals, are columbite-tantalite (coltan), cassiterite, gold, wolframite, or their derivatives; or any other mineral or its derivatives determined by the secretary of state to be financing conflict in the democratic republic of the congo (drc) or an adjoining country. metals derived from these minerals are tin, tantalum, tungsten, and gold. by this definition, the only minerals of concern that may be found in mill-max products are tin and gold. mill-max mfg.corp. hereby certifies that its products are manufactured with tin and gold that is derived from material that is considered drc conflict free. mill-max provides this assurance as a result of a due diligence process that includes traceability to the source and in some cases the identification of recycled and scrap materials included in the subject material. mill-max mfg. corp. datasheet last modified 4/17/2013 page 2 of 2


▲Up To Search▲   

 
Price & Availability of 829-22-006-20-002101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X