Part Number Hot Search : 
NE5532 90143 MVTX2803 10N60 XC6415 14001BC 1SMA5914 AN2502
Product Description
Full Text Search
 

To Download 30D256G003BA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  te www.vishay.com vishay sprague revision: 28-aug-12 1 document number: 42042 for technical questions, contact: aluminumcaps 4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors little-lytic electrolytics features ? proven dependable perfor mance in the industrial and electronic equipment with either transistor or modified electron-tube circuits ? all terminal connections welded, eliminating possibility of open or interm ittent contacts occasionally found in pressure joints of conventional capacitors ? superior in size, performanc e characteristics, shelf life, construction and reliability ? metal-encased with clear plastic outer insulating sleeve ? excellent circuit performa nce when used as coupling capacitors ? minimum drain and long battery life when used in battery bypass applications ? better performance under life test than most miniature aluminum electrolytic capacitors ?axial lead ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 capacitance vs. temperature dimensions and available forms quick reference data description value operating temperature - 40 c to + 105 c tolerance on c r g = + 75 %, - 10 % and f = + 50 %, - 10 % ripple current 10 ? to 600 ? max. at 120 hz, depending upon capacitance life validation test 2000 h at + 85 c after test, capacitance value shall not have changed by more than 20 %, the equivalent series resistance in ohms shall not have exceeded 150 % of initial requirement and the leakage current shall not have exceeded the initial requirement. dc leakage current maximum dc leakage current at + 25 c for all capacitors is 15 a, except units in case code dd, which is 15.8 a. shelf test 250 h at + 85 c, with no voltage applied the capacitance and equivalent series resistance shall meet the initial requirements and the dc leakage current shall not exceed 300 % of the initial requirement. 800 f - 3 v 300 f - 16 v 200 f - 25 v 100 f - 50 v 25 f - 100 v - 40 typical - 20 0 + 20 + 40 + 60 + 80 + 100 + 120 0.9 1.0 1.1 1.2 capacitance ratio at 120 hz temperature in c dimensions in inches [millimeters] case code d l case code d l ba 0.260 [6.604] 0.536 [13.614] dc 0.385 [9.779] 0.848 [21.539] bb 0.260 [6.604] 0.723 [18.364] dd 0.385 [9.779] 0.973 [24.714] cb 0.322 [8.179 ] 0.723 [18.364] df 0.385 [9.779] 1.286 [32.664] cc 0.322 [8.179] 0.848 [21.539] dh 0.385 [9.779] 1.536 [39.014] db 0.385 [9.779] 0.723 [18.364] l 1.500 [38.10] min. d 0.032 [0.811] dia. no. 20 awg tinned copper leads 1.500 [38.10] min.
te www.vishay.com vishay sprague revision: 28-aug-12 2 document number: 42042 for technical questions, contact: aluminumcaps 4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering example order by distribution part no. example: te1055 note ? for lead (pb)-free/rohs compliant products add the suffix -e3 to the shorte ned distribution part. no. example: te1055-e3 note ? for lead (pb)-free/rohs compliant products add the suffix e3 to the standard oem part no. example: 30D256G003BA2e3 electrical data and ordering information capacitance (f) case code distributor part number descriptor part number 3 wv dc 1.0 - see 50 wv dc listing - 2.0 - see 50 wv dc listing - 3.0 - see 50 wv dc listing - 4.0 - see 50 wv dc listing - 5.0 - see 25 wv dc listing - 6.0 - see 25 wv dc listing - 8.0 - see 25 wv dc listing - 10.0 - see 16 wv dc listing - 15.0 - see 12 wv dc listing - 20.0 - see 6 wv dc listing - 25.0 ba te1055 30D256G003BA2 50.0 - see 6 wv dc listing - 75.0 - see 6 wv dc listing - 100.0 cb te1059.5 30d107g003cb2 200.0 cc te1064 30d207g003cc2 300.0 dc te1066 30d307g003dc2 500.0 df te1068 30d507g003df2 6 wv dc 1.0 - see 50 wv dc listing - 2.0 - see 50 wv dc listing - 3.0 - see 50 wv dc listing - 4.0 - see 50 wv dc listing - 5.0 - see 25 wv dc listing - 6.0 - see 25 wv dc listing - 8.0 - see 25 wv dc listing - 10.0 - see 16 wv dc listing - 15.0 - see 12 wv dc listing - 20.0 ba te1090 30d206g006ba2 25.0 - see 16 wv dc listing - 35.0 bb te1093 30d356g006bb2 50.0 bb te1100 30d506g006bb2 75.0 cb te1101.5 30d756g006cb2 100.0 - see 12 wv dc listing - 200.0 dc te1104 30d207g006dc2 250.0 dd te1105 30d257g006dd2 300.0 dd te1106 30d307g006dd2 400.0 df te1107 30d407g006df2 500.0 dh te1107.5 30d507g006dh2 600.0 dh te1108.5 30d607g006dh2
te www.vishay.com vishay sprague revision: 28-aug-12 3 document number: 42042 for technical questions, contact: aluminumcaps 4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 12 wv dc 1.0 - see 50 wv dc listing - 2.0 - see 50 wv dc listing - 3.0 - see 50 wv dc listing - 4.0 - see 50 wv dc listing - 5.0 - see 25 wv dc listing - 6.0 - see 25 wv dc listing - 8.0 - see 25 wv dc listing - 10.0 - see 16 wv dc listing - 15.0 ba te1129 30d156g012ba2 20.0 - see 16 wv dc listing - 25.0 - see 16 wv dc listing - 50.0 - see 16 wv dc listing - 60.0 cb te1133.5 30d606g012cb2 75.0 - see 16 wv dc listing - 100.0 cc te1135 30d107g012cc2 150.0 - see 16 wv dc listing 200.0 - see 16 wv dc listing 250.0 - see 16 wv dc listing 290.0 df te1139 30d297g012df2 16 wv dc 1.0 - see 50 wv dc listing - 2.0 - see 50 wv dc listing - 3.0 - see 50 wv dc listing - 4.0 - see 50 wv dc listing - 5.0 - see 25 wv dc listing - 6.0 - see 25 wv dc listing - 8.0 - see 25 wv dc listing - 10.0 ba te1155 30d106g016ba2 15.0 - see 25 wv dc listing - 20.0 bb te1157 30d206g016bb2 25.0 bb te1157.1 30d256g016bb2 30.0 - see 25 wv dc listing - 35.0 - see 25 wv dc listing - 50.0 cb te1160 30d506g016cb2 75.0 cc te1161 30d756g016cc2 100.0 dc te1162 30d107g016dc2 150.0 dd te1163 30d157g016dd2 200.0 df te1164 30d207g016df2 250.0 df te1164.5 30d257g016df2 300.0 dh te1165.5 30d307g016dh2 350.0 dh te1166 30d357g016dh2 electrical data and ordering information capacitance (f) case code distributor part number descriptor part number
te www.vishay.com vishay sprague revision: 28-aug-12 4 document number: 42042 for technical questions, contact: aluminumcaps 4@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 25 wv dc 1.0 - see 50 wv dc listing - 2.0 - see 50 wv dc listing - 3.0 - see 50 wv dc listing - 4.0 - see 50 wv dc listing - 5.0 ba te1202 30d505g025ba2 6.0 ba te1203 30d605g025ba2 8.0 ba te1203.5 30d805g025ba2 10.0 bb te1204 30d106g025bb2 15.0 bb te1205 30d156g025bb2 20.0 cb te1206 30d206g025cb2 25.0 cb te1207 30d256g025cb2 30.0 cb te1207.5 30d306g025cb2 35.0 cb te1208 30d356g025cb2 50.0 cc te1209 30d506g025cc2 75.0 dc te1210 30d756g025dc2 100.0 dd te1211 30d107g025dd2 150.0 df te1212 30d157g025df2 200.0 dh te1213 30d207g025dh2 50 wv dc 1.0 ba te1300 30d105g050ba2 2.0 ba te1301 30d205g050ba2 3.0 ba te1302 30d305g050ba2 4.0 ba te1302.1 30d405g050ba2 5.0 bb te1303 30d505g050bb2 6.0 bb te1303.1 30d605g050bb2 8.0 bb te1303.3 30d805g050bb2 10.0 cb te1304 30d106g050cb2 15.0 cb te1304.2 30d156g050cb2 20.0 cc te1305 30d206g050cc2 25.0 cc te1305.5 30d256g050cc2 35.0 dc te1306 30d356g050dc2 50.0 dd te1307 30d506g050dd2 75.0 df te1308 30d756g050df2 100.0 dh te1309 30d107g050dh2 100 wv dc 1.0 ba te1400 30d105f100ba2 2.0 bb te1401 30d205f100bb2 3.0 cb te1402 30d305f100cb2 4.0 cb te1403 30d405f100cb2 5.0 cc te1404 30d505f100cc2 10.0 dc te1407 30d106f100dc2 15.0 dd te1408 30d156f100dd2 20.0 df te1409 30d206f100df2 25.0 dh te1410 30d256f100dh2 30.0 dh te1411 30d306f100dh2 150 wv dc 1.0 ba te1500 30d105f150ba2 2.0 bb te1501 30d205f150bb2 3.0 cb te1502 30d305f150cb2 4.0 cc te1503 30d405f150cc2 5.0 cc te1504 30d505f150cc2 8.0 dc te1506 30d805f150dc2 10.0 dd te1507 30d106f150dd2 15.0 df te1508.1 30d156f150df2 20.0 dh te1509 30d206f150dh2 electrical data and ordering information capacitance (f) case code distributor part number descriptor part number
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 30D256G003BA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X