Part Number Hot Search : 
2SC44 BA5390 SR840 ER801 HC138 L1024 FR102GP B25667
Product Description
Full Text Search
 

To Download 2SC5150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC5150 d escription with to-3p(h)is package high speed high voltage low saturation voltage applications horizontal deflection output for high resolution display,colortv high speed switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1700 v v ceo collector-emitter voltage open base 700 v v ebo emitter-base voltage open collector 5 v i c collector current 10 a i cm collector current-peak 20 a i b base current 5 a p c collector power dissipation t c =25 50 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3p(h)is) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC5150 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;i b =0 700 v v cesat collector-emitter saturation voltage i c =6a ;i b =1.5a 3 v v besat base-emitter saturation voltage i c =6a ;i b =1.5a 0.9 1.2 v i cbo collector cut-off current v cb =1700v; i e =0 1 ma i ebo emitter cut-off current v eb =5v; i c =0 10 a h fe-1 dc current gain i c =1a ; v ce =5v 10 28 h fe-2 dc current gain i c =6a ; v ce =5v 4 8.5 c ob collector output capacitance i e =0 ; v cb =10v,f=1mhz 185 pf f t transition frequency i e =0.1a ; v ce =10v 2 mhz switching times (inductive load) t s storage time 2.5 4 s t f fall time i cp =5a;i b1 (end) =1a f h =64khz 0.15 0.3 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC5150 package outline fig.2 outline dimensions (unindicated tolerance:0.20 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC5150


▲Up To Search▲   

 
Price & Availability of 2SC5150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X