Part Number Hot Search : 
74AVC N82005MT PEB3268 CXXXW 74LS17 VW6754 C3216X5R IRG4P
Product Description
Full Text Search
 

To Download 2SA1668 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2sa1667 2SA1668 description with to-220f package complement to type 2sc4381/4382 applications for tv vertical output ,audio output driver and general purpose applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit 2sa1667 -150 v cbo collector-base voltage 2SA1668 open emitter -200 v 2sa1667 -150 v ceo collector-emitter voltage 2SA1668 open base -200 v v ebo emitter-base voltage open collector -6 v i c collector current -2 a i b base current -1 a p c collector dissipation t c =25 25 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2sa1667 2SA1668 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit 2sa1667 -150 v (br)ceo collector-emitter breakdown voltage 2SA1668 i c =-25ma ; i b =0 -200 v v cesat collector-emitter saturation voltage i c =-0.7a;i b =-70ma -1.0 v 2sa1667 v cb =-150v;i e =0 -10 a i cbo collector cut-off current 2SA1668 v cb =-200v;i e =0 -10 a i ebo emitter cut-off current v eb =-6v; i c =0 -10 a h fe dc current gain i c =-0.7a ; v ce =-10v 60 f t transition frequency i c =-0.2a ; v ce =-12v 20 mhz c ob output capacitance i e =0 ; v cb =10v;f=1mhz 60 pf switching time t on turn-on time 0.40 s t s storage time 1.50 s t f fall time i c =-1a ;i b1 =-i b2 =-0.1a v cc =-20v ,r l =20 b 0.50 s
savantic semiconductor product specification 3 silicon pnp power transistors 2sa1667 2SA1668 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon pnp power transistors 2sa1667 2SA1668


▲Up To Search▲   

 
Price & Availability of 2SA1668

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X