Part Number Hot Search : 
B65526 SAA7185 R25H160F DBLS204G P1200A KV1501 00ELT P1200A
Product Description
Full Text Search
 

To Download 2SA1668 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon pnp power transistor 2SA1668 description collector-emitter breakdown voltage- : v (br)ceo = -200v(min) dc current gain- : h fe = 60(min)@ (v ce = -10v, i c = -0.7a) complement to type 2sc4382 applications designed for tv vertical output ,audio output driver and general purpose applications. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage -200 v v ceo collector-emitter voltage -200 v v ebo emitter-base voltage -6 v i c collector current-continuous -2 a i b base current-continuous -1 a p c collector power dissipation @t c =25 25 w t j junction temperature 150 t stg storage temperature -55~150 isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon pnp power transistor 2SA1668 electrical characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c = -25ma ; i b = 0 -200 v v ce (sat) collector-emitter saturation voltage i c = -0.7a; i b = -0.07a b -1.0 v i cbo collector cutoff current v cb = -200v ; i e =0 -10 a i ebo emitter cutoff current v eb = -6v; i c =0 -10 a h fe dc current gain i c = -0.7a ; v ce = -10v 60 c ob output capacitance i e = 0; v cb = -10v; f= 1mhz 60 pf f t current-gain?bandwidth product i e = 0.2a ; v ce = -12v 20 mhz switching times t on turn-on time 0.4 s t stg storage time 1.5 s t f fall time i c = -1a; i b1 = -i b2 = -0.1a; v cc = -20v; r l = 20 0.5 s isc website www.iscsemi.cn 2


▲Up To Search▲   

 
Price & Availability of 2SA1668

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X