Part Number Hot Search : 
NH050 8030B C100EP CM1638 07910 TDA1170N FN1174 29GL128
Product Description
Full Text Search
 

To Download 2744040446 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2744040446 printed: 2010-11-09 part number: 2744040446 frequency range: broadband frequencies 25-300 mhz (43 & 44 materials) description: 44 sm bead application: suppression components where used: board component part type: sm beads (differential-mode) preferred part: mechanical specifications weight: .140 (g) part type information surface mount beads are available from fair-rite in several materials and sizes. their rugged construction lowers the dc resistance and increases current carrying capacity compared to plated beads. -sm beads on 12 mm tape width are supplied taped and reeled per eia 481-1 and iec 60286-3 standards. sm beads on 16 and 24 mm tape widths are supplied taped and reeled per eia 481-2 and iec 60286-3 standards. taped and reeled parts are supplied on a 13'' reel. -sm beads can also be supplied not taped and reeled and then are bulk packed. this packing method will change the last digit of the part number to a '6'. -the copper conductors have a lead-free tin coating. -sm beads meet the solderability specifications when tested in accordance with mil-std-202, method 208. after dipping the mounting site of the bead, the solder surface shall be at least 95% covered with a smooth solder coating. the edges of the copper strip are not specified as solderable surfaces. -after preheating the beads to within 100 oc of the soldering temperature, the parts meet the resistance to soldering requirements of eia-186-10e, temperature 2605 oc and time 101 seconds. -suggested land patterns are in accordance with the latest revision of ipc-7351. -sm beads are controlled for impedance limits only. the impedances listed are typical values. minimum impedance values are specified for the + marked frequencies. the minimum guaranteed impedance is the listed value less 20%. sm beads in 73, 43 and 44 materials are measured for impedance on the 4193 vector impedance analyzer. the 52 and 61 sm beads are tested for impedance on the 4191a rf impedance analyzer. -recommended storage and operation temperature is -55c to 125c. -the maximum practical current rating for these sm beads is 5 amps. -for any sm bead requirement not listed, please contact our customer service group for availability and pricing. -our 'surface mount bead kit' is available for prototype evaluation. -explanation of part numbers: digits 1&2 = product class, 3&4 = material grade, last digit 6 = bulk packed, 7 = taped and reeled.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2744040446 printed: 2010-11-09 mechanical specifications dim mm mm nominal inch tol inch misc. a 1.95 max 0.076 max b 4.50 0.20 0.177 - c 6.40 -0.60 0.240 - d 1.40 0.40 0.055 - e 1.27 0.05 0.050 - f - - - - g - - - - h - - - - j - - - - k - - - - land patterns v w x y z ref 1.800 4.800 0.800 3.000 1.270 0.071 0.189 0.032 0.118 0.050 winding information turns wire 1st wire 2nd wire tested size length length - - - - reel information tape width pitch parts 7 '' parts 13 '' parts 14 '' mm mm reel reel reel - - - - - package size pkg size - (-) electrical specifications typical impedance ( ) 10 mhz 18 25 mhz+ 29 100 mhz+ 56 250 mhz 60 connector plate # holes # rows - - electrical properties max rdc(m ) 1.60 legend + test frequency preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available. the column h(oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. the actual dc h field in the application is this value of h times the actual ni (ampere-turn) product. for the effect of the dc bias on the impedance of the bead material, see figures 18-23 in the application note how to choose ferrite components for emi suppression. a ? turn is defined as a single pass through a hole. l/a - core constant l e : effective path length a e : effective cross-sectional area v e : effective core volume a l - inductance factor ( l __ n 2 ) nl - value of dc ampere-turns n/awg - number of turns/wire size for test coil
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2744040446 printed: 2010-11-09 see next page for further material specifications.
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2744040446 printed: 2010-11-09
fair-rite products corp. po box j,one commercial row, wallkill, ny 12589-0288 phone: (888) 324-7748 www.fair-rite.com fair-rite product's catalog part data sheet, 2744040446 printed: 2010-11-09


▲Up To Search▲   

 
Price & Availability of 2744040446

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X