Part Number Hot Search : 
LGM470 B10100 CXD2424R NTE30014 V120MA1A A070VW 0LVEP2 S1L50000
Product Description
Full Text Search
 

To Download SX100AD4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet -- SX100AD4 representative photograph, actual product appearance may vary. due to regional agency approval requirements, some products may not be available in your area. please contact your regional honeywell office regarding your product of choice. SX100AD4 pressure sensors: measurement type: absolute; 0 psia to 100 psia, unamplified, "d4" dip package - straight port features l low cost l high-impedance bridge l absolute and differential (gauge) l low noise l low power consumption for battery power typical applications l medical l instrumentation l barometric l measurement l pneumatic controls l battery powered equipment description the sx series pressure sensors provide the lowest cost components for measuring pressures up to 150 psi. these sensors are designed for use with non-corrosive, non-ionic media, such as air and dry gases. convenient pressure ranges are available to measure differential, gauge, and absolute pressures from 0 psi to 1 psi (sx01) up to 0 psi to 150 psi (sx150). the absolute (a) devices have an internal vacuum reference and an output voltage proportional to absolute pressure. the differential (d) devices allow application of pressure to either side of the diaphragm and can be used for gauge or differential pressure measurements. this product is packaged in either the standard low cost chip carrier ?button? package, a plastic ported ?n? package, or a dip package. file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SX100AD4.htm (1 of 5)15/03/2005 01:39:14 ?
datasheet -- SX100AD4 all packages are designed for applications where the sensing element is integral to the oem equipment. these packages can be o- ring sealed, epoxied, and/or clamped onto a pressure fitting. a closed-bridge four pin sip configuration is provided for electrical connection to the ?button? or ?n? package. the dip package mounts on a pc board like a standard ic with through-hole pins. this extremely small size package enables the use of multiple sensors in applications with limited space. SX100AD4 pressure sensors: measurement type: absolute; 0 psia to 100 psia, unamplified, "d4" dip package - straight port product specifications measurement type absolute signal conditioning unamplified pressure range 0 psia to 100 psia maximum overpressure 150 psia supply voltage 12 vdc max. compensated no output calibration no response time 100 s termination pcb port style straight package style d4 dip typical sensitivity 0.3 mv/v/psi full scale span 100 mv min., 150 mv typ., 200 mv max. zero pressure offset -35.0 mv min., -20.0 mv typ., 0.0 mv max. linearity, repeatability & hysteresis error - 0.5 min., 0.2 typ., 0.5 max. % full scale span repeatability 0.5 % span input resistance 4.1 kohms typ. output resistance 4.1 kohms typ. file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SX100AD4.htm (2 of 5)15/03/2005 01:39:14 ?
datasheet -- SX100AD4 operating temperature range -40 c to 85 c [-40 f to 185 f] storage temperature range -55 c to 125 c [-67 f to 257 f] media compatibility clean, dry gases only unspsc code 411121 unspsc commodity 411121 transducers comment lead temperature soldering 2 s to 4 s at 250 c [482 f] availability global series name sx series SX100AD4 pressure sensors: measurement type: absolute; 0 psia to 100 psia, unamplified, "d4" dip package - straight port file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SX100AD4.htm (3 of 5)15/03/2005 01:39:14 ?
datasheet -- SX100AD4 SX100AD4 pressure sensors: measurement type: absolute; 0 psia to 100 psia, unamplified, "d4" dip package - straight port [electrical connections] SX100AD4 pressure sensors: measurement type: absolute; 0 psia to 100 psia, unamplified, "d4" dip package - straight port [equivalent circuit] SX100AD4 pressure sensors: measurement type: absolute; 0 psia to 100 psia, unamplified, "d4" dip package - straight port personal injury do not use these products as safety or emergency stop devices, or in any other application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SX100AD4.htm (4 of 5)15/03/2005 01:39:14 ?
datasheet -- SX100AD4 misuse of documentation l the information presented in this product sheet (or catalog) is for reference only. do not use this document as product installation information. l complete installation, operation and maintenance information is provided in the instructions supplied with each product. failure to comply with these instructions could result in death or serious injury. ? copyright honeywell inc.1998-2004 all rights reserved. file:///c|/documents%20and%20settings/rabab/desktop/datasheet%20--%20SX100AD4.htm (5 of 5)15/03/2005 01:39:14 ?


▲Up To Search▲   

 
Price & Availability of SX100AD4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X