Part Number Hot Search : 
LBS06301 PRODUC K1528DBS CRY82 2SC2938 PT2380 51880 PSWT9012
Product Description
Full Text Search
 

To Download SR5200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) do-201ad features  low power loss, high efficiency.  high current capability, low vf.  high reliability  high surge current capability.  epitaxial construction.  guard-ring for transient protection.  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application mechanical data  cases: do-201ad molded plastic  polarity: color band denotes cathode  high temperature soldering guaranteed: 260 o c/10 seconds/.375?,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension  maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr sr sr sr sr sr sr sr units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 v maximum rms voltage v rms 14 21 28 35 42 63 70 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 v maximum average forward rectified current see fig. 1 i (av) 5.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 120 a maximum instantaneous forward voltage @5.0a v f 0.55 0.70 0.85 v 0.5 0.1 maximum d.c. reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 15 10 5.0 1.0 ma ma typical junction capacitance (note 2) cj 250 210 120 pf typical thermal resistance (note 1) r ja r jc 35 2 10 2 o c/w operating junction temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. mount on cu-pad size 5mm x 5mm on p.c.b. 2. measured at 1 mhz and applied reverse voltage of 4.0v d.c. sr520-SR5200 5.0 amp. schottky barrier rectifiers 520 530 540 550 560 590 5100 5200 weight: 1.2 grams 200 200 140 http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves fig.2- maximum non-repetitive forward surge current r of k aep tn er ru c e gr usdr aw )a ( . 1 001 02 01 5 2 50 50 100 150 250 200 300 number of cycles at 60hz 8.3ms single half sine w ave jedec method fig.1- maximum for w ard current dera ting cur ve a verage for w ard current . (a) 0 20 40 60 80 100 120 150 0 1 2 3 4 5 lead tempera ture. ( c) o single phase half w a ve 60hz resistive of inductive load 0.375"(9.5mm) lead length sr520-sr540 s sr550-SR5200 fig.3- typical for w ard characteristics inst ant aneous for w ard current . (a) .2 .3 .4 .5 .6 .7 .8 .9 0.1 1.0 10 40 for w ard vol t age. vol ts tj=25 c pulse width=300 s 1% duty cycle o s sr520-sr540 s sr550-sr560 s s SR5200 s sr590-sr5100 s sr520-sr540 tj=25 c 0 s s sr590-SR5200 sr550-sr560 fig.5- typical junction cap acit ance junction cap acit ance.(pf) .1 .4 1.0 4 10 40 80 100 10 20 40 60 100 80 300 700 reverse vol t age. (v) 500 v ersion: a06 fig.6- typical transient thermal characteristics transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 100 10 1 0.1 t , pulse dura tion. (sec) fig.4- typical reverse characteristics inst ant aneous reverse current .( m a ) 0 20 40 60 80 100 120 140 0.1 1 10 percent of ra ted peak reverse vol t age. (%) tj=25 c 0 sr5 50-5 200 sr5 20-540 tj=75 c 0 tj=125 c 0 sr5 20 -SR5200 5 .0 amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SR5200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X