Part Number Hot Search : 
MCD448 34W02 GM71V T9S00428 60R10C MC9S0 AM29F0 C1383
Product Description
Full Text Search
 

To Download SBL2040FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s bl 2 0 3 0 f c t thru sb l 2 0 45 f ct 2 0 am p s c h o tt ky b a rr i er rectifier 3 0 to 45 volts features low power loss high efficiency low forward voltage , high current capability high surge capacity ca se : it o -22 0 ab f ul l m o ld ed p l a s t ic pa ck ag e maximum ratings operating j un ct io n temperature: - 5 0 c to +1 25 c storage temperature: - 5 0 c to +1 50 c electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 2 0 a t c = 100 c peak forward surge current i fsm 1 5 0 a 8.3ms, half sine maximum instantaneous forward voltage v f . 55 v i fm = 10 a; maximum dc reverse current at rated dc blocking voltage                        mcc www. mccsemi .com i t o - 22 0 a b t j = 25 c pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2  i n c h es m m              a . 583 . 6 06 1 4 . 80 1 5 . 40 b -- - . 4 0 6 --- 10. 30 n .0 98 . 1 1 4 2. 50 2. 9 0         i r o f c . 10 0 . 1 12 2. 5 5 2. 85 d . 2 48 . 27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4. 10 f - - - . 0 7 1 -- - 1. 80 g . 512 . 5 43 13.00 13 .8 0 h .1 00 2. 55 i --- . 035 -- - 0. 9 0 j --- . 032 --- 0. 80 k .1 18 . 1 34 3. 00 3. 40 l --- . 189 --- 4. 8 0 m --- . 130 --- 3.3 0 o --- . 05 5 --- 1. 40 1.0 m a t c = 25 c 50 m a t c = 100 c         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    microsemi catalog number device marking maximum re current peak reverse voltage maximum rms voltage maximum dc blocking v oltage sbl 20 4 0 f c t s bl 20 40 fct 4 0 v 2 8 v 4 0 v sbl 2 04 5 f c t sbl2045fct 4 5 v 3 1. 5 v 4 5 v sbl 20 3 0 f ct sbl2030fct 3 0 v 21 v 3 0 v
sb l 20 30 f c t thru s b l 2045fct ww w . mccsemi .com mcc inst ant aneous for w ard current fig.2- typical instantaneous forward characteristic instantaneous forward voltage, volts a verage for w ard current fig.1- forward current derating curve case temperature, c o 0 50 100 150 25.0 20.0 15.0 10.0 5.0 0 .4 .5 .6 .7 .8 .9 1.0 1.1 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 fig.3- typical reverse characteristic inst ant aneous reverse current , milamperes 0 100 200 300 100 10 1.0 0.1 .01 t = 100 c c o t = 75 c c o t = 25 c c o peak for w ard surge current , fig.4- maximum non-repetitive surge current no. of cycle at 60hz 150 120 110 90 70 50 30 20 10 1 2 5 10 2 0 50 100 cap acit ance, pf fig.5- typical junction capacitance reverse voltage, volts 1 2 5 1 0 20 50 100 400 350 300 250 200 150 0 200 500 rating and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBL2040FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X