Part Number Hot Search : 
SK35NT16 4ACT1 HC1S30 167BZI LC89972M 29W320 2SC2860 BSP52T3
Product Description
Full Text Search
 

To Download S1024AS-100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dp418c / dp420c inductance range: 4.3~33 h (dp418c), 10~47 h (dp420c)    
 ?  ? (unit: mm)    (unit: mm) * dp418c: 1.8mm max. height dp420c: 2.0mm max. height ? lowprofile (4.2mm max. square, 1.8 and 2.0mm max. height). ? magnetically shielded construction and low dc resistance. ? ideal for a variety of dc-dc converter inductor applications. (dvc, dsc, cellular phone, pda) ? rohs compliant. ? ? ,?  (4.2mm  max. ?^ 1.8 s?| 2.0mm max.) ? ?? j ? v ? ?  ;+w dc-dc ???;?????t7 & (dvc, dsc, cellular phone, pda) ? rohs |? 0 selection guide for standard coils t ype dp418c (magnetically shielded) ?????????e (quantity/reel; 2,000 pcs) f? ? j ?????? (1) ?0) v ? (2) v o t?0 ?v (3) 9 s ?0 ?v (3) toko part number inductance (1) ( h) tolerance (%) dc resistance (2) (m ) max. (typ.) inductance decrease current (3) (a) max. (typ.) =30% temperature rise current (3) t=40 c (a) max. (typ.) s1024as-4r3m 4.3 20 57 (47) 1.05 (1.40) 2.00 (2.50) S1024AS-100M 10.0 20 120 (100) 0.70 (0.92) 1.20 (1.50) s1024as-330m 33.0 20 435 (360) 0.39 (0.52) 0.62 (0.78) type dp420c (magnetically shielded) ?????????e (quantity/reel; 2,000 pcs) f? ? j ?????? (1) ?0) v ? (2) v o t?0 ?v (3) 9 s ?0 ?v (3) toko part number inductance (1) ( h) tolerance (%) dc resistance (2) (m ) max. (typ.) inductance decrease current (3) (a) max. (typ.) =30% temperature rise current (3) t=40 c (a) max. (typ.) s1023as-4r7m 4.7 20 56 (47) 1.10 (1.45) 2.20 (2.60) s1023as-6r8m 6.8 20 75 (62) 0.90 (1.20) 1.80 (2.10) s1023as-100m 10.0 20 92 (76) 0.68 (0.91) 1.70 (2.11) s1023as-150m 15.0 20 150 (125) 0.54 (0.72) 1.20 (1.54) s1023as-470m 47.0 20 480 (400) 0.31 (0.41) 0.64 (0.80) (1) inductance is measured with a lcr meter 4284a * or equivalent. test frequency at 100khz (2) dc resistance is measured with a digital multimeter tr6871 (advantest) or equivalent. (3) maximum allowable dc current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40c, whichever is smaller. (reference ambient temperature 20c) * agilent technologies (1) ??????x lcr y?? 4284a * ?hx ? s ?t?? b ?{  * t
:x 100khz pb{ (2) v ?x?????y?? tr6871(advantest) ?hx ? s ?t?? b?{ (3) 7 g?0 ?vxj v o t ?v?v`h??????w ?u s8 ??? 30 ?n ?b? v ?v ?z?hx v ?vt??z ??w9 su 40 ? w??t ?^m ?pb{ ( *?9 s 20 ??, jqb?{ * agilent technologies l l l l recommended patterns
* ????
$ features ? ? ? dimensions ??
go
$ fixed inductors for surface mounting ?? ?
nz ;{ ?????


▲Up To Search▲   

 
Price & Availability of S1024AS-100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X