Part Number Hot Search : 
B19S4P 1N4948 GBU12A06 106K0 MCP17 CMF22A 1558D BCR14110
Product Description
Full Text Search
 

To Download RU4D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 1500v 3.0 a RU4D 50 10 RU4D 15 1.3 1500 1050 RU4D 3.0 300 siyu r ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? operating junction and storage temperature range -55 --- +150 v v v a a /w i f(av) i fsm features ? low reverse leakage ?? high forward surge capability o?? high temperature soldering guaranteed: 260 /10 , 0.375" (9.5mm) ?? 260 /10 seconds, 0.375" (9.5mm) lead length, ?? 5 (2.3kg) 5 lbs. (2.3kg) tension mechanical data : terminals: plated axial leads : ?? polarity: color band denotes cathode end ? : mounting position: any tj, tstg ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit ? ta= 25 ?? i f =0.5a i r =1.0a i rr =0.25a ? v r = 4.0v, f = 1mhz v a ns pf i r trr c j maximum forward voltage maximum reverse current type junction capacitance ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. symbols unit max. reverse recovery time v f 1500 65 if = 3.0a dachang electronics r ja ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage v rrm v rms v dc ta=100 500 25.4 min 9.2 0.2 25.4 min 5.2 0.2 1.3 0.1 do-27 unit mm ???rohs? lead and body according with rohs standard damper diodes reverse voltage1500v forward current 3.0a www.datasheet.co.kr datasheet pdf - http://www..net/
siyu r 1 2 4 6 10 20 40 100 50 30 20 10 0 0.8 1.0 1.2 1.4 1.6 0.01 0.1 0.2 1 2 10 tj = 25 c RU4D i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 10mm 10mm 3.0 2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 100 125 150 175 10mm 10mm dachang electronics 40 1.8 www.datasheet.co.kr datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of RU4D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X