Part Number Hot Search : 
TAR8D05K SY10EL51 A1603C SK302 B6519A A48APR SM5117 0ZB6T
Product Description
Full Text Search
 

To Download Q67040S4144A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 05.99 sipmos power transistor product summary drain source voltage 30 v ds v drain-source on-state resistance w 0.015 r ds(on) i d continuous drain current 30 a features n channel enhancement mode avalanche rated d v /d t rated 175?c operating temperature pin 1 pin 2 pin 3 g d s packaging type package ordering code spd30n03 tape and reel p-to252 q67040-s4144-a2 spu30n03 tube q67040-s4146-a2 p-to251-3-1 maximum ratings , at t j = 25 ?c, unless otherwise specified parameter symbol unit value continuous drain current t c = 25 ?c, 1) t c = 100 ?c 30 30 i d a pulsed drain current t c = 25 ?c i dpulse 120 avalanche energy, single pulse i d = 30 a, v dd = 25 v, r gs = 25 w mj e as 250 avalanche energy, periodic limited by t j max 12 e ar reverse diode d v /d t i s = 30 a, v ds = 24 v, d i /d t = 200 a/s, t jmax = 175 ?c d v /d t 6 kv/s gate source voltage v gs 20 v power dissipation t c = 25 ?c p tot 120 w operating and storage temperature t j , t st g ?c -55... +175 55/175/56 iec climatic category; din iec 68-1 spd 30n03
spd 30n03 data sheet 2 05.99 thermal characteristics parameter values symbol unit typ. max. min. characteristics r thjc - 1.25 k/w thermal resistance, junction - case - thermal resistance, junction - ambient, leded r thja - 100 - - - - 75 50 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 2) r thja electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol unit values min. max. typ. static characteristics drain- source breakdown voltage v gs = 0 v, i d = 0.25 ma - v (br)dss 30 - v gate threshold voltage, v gs = v ds i d = 80 a v gs(th) 4 3 2.1 zero gate voltage drain current v ds = 30 v, v gs = 0 v, t j = 25 ?c v ds = 30 v, v gs = 0 v, t j = 150 ?c - i dss a 1 100 0.1 - gate-source leakage current v gs = 20 v, v ds = 0 v i gss - 10 na 100 drain-source on-state resistance v gs = 10 v, i d = 30 a r ds(on) - 0.0085 0.015 w 1 current limited by bond wire 2 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air.
spd 30n03 data sheet 3 05.99 electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics transconductance v ds 3 2* i d * r ds(on)max , i d = 30 a g fs 18 34 - s input capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c iss - 1400 1750 pf output capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c oss - 645 810 reverse transfer capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c rss - 260 325 turn-on delay time v dd = 15 v, v gs = 10 v, i d = 30 a, r g = 6.8 w t d(on) - 20 30 ns rise time v dd = 15 v, v gs = 10 v, i d = 30 a, r g = 6.8 w t r - 35 52 turn-off delay time v dd = 15 v, v gs = 10 v, i d = 30 a, r g = 6.8 w t d(off) - 50 75 fall time v dd = 15 v, v gs = 10 v, i d = 30 a, r g = 6.8 w t f - 45 65
spd 30n03 data sheet 4 05.99 electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics gate to source charge v dd = 24 v, i d = 30 a 7.5 nc 5 q gs - - 19 q gd gate to drain charge v dd = 24 v, i d = 30 a 28.5 gate charge total v dd = 24 v, i d = 30 a, v gs = 0 to 10 v - 39 60 q g gate plateau voltage v dd = 24 v, i d = 30 a v (plateau) 4.8 - v - reverse diode inverse diode continuous forward current t c = 25 ?c i s - - 30 a inverse diode direct current,pulsed t c = 25 ?c i sm - - 120 inverse diode forward voltage v gs = 0 v, i f = 60 a v sd - 1 v 1.6 reverse recovery time v r = 15 v, i f = i s , d i f /d t = 100 a/s t rr - 40 ns 60 reverse recovery charge v r = 15 v, i f = l s , d i f /d t = 100 a/s q rr - c 0.035 0.052
spd 30n03 data sheet 5 05.99 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 140 160 ?c 190 t c 0 10 20 30 40 50 60 70 80 90 100 110 w 130 spd30n03 p tot drain current i d = f ( t c ) parameter: v gs 3 10 v 0 20 40 60 80 100 120 140 160 ?c 190 t c 0 4 8 12 16 20 24 a 32 spd30n03 i d transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 k/w spd30n03 z thjc single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50 safe operating area i d = f ( v ds ) parameter : d = 0 , t c = 25 ?c 10 -1 10 0 10 1 10 2 v v ds 0 10 1 10 2 10 3 10 a spd30n03 i d r ds(on) = v ds / i d dc 10 ms 1 ms 100 s t p = 65.0 s
spd 30n03 data sheet 6 05.99 typ. output characteristics i d = f ( v ds ) parameter: t p = 80 s 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v 5.0 v ds 0 5 10 15 20 25 30 35 40 45 50 55 60 a 75 spd30n03 i d v gs [v] a a 4.0 b b 4.5 c c 5.0 d d 5.5 e e 6.0 f f 6.5 g g 7.0 h h 7.5 i i 8.0 j j 9.0 k k 10.0 l p tot = 120 w l 20.0 typ. drain-source-on-resistance r ds(on) = f ( i d ) parameter: v gs 0 10 20 30 40 50 a 65 i d 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0.035 0.040 w 0.050 spd30n03 r ds(on) v gs [v] = a a 4.0 b b 4.5 c c 5.0 d d 5.5 e e 6.0 f f 6.5 g g 7.0 h h 7.5 i i 8.0 j j 9.0 k k 10.0 l l 20.0 typ. transfer characteristics i d = f ( v gs ) parameter: t p = 80 s v ds 3 2 x i d x r ds(on) max 2.8 3.2 3.8 4.2 4.8 5.2 v 6.0 v gs 0 5 10 15 20 25 30 35 40 45 50 55 60 a 70 i d typ. forward transconductance g fs = f ( i d ) ; t j = 25?c parameter: g fs 0 10 20 30 40 a 60 i d 0 5 10 15 20 25 30 35 s 45 g fs
spd 30n03 data sheet 7 05.99 drain-source on-resistance r ds(on) = f ( t j ) parameter : i d = 30 a, v gs = 10 v -60 -20 20 60 100 140 ?c 200 t j 0.000 0.004 0.008 0.012 0.016 0.020 0.024 0.028 w 0.036 spd30n03 r ds(on) typ 98% gate threshold voltage v gs(th) = f ( t j ) parameter : v gs = v ds , i d = 80 a -60 -20 20 60 100 140 ?c 200 t j 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 4.4 v 5.0 v gs(th) min typ max typ. capacitances c = f (v ds ) parameter: v gs = 0 v, f = 1 mhz 0 4 8 12 16 20 24 28 32 v 40 v ds 2 10 3 10 4 10 pf c 0 4 8 12 16 20 24 28 32 v 40 v ds 2 10 3 10 4 10 pf c ciss coss crss forward characteristics of reverse diode i f = f ( v sd ) parameter: t j , t p = 80 s 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd 0 10 1 10 2 10 3 10 a spd30n03 i f t j = 25 ?c typ t j = 25 ?c (98%) t j = 175 ?c typ t j = 175 ?c (98%)
spd 30n03 data sheet 8 05.99 typ. gate charge v gs = f ( q gate ) parameter: i d puls = 30 a 0 10 20 30 40 nc 60 q gate 0 2 4 6 8 10 12 v 16 spd30n03 v gs ds max v 0,8 ds max v 0,2 avalanche energy e as = f ( t j ) parameter: i d = 30 a, v dd = 25 v r gs = 25 w 20 40 60 80 100 120 140 ?c 180 t j 0 50 100 150 mj 250 e as drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 140 ?c 200 t j 27 28 29 30 31 32 33 34 35 v 37 spd30n03 v (br)dss


▲Up To Search▲   

 
Price & Availability of Q67040S4144A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X