Part Number Hot Search : 
LTC4410 AZ393MTR TOP246 CT208 OP17902 P1300ZB DTC124E 06M00
Product Description
Full Text Search
 

To Download PE7209-60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 technical data sheet 60 db fixed attenuator, sma female to n male directional rated to 100 watts up to 6 ghz pasternack enterprises line of 100w attenuators operate from dc to 6 ghz, and are available in 42 different 7/16 din, n, sma and tnc in-series and between-series connector combinations. our 100w attenuators are manufactured with passivated stainless steel sma, tnc and n connectors, and silver plated brass 7/16 din connectors. pasternack 100w attenuators come in 3 db, 6 db, 10 db, 20 db, 30 db, 40 db, 60 db values and will operate from -55 to +125 degrees c. additional connector combinations are available beyond the 42 standard designs, upon request. ? 100w average power and 2,000w peak power handling capability ? operate to 6 ghz ? temperature range of -55 to +125 degrees c ? 42 in-series and between series combinations ? 7/16 din, sma, n, tnc male and female connectors are available ? other connector combinations available upon request confguration design fixed, directional attenuator connector 1 sma female connector 2 n male body material and plating aluminum heatsink, black anodized electrical specifcations frequency range, ghz dc to 6 impedance, ohms 50 attenuation value, db 60 maximum input power, watts 100 maximum vswr 1.45:1 frequency 1 range, ghz dc to 2 vswr 1.2:1 attenuation accuracy, db 1.5 frequency 2 range, ghz 2 to 4 vswr 1.35:1 attenuation accuracy, db 2 frequency 3 range, ghz 4 to 6 vswr 1.45:1 attenuation accuracy, db 2.5 mechanical specifcations temperature operating range, deg c -55 to +125 60 db fixed attenuator, sma female to n male directional rated to 100 watts up to 6 ghz click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 60 db fixed attenuator, sma female to n male directional rated to 100 watts up to 6 ghz PE7209-60 PE7209-60 PE7209-60 rev nc
2 technical data sheet size length, in [mm] 4.9 [124.46] width, in [mm] 3.8 [96.52] height, in [mm] 2.7 [68.58] . weight, lbs [kg] 3 [1.36] connector 1 type sma female contact material and plating beryllium copper , gold body material and plating stainless steel, passivated connector 2 type n male contact material and plating beryllium copper , gold coupling nut material and plating stainless steel, passivated body material and plating stainless steel, passivated compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level url: http://www.pasternack.com/60db-fxed-sma-female-n-male-100-watts-attenuator-PE7209-60-p.aspx 60 db fixed attenuator, sma female to n male directional rated to 100 watts up to 6 ghz from pasternack enterprises has same day shipment for domestic and international orders. our rf , microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. 60 db fixed attenuator, sma female to n male directional rated to 100 watts up to 6 ghz PE7209-60 PE7209-60 rev nc
3 ? 2012 pasternack enterprises all rights reserved 60 db fixed attenuator, sma female to n male directional rated to 100 watts up to 6 ghz PE7209-60 cad drawing PE7209-60 rev nc


▲Up To Search▲   

 
Price & Availability of PE7209-60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X