Part Number Hot Search : 
B230NH OPI8014 AXX3225L LC4128 2N4172 AN8210NK 6KE350 MBR8150F
Product Description
Full Text Search
 

To Download P0900SALRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sidactor ? protection thyristors  revised: february 4, 2013 ? 2013 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) sidactor ? series, do-214 electrical characteristics sidactor ? series - do-214 sidactor ? series do-214aa are designed to protect baseband equipment such as modems, line cards, cpe and dsl from damaging overvoltage transients. the series provides a surface mount solution that enables equipment to comply with global regulatory standards. description agency agency file number e133083 agency approvals features and bene?ts t low voltage overshoot t low on-state voltage t does not degrade surge capability after multiple surge events within limit. t fails short circuit when surged in excess of ratings t low capacitance part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @i t =2.2 amps capacitance @1mhz, 2v bias v min v max ma min ma max a max v max pf min pf max p0080salrp p-8a 6 25 50 800 2.2 4 25 150 p0220salrp p22a 15 32 50 800 2.2 4 25 150 p0300salrp p03a 25 40 50 800 2.2 4 15 140 p0640salrp p06a 58 77 150 800 2.2 4 40 60 p0720salrp p07a 65 88 150 800 2.2 4 35 60 P0900SALRP p09a 75 98 150 800 2.2 4 25 55 p1100salrp p11a 90 130 150 800 2.2 4 30 50 p1300salrp p13a 120 160 150 800 2.2 4 25 45 p1500salrp p15a 140 180 150 800 2.2 4 25 40 p1800salrp p18a 170 220 150 800 2.2 4 25 35 p2100salrp p21a 180 240 150 800 2.2 4 20 35 p2300salrp p23a 190 260 150 800 2.2 4 25 35 p2600salrp p26a 220 300 150 800 2.2 4 20 35 p3100salrp p31a 275 350 150 800 2.2 4 20 35 p3500salrp p35a 320 400 150 800 2.2 4 20 35 p0080sblrp p-8b 6 25 50 800 2.2 4 25 150 p0220sblrp p22b 15 32 50 800 2.2 4 25 150 p0300sblrp p03b 25 40 50 800 2.2 4 15 140 p0640sblrp p06b 58 77 150 800 2.2 4 40 80 p0720sblrp p07b 65 88 150 800 2.2 4 35 75 applicable global standards t tia-968-a t tia-968-b t itu k.20/21 enhanced level* t itu k.20/21 basic level t gr 1089 inter-building* t gr 1089 intra-building t iec 61000-4-5 t yd/t 1082 t yd/t 993 t yd/t 950 *a/b-rated parts require series resistance pinout designation schematic symbol not applicable table continues on next page. rohs
sidactor ? protection thyristors  revised: february 4, 2013 ? 2013 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) sidactor ? series, do-214 electrical parameters (continued) part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @i t =2.2 amps capacitance @1mhz, 2v bias v min v max ma min ma max a max v max pf min pf max p0900sblrp p09b 75 98 150 800 2.2 4 35 70 p1100sblrp p11b 90 130 150 800 2.2 4 30 70 p1300sblrp p13b 120 160 150 800 2.2 4 25 60 p1500sblrp p15b 140 180 150 800 2.2 4 25 55 p1800sblrp p18b 170 220 150 800 2.2 4 25 50 p2100sblrp p21b 180 240 150 800 2.2 4 20 35 p2300sblrp p23b 190 260 150 800 2.2 4 25 50 p2600sblrp p26b 220 300 150 800 2.2 4 20 45 p3100sblrp p31b 275 350 150 800 2.2 4 20 45 p3500sblrp p35b 320 400 150 800 2.2 4 20 40 p0080sclrp p-8c 6 25 50 800 2.2 4 45 260 p0220sclrp p22c 15 32 50 800 2.2 4 30 240 p0300sclrp p03c 25 40 50 800 2.2 4 25 250 p0640sclrp p06c 58 77 150 800 2.2 4 55 155 p0720sclrp p07c 65 88 150 800 2.2 4 50 150 p0900sclrp p09c 75 98 150 800 2.2 4 45 140 p1100sclrp p11c 90 130 150 800 2.2 4 45 115 p1300sclrp p13c 120 160 150 800 2.2 4 40 105 p1500sclrp p15c 140 180 150 800 2.2 4 35 95 p1800sclrp p18c 170 220 150 800 2.2 4 35 90 p2100sclrp p21c 180 240 150 800 2.2 4 30 90 p2300sclrp p23c 190 260 150 800 2.2 4 30 80 p2600sclrp p26c 220 300 150 800 2.2 4 30 80 p3100sclrp p31c 275 350 150 800 2.2 4 30 70 p3500sclrp p35c 320 400 150 800 2.2 4 25 65 p4500sclrp p45c 400 530 150 800 2.2 4 25 65 surge ratings series i pp i tsm 50/60 hz di/dt 0.2x310 1 0.5x700 2 2x10 1 2x10 2 8x20 1 1.2x50 2 10x160 1 10x160 2 10x560 1 10x560 2 5x320 1 9x720 2 10x360 1 10x360 2 10x1000 1 10x1000 2 5x310 1 10x700 2 a min a min a min a min a min a min a min a min a min a min amps/s max a2015015090507575457520 500 b 25 250 250 150 100 100 125 80 100 25 500 c 50 500 400 200 150 200 175 100 200 3 30 500 notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are bi-directional. notes: 1 current wavef orm in s 2 voltage wavef orm in s 3 for surge rating of p4500sclrp 10x700s min=150a & typical=180a - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp ratings applicable over temperature range of -40oc to +85oc - the device must initially be in thermal equilibrium with -40c < t j < +150c
sidactor ? protection thyristors  revised: february 4, 2013 ? 2013 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) sidactor ? series, do-214 25c case temperature (t c ) - oc 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 2 5 oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature i h i t i s i drm v drm v t +v -v +i -i v s 5 0 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse c urrent C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d v-i characteristics t r x t d pulse waveform package symbol parameter value unit do-214aa t j operating junction temperature range -40 to +150 c t s storage temperature range -65 to +150 c r 0 ja thermal resistance: junction to ambient 90 c/w thermal considerations -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 2 5 c
sidactor ? protection thyristors  revised: february 4, 2013 ? 2013 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) sidactor ? series, do-214 physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1 soldering parameters part numbering construction variable reel pack i pp rating rohs compliant type p = sidactor p x lrp median voltage package type xxx 0s high temp voltage blocking 80% rated v drm (v ac peak ) +125c or +150c, 504 or 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 temp cycling -65c to +150c, 15 min. dwell, 10 up to 100 cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 v dc (+85c) 85%rh, 504 up to 1008 hrs. eia/ jedec, jesd22-a-101 high temp storage +150c 1008 hrs. mil-std-750 (method 1031) jedec, jesd22-a-101 low temp storage -65c, 1008 hrs. thermal shock 0c to +100c, 5 min. dwell, 10 sec. transfer, 10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) +121c, 100%rh, 2atm, 24 up to 168 hrs. eia/ jedec, jesd22-a-102 resistance to solder heat +260c, 30 secs. mil-std-750 (method 2031) moisture sensitivity level 85%rh, +85c, 168 hrs., 3 re?ow cycles (+260c peak). jedec-j-std-020, level 1 re?ow condition pb-free assembly (see fig. 1) pre heat - temperature min (t s(min) ) +150c - temperature max (t s(max) ) +200c - time (min to max) (t s ) 60-180 secs. average ramp up rate (liquidus temp (t l ) to peak) 3c/sec. max. t s(max) to t l - ramp-up rate 3c/sec. max. re?ow - temperature (t l ) (liquidus) +217c - temperature (t l ) 60-150 secs. peak temp (t p ) +260(+0/-5)c time within 5c of actual peak temp (t p ) 30 secs. max. ramp-down rate 6c/sec. max. time 25c to peak temp (t p ) 8 min. max. do not exceed +260c part marking pxxx date code part marking code (refer to electrical characteristics t able) xxxxx
sidactor ? protection thyristors  revised: february 4, 2013 ? 2013 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) sidactor ? series, do-214 package type description quantity added suf?x industry standard s do-214aa tape & reel pack 2500 rp eia-481-d packing options tape and reel speci?cation do-214aa 0.472 (12.0) 0.36 (9.2) 0.31 5 (8.0) 0.1 5 7 (4.0) 0.49 (12.4) 0. 5 12 (13.0) arbor hole dia. 12.99 (330.0) dimensions are in inches (and millimeters). direction of feed 0.0 5 9 dia (1. 5 ) cover tape dimensions do-214aa 0.079 (2.0) 0.110 (2.8) 0.079 (2.0) pad outline h k e f g a c b d case temperature measurement point inch (millimeter) dimensions inches millimeters min max min max a 0.130 0.156 3.30 3.95 b 0.201 0.220 5.10 5.60 c 0.077 0.087 1.95 2.20 d 0.159 0.181 4.05 4.60 e 0.030 0.063 0.75 1.60 f 0.075 0.096 1.90 2.45 g 0.002 0.008 0.05 0.20 h 0.077 0.104 1.95 2.65 k 0.006 0.016 0.15 0.41


▲Up To Search▲   

 
Price & Availability of P0900SALRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X