Part Number Hot Search : 
655ORG 74LVC245 3PMT22A P2112 2SK1732 68HC0 V60120C P2112
Product Description
Full Text Search
 

To Download OPIA1210ATRE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 1 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages description: the opia series optocouplers are designed for applic ations that use an analog ou tput (phototransistor or photodarlington) in a surface mount package. a wide select ion of configurations are available. with typical isolation voltage of 5,000 volts(rms), these products meet typical power system isolation requirements. theory of operation: the led transmitter is used to i lluminate the photosensor providing electrical isolation between two power systems while maintaining the ability to transmit information from one power system to the other. in many applications, analog signal levels ma y be required to be transmitted between two power systems while maintaining isolation between the power system s up to 5,000 volts(rms). a variety of led and photosensor configurations are availabl e depending on the system requirements. the ratio current transfer ratio (ctr) is determine d using the output current and input current for analog photosensors. ctr ratios can range from as lo w as 5 to over 9,000 depending on the device. all smd products are shipped in a shipping tube with ?tr? identified on the end of the part number. example: opia817atre is a 4-pin smd shipped in tape and reel (tr) features: ? 5,000 vrms electrical isolation ? choice of a single and dual led ? phototransistor or photo darlington sensor ? low-cost plastic dual-in-line (dip) package agency approvals: ? ul certification no: e58730 ? vde no : 40026625 40026536, 40026654 rohs applications: ? high voltage isolation: 5,000 volts(rms) ? pcboard power system isolation ? industrial equipment power isolation ? medical equipment power isolation ? office equipment 200 100 * 10 20 = = ? ? = ma ma current l ed current r photosenso ctr
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 2 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages part number pin # 1 2 3 4 opia817a a k e c opia814a a-k k-a e c opia815a a k e c opia4010a a k e c opia1210a a k e c package style a (smd) package style b (sop) package style c (ssop) package outline dimensions and schematics: top-view
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 3 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages analog output devices ordering information part number isolation voltage max. (vrms) ctr min/typ/max typ. tr / tf (s) r l = 100 ohms package configuration opia817a 5,000 50 / - / 600 4 / 3 4-pin smd a k?c e opia814a 5,000 60 / - / 600 5 / 4 4-pin smd a k, k a?c e opia815a 5,000 70 / - / - 80 / 72 4-pin smd a k?c e (dar) opia4010a 5,000 600 / - / 9,000 60 / 50 4-pin smd a k?c e (dar) opia1210a 5,000 50 / - / 600 2 / 3 4-pin smd a k?c e configuration: definition of terms led identification?sens or identification configuration information led a = anode k = cathode sensor b = base c = collector e = emitter (dar) = photodarlington packaging part number suffix: tu = shipped in tubes example: opia817dtu e
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 4 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages absolute maximum ratings (t a = 25 o c unless otherwise noted) storage temperature opia817, opia4010, opia1210 -55 c to +125 c operating temperature all except the part numbers noted below -30 c to +100 c isolation voltage (1 minute) opia817, opia814, opia815, opia4010, opia1210 5,000 vrms total package power dissipation opia817, opia814, opia815, opia4010, opia1210 200 mw lead soldering temperature (1/16? (1.6 mm) from case for 5 seconds with soldering iron) 260 c input diode continuous forward current all except the part number noted below 50 ma peak forward current (1 s pulse width, 300 pps) all except the part number noted below 1 a reverse voltage opia817, opia815, opia4010, opia1210, opia814, opia4010 6 v power dissipation opia817, opia814, opia4010, opia1210, opia815 70 mw output phototransistor collector-emitter voltage opia817, opia814 opia4010 opia815 opia1210 60 v 300 v 35 v 350 v emitter-collector voltage opia817, opia814, opia815 opia4010 opia1210 6 v 0.1 v 7 v collector current opia817, opia814, opia1210, opia414 opia4010 opia815 50 ma 150 ma 80 ma power dissipation all except the part numbers noted below opia4010 150 mw 200 mw
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 5 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages electrical characteristics symbol parameter min typ max units test conditions input diode v f forward voltage all except those noted below opia1210 - 1.0 1.2 1.2 1.4 1.3 v i f = 20 ma i f = 10 ma v fm peek forward voltage opia814, opia4010 opia817, opia815, opia1210 - - - - 3.5 3.0 v i fm = 500 ma i r reverse current all except those noted below opia814 opia1210 - - - - - - 10 10 a v r = 4 v - v r = 5 v c t terminal capacitance all except those noted below opia815 - - 30 30 - 250 pf v = 0.0 v, f = 1k hz v = 0.0 v, f = 1k hz output phototransistor i ceo collector dark current opia817, opia814 opia1210 - - - 10 100 200 na i f = 0 ma, v ce = 20 v i f = 0 ma, v ce = 300 v v ce(sat) collector-emitter saturation voltage opia817 opia814 opia1210 - - - 0.1 0.1 - 0.2 0.3 0.4 v i f = 20 ma, i c = 1 ma i f = 20 ma, i c = 1 ma i f = 8 ma, i c = 2.4 ma f c cutt-off frequency all except those noted below opia817, opia814, opia1210 - - - 80 - - k hz v cc = 5 v, i c = 2 ma, r l = 100 t r rise time opia817 opia814 opia1210 - - - 4 5 2 18 20 - s v cc = 2 v, i c = 2 ma, r l = 100 v cc = 2 v, i c = 2 ma, r l = 100 v cc = 10 v, i c = 2 ma, r l = 100 t f fall time opia817d opia814 opia1210 - - - 3 4 3 18 20 - s v cc = 2 v, i c = 2 ma, r l = 100 v cc = 2 v, i c = 2 ma, r l = 100 v cc = 10 v, i c = 2 ma, r l = 100 continued on next page
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 6 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages electrical characteristics (opia817 series) - continued from previous page symbol parameter min typ max units test conditions output photodarlington i ceo collector dark current opia4010 opia815 - - - - 1.0 1.0 a i f = 0 ma, v ce = 200 v i f = 0 ma, v ce = 10 v v ce(sat) collector-emitter sa turation voltage opia815 opia4010 - - 0.8 - 1.0 1.5 v i f = 20 ma, i c = 5 ma i f = 20 ma, i c = 5 ma f c cut-off frequency opia815 opia4010 1.0 - 6.0 7.0 - - k hz v cc = 2 v, i c = 20 ma, r l = 100 v cc = 5 v, i c = 2 ma, r l = 100 t r rise time opia815 opia4010 - - - 80 60 300 300 s v cc = 2 v, i c = 20 ma, r l = 100 v cc = 2 v, i c = 20ma, r l = 100 t f fall time opia815 opia4010 - - 72 50 250 250 s v cc = 2 v, i c = 20 ma, r l = 100 v cc = 2 v, i c = 20 ma, r l = 100 coupled characteristics ctr current transfer ratio opia817, opia1210 opia814 opia815 opia4010 50 60 70 600 - - - - 600 600 - 9,000 % i f = 5.00 ma, v ce = 5.0 v i f = 1.00 ma, v ce = 2.0 v i f = 0.05 ma, v ce = 3.3 v i f = 1.00 ma, v ce = 2.0 v c f floating capacitance - 0.6 1.0 pf v = 0.0 v, f = 1m hz r iso isolation resistance 5x10 10 10 11 - ohm c500v, 40% to 60%rh
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 7 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia814
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 8 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia814
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 9 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia815
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 10 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia815
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 11 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia817
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 12 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia817
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 13 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia1210
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 14 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia1210
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 15 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia4010
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 16 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages opia4010
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 17 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages quality / reliability requirements note: this is to be performed when a change occurs to form, fit or function. government and industry standard compliance requirements european union?s reduction of hazardous substances (rohs) directive 2002/95/ec parameter failure criteria conditions htrb d i c(off) 10% 11 samples after 500hrs 0 fail @ vce = 5.0vdc, ta = 70c htfb d i c(on) 10% 50 samples after 96hrs 0 fail @ max p d , ta = 25c mttf @ 90% confidence 150, 000 min. @ 25c, 25madc moisture sensitivity level msl 1 per jdec stnd j-std-020b lead solderability 0 fail per method 208 of mil-std-202. glass transition of body 125 c min. dsc test method temperature humidity-bias 20% 85c, 85%rh, 500hrs, 80% min iceo temperature cycle 20% per method 1010.7 of mil-std-883e high temperature storage 20% 85c, 500hrs autoclave 0 fail t a = 121c, pressure = 15psi, humidity = 100%, time = 96hrs label identification description: size: 3? (7.4 cm) x 2.2? (5.5 cm) lettering shall be black on white background. format shall be as: notes: 1. the date code is a 4-digit code for date of manufacture where yy is the last two digits of the year, and ww is week number of manufacture. 2. the lot i.d. is the manufacturing location lot identification where y is the year of manufacture, nnnn is a sequential lot identifier, and ddd is the day of the year of manufacture. ? or use equivalent label format. carrollton, tx, usa made in taiwan optek p/n __opia407c-tr__ ii ii iii i iii ii iiii ii i i qty. ________n/a_________ ii ii iii i iii ii iiii ii i i date code _____(yyww) ___ ii ii iii i iii ii iiii ii i i lot i.d. ____(y-nnnnddd) __ ii ii iii i iii ii iiii ii i i
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 18 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages tube packaging information: optek's optocoupler part numbers packaging quantities tube inner small carton medium carton large carton qty weight 52 x 7 x 7.5 cm 53.5 x 16 x 17.5 cm 53.5 x 30.7 x 17.5 cm 53.5 x 30.7 x 25 cm qty weight qty weight gross weight qty weight gross weight qty weight gross weig ht p/h and smd 4-pin opia817d/a, opia814d/a - opia1210d/a 100 44 3,000 1.40 12,000 6.0 6.5 24,000 12.0 12.5 36,000 18.0 18.5 6-pin opia6xxd/a series 65 44 1,950 1.50 7,800 6.5 7.0 15,600 12.0 12.5 23,400 18.5 19.0 8-pin opia8xxd series and opid804d 48 44 1,440 1.44 5,760 6.0 6.5 11,520 12.0 12.5 17,290 18.0 18.5 m/f sop 4-pin and 5-pin opia401b - opia404b, opia414b, opia500b 100 24 6,000 1.60 24,000 6.5 7.0 48,000 13.0 13.5 72,000 19.5 20.0 ssop 4-pin opia405c - opia409c 170 -- 10,200 -- p/h = pin-hole packages (referred as d = dual-in-line package) smd = standard surface mount packages (referred as a = 6.5mil smd) m/f or sop = mini-flat packages or small outside package s (referred as b = 4.40mil smd w/ 2.54mil lead- spacing) ssop = shrink sop packages (referred as c = 3.60mil smd with 1.27mil lead-spacing)
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 19 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages tube packaging specifications?smd? (tu): quantity: 4-pin (smd): 100pcs/tube dimensions are in: inches [millimeters] tolerance: 0.008 inches [ 0.2 millimeters] tube packaging specifications? sop (mini-flats) and ssop? (tu): quantity: 4-pin (sop): 100pcs/tube 4-pin (ssop): 170pcs/tube
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 20 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages tape and reel packaging specif ications? smd and sop?(tr): quantity: 4-pin (smd): 1000pcs/reel 4-pin (sop): 1000pcs/reel 4-pin (ssop): 3000pcs/reel dimensions are in: inches [millimeters] tolerance: 0.008 inches [ 0.2 millimeters] tape feeder: direction: reel:
optek technology inc. ? 1645 wallace drive, carrollton, texas 75006 phone: (972) 323-2200 or (800) 341-4747 fax: (972) 3 23-2396 sensors@optekinc .com www. optekinc.com issue a 8/09 page 21 of 21 optek reserves the right to make changes at any time in or der to improve design and to s upply the best product possible. opia814, opia815, opia817 opia1210, opia4010 smd, sop and ssop packages tape and reel packaging specifications? ssop?(tr): quantity: 4-pin (ssop): 2000pcs/reel ?.0590.004 [?1.500.05] .1570.008 [4.00.02 ] .0780.008 [2.00.02] 0.0680.008 [1.75 0.02] 0.0880.008 [2.25 0.02] .1570.008] [4.00.02] .1000.008 [2.550.02] 0.2850.008 [7.25 0.02] ?.0590.004 [?1.500.05] 0.4720.008 [12.0 0.02] ?.5310.02 [?13.50.5] ?.0980.02 [2.50.5] ?.8260.04 [?211.0] ?7.000.04 [?1781.0] 2.360.04 [601.0] .5110.04 [130.5] .6290.04 [16.00.5] direction: reel: dimensions are in: inches [millimeters] tolerance: 0.008 inches [ 0.2 millimeters]


▲Up To Search▲   

 
Price & Availability of OPIA1210ATRE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X