Part Number Hot Search : 
P0J33 607ETD 22105 TS900707 3EZ33 84C30 603H100 C32825
Product Description
Full Text Search
 

To Download NCV1413BDR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 july, 2006 ? rev. 8 1 publication order number: mc1413/d mc1413, mc1413b, ncv1413b high voltage, high current darlington transistor arrays the seven npn darlington connected transistors in these arrays are well suited for driving lamps, relays, or printer hammers in a variety of industrial and consumer applications. their high breakdown voltage and internal suppression diodes insure freedom from problems associated with inductive loads. peak inrush currents to 500 ma permit them to drive incandescent lamps. the mc1413, b with a 2.7 k  series input resistor is well suited for systems utilizing a 5.0 v ttl or cmos logic. features ? pb?free packages are available* ? ncv prefix for automotive and other applications requiring site and control changes figure 1. representative schematic diagram 5.0 k 3.0 k pin 9 1/7 mc1413, b 2.7 k figure 2. pin connections 9 10 11 12 13 14 15 16 8 7 6 5 4 3 2 1 (top view) *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com pdip?16 p suffix case 648 1 16 1 16 soic?16 d suffix case 751b device package shipping ? ordering information mc1413d soic?16 48 units/rail mc1413dr2 soic?16 2500 tape & reel see general marking information in the device marking section on page 5 of this data sheet. device marking information mc1413p pdip?16 25 units/rail mc1413bd soic?16 48 units/rail mc1413bdr2 soic?16 2500 tape & reel mc1413bp pdip?16 25 units/rail ncv1413bdr2 soic?16 2500 tape & reel mc1413pg pdip?16 (pb?free) 25 units/rail mc1413bdr2g soic?16 (pb?free) 2500 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specification s brochure, brd8011/d. mc1413dr2g soic?16 (pb?free) 2500 tape & reel mc1413dg soic?16 (pb?free) 48 units/tube mc1413bdg soic?16 (pb?free) 48 units/rail mc1413bpg pdip?16 (pb?free) 25 units/rail NCV1413BDR2G soic?16 (pb?free) 2500 tape & reel
mc1413, mc1413b, ncv1413b http://onsemi.com 2 maximum ratings (t a = 25 c, and rating apply to any one device in the package, unless otherwise noted.) rating symbol value unit output voltage v o 50 v input voltage v i 30 v collector current ? continuous i c 500 ma base current ? continuous i b 25 ma operating ambient temperature range mc1413 mc1413b ncv1413b t a ?20 to +85 ?40 to +85 ?40 to +125 c storage temperature range t stg ?55 to +150 c junction temperature t j 150 c thermal resistance, junction?to?ambient case 648, p suffix case 751b, d suffix r  ja 67 100 c/w thermal resistance, junction?to?case case 648, p suffix case 751b, d suffix r  jc 22 20 c/w electrostatic discharge sensitivity (esd) human body model (hbm) machine model (mm) charged device model (cdm) esd 2000 400 1500 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability.
mc1413, mc1413b, ncv1413b http://onsemi.com 3 electrical characteristics (t a = 25 c, unless otherwise noted) characteristic symbol min typ max unit output leakage current (v o = 50 v, t a = +85 c) (v o = 50 v, t a = +25 c) all types all types i cex ? ? ? ? 100 50  a collector?emitter saturation voltage (i c = 350 ma, i b = 500  a) (i c = 200 ma, i b = 350  a) (i c = 100 ma, i b = 250  a) all types all types all types v ce(sat) ? ? ? 1.1 0.95 0.85 1.6 1.3 1.1 v input current ? on condition (v i = 3.85 v) mc1413, b i i(on) ? 0.93 1.35 ma input voltage ? on condition (v ce = 2.0 v, i c = 200 ma) (v ce = 2.0 v, i c = 250 ma) (v ce = 2.0 v, i c = 300 ma) mc1413, b mc1413, b mc1413, b v i(on) ? ? ? ? ? ? 2.4 2.7 3.0 v input current ? off condition (i c = 500  a, t a = 85 c) all types i i(off) 50 100 ?  a dc current gain (v ce = 2.0 v, i c = 350 ma) h fe 1000 ? ? ? input capacitance c i ? 15 30 pf turn?on delay time (50% e i to 50% e o ) t on ? 0.25 1.0  s turn?off delay time (50% e i to 50% e o ) t off ? 0.25 1.0  s clamp diode leakage current (v r = 50 v) t a = +25 c t a = +85 c i r ? ? ? ? 50 100  a clamp diode forward voltage (i f = 350 ma) v f ? 1.5 2.0 v note: ncv1413b t low = ?40 c, t high = +125 c. guaranteed by design. ncv prefix is for automotive and other applications requiring site and change control.
mc1413, mc1413b, ncv1413b http://onsemi.com 4 1 output conducting at a time pin 10 all types 1 % duty cycle v i , input voltage (v) v ce(sat) , saturation voltage (v) 100 1000 700 500 300 3 10 2 4 5 6 200 100 70 50 30 20 1.0 2.5 2.0 1.5 1.0 0.5 0 0 7 7.0 4.0 5.0 8.0 3.0 6.0 2.0 0 100 200 400 300 500 700 600 0.4 0.6 0.8 1.0 1.2 1.4 800 1.6 0 0.2 i c , collector current (ma) i i , input current (ma) i c , collector current (ma) number of drivers used pin 13 all types 100 400 300 350 250 200 150 100 400 0 300 200 0 i i , input current (  a) 50 i o , output current (ma) typical performance curves ? t a = 25 c v i , input voltage (v) 0 1.0 2.0 3.0 4.0 5.0 10 9.0 8.0 11 12 400 300 200 100 0 i o , output current (ma) mc1413, b figure 3. output current versus input voltage figure 4. output current versus input current figure 5. typical output characteristics figure 6. input characteristics ? mc1413, b figure 7. maximum collector current versus duty cycle (and number of drivers in use) pin 16 maximum typical
mc1413, mc1413b, ncv1413b http://onsemi.com 5 marking diagrams pdip?16 p suffix case 648 1 16 mc1413p uln2003a awlyywwg 1 16 mc1413bp ulq2003a awlyywwg mc1413dg awlyww 1 16 mc1413bdg awlyww 1 16 soic?16 d suffix case 751b a = assembly location wl = wafer lot yy, y = year ww = work week g = pb?free package ncv1413bdg awlyww 1 16
mc1413, mc1413b, ncv1413b http://onsemi.com 6 package dimensions pdip?16 p suffix case 648?08 issue t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. ?a? b f c s h g d j l m 16 pl seating 18 9 16 k plane ?t? m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01    
mc1413, mc1413b, ncv1413b http://onsemi.com 7 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ?b? ?a? m 0.25 (0.010) b s ?t? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  soic?16 d suffix case 751b?05 issue j
mc1413, mc1413b, ncv1413b http://onsemi.com 8 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mc1413/d publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCV1413BDR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X