Part Number Hot Search : 
FCX617 DTA12 259209 39861 CXP86608 2SC3648 ML675001 U5ZA48C
Product Description
Full Text Search
 

To Download KK2902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data KK2902 low power quad operational amplifier the kk 2902 contains four inde pendent high gain operational am pl i f i e rs wi t h i n t e rnal frequency com p ensat i on. the four op-am ps operat e over a wi de vol t a ge range from a si ngl e power suppl y . al so use a split power supply. the device has low power supply current drain, regardl e ss of t h e power suppl y vol t a ge. the l o w power drai n al so m a kes t h e kk 2902 a good choice for battery operation. ordering information kk2 902n plastic kk 2902d soic t a = -40 to +8 5 c for all packages . w h en y our project cal l s for a t r adi t i onal op-am p funct i on, now y ou can st ream l i n e y our desi gn wi t h a si m p l e si ngl e power suppl y . use ordi nary +5v dc com m on t o pract i cal l y any di gi t a l sy st em or personal com put er appl i cat i on, wi t hout requi ri ng an ext r a 15v power suppl y just t o have the interface electronics you need. the kk 2902 is a versatile, rugged wo rkhorse with a thousand-and-one uses, from am pl i f y i ng si gnal s from a vari et y of t r ansducers t o dc gai n bl ocks, or any op-am p funct i on. the at t ached pages offer som e reci pes that will have your project cooking in no tim e. ? in tern ally freq u e n c y co m p en sated fo r u n ity g a in ? large dc vol t a ge gai n : 100db ? w i de power suppl y range: 3v ~ 32v (or 1.5v ~ 16v) ? input com m on-m ode vol t a ge range i n cl udes ground ? large out put vol t a ge swi ng: 0v dc t o v cc -1.5v dc ? power drai n sui t a bl e for bat t e ry operat i on ? low i nput offset vol t a ge and offset current ? di fferent i a l i nput vol t a ge range e qual t o t h e power suppl y vol t a ge logic diagram pin 4 = v cc pin 11= gnd pin assignment 1
KK2902 maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc power suppl y vol t a ges si ngl e suppl y split supplies 32 16 v v idr input di fferent i a l vol t a ge r a nge (1) 32 v v icr input c o m m on m ode vol t a ge r a nge -0.3 t o 32 v i sc out put short c i rcui t durat i on c ont i nuous t j j u n c t i on tem p erat u r e plastic packages 150 c t s t g s t o r a g e tem p e r a t u r e plastic packages -55 t o +125 c i in input c u rrent , per pi n (2) 50 m a t l lead tem p erat ure, 1m m from c a se for 10 seconds 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. +derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c notes: 1. split power supplies. 2. v in <-0.3v. this input current will only exist when voltage at any of the input leads is driven negative. recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge 2.5 or 5.0 15 or 30 v t a operating tem p erature, all package types -40 +85 c thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
dc electrical characteristics (t a =-40 to +85 c) g u a r a n t e e d lim i t sy m bol param e t e r test c ondi t i ons m i n ty p m a x uni t v io m a xi m u m input offset vo ltag e v o =1.4v v cc =5.0-30v; r s =0 ? v icm =0v to v cc -1.7v 9 . 0 5.0* mv ? v io / ? t input offset vol t a ge drift r s =0 ? , v cc =30v 7 . 0 v/ c i io m a xi m u m input offset current v cc = 5 . 0 v 1 5 0 50* na ? i io / ? t input offset c u rrent drift r s =0 ? , v cc =30v 1 0 pa/ c i ib m a xi m u m input b i as current v cc = 5 . 0 v 5 0 0 250* na v icr input c o m m on m ode vol t a ge r a nge v cc = 3 0 v 0 2 8 v i cc m a xi m u m power suppl y current r l = ,v cc =30v,v 0 =0v r l = ,v cc =5v,v 0 =0v 3 1.2 ma a vol m i ni m u m large si gnal open-loop vol t a ge gai n v cc =15v, r l 2k ? 15 25* v/m v v oh m i ni m u m out put hi gh- level vol t a ge swi ng v cc =30v,r l =2k ? v cc =30v,r l =10k ? 26 27 v v ol m a xi m u m out put low- level vol t a ge swi ng v cc =5v,r l =10k ? 2 0 m v c m r c o m m o n mo d e r e ject i on v cc =30v, r s =10k ? 6 5 * db psr power suppl y r e ject i on v cc = 3 0 v 6 5 * db c s c h annel separat i on f=1khz t o 20khz,v cc = 3 0 v - 1 2 0 * db i sc m a xi m u m out put short circuit to gnd v cc = 5 . 0 v 6 0 * m a i source m i ni m u m out put source current v in+ =1v, v in- =0v, v cc =15v, v 0 =0v 1 0 m a i sink m i ni m u m out put si nk current v in+ =0v, v in- =1v, v cc =15v, v 0 =15v v in+ =0v, v in- =1v, v cc =15v, v 0 =0.2v 5 10* 12* ma a v idr d i fferent i a l input vol t a ge r a nge all v in gnd or v-suppl y (i f used) v cc * v *=@25 c 3 KK2902
typical performance characteristics figure 1.input voltage range fi gure 2. open-l oop frequency fi gure 3. l a rge-si gnal frequency response fi gure 4. smal l - si gnal vol t age fol l o w er pul s e response (noni n verti n g) figure 5. power supply current versus power supply voltage figure 6. input bias current versus power supply vol t age 4 KK2902
n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 5 KK2902


▲Up To Search▲   

 
Price & Availability of KK2902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X