![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
r (rev.) 201002i 1/8 ?? schottky barrier diode HBR10150 order codes ? marking ? package halogen free ? packaging device weight HBR10150z HBR10150 to-220 no tube 1.98 g(typ) HBR10150zr HBR10150 to-220 yes tube 1.98 g(typ) HBR10150f HBR10150 to-220f no tube 1.70 g(typ) HBR10150fr HBR10150 to-220f yes tube 1.70 g(typ) HBR10150bf HBR10150 to-220bf no tube 1.70 g(typ) HBR10150bfr HBR10150 to-220bf yes tube 1.70 g(typ) HBR10150hf HBR10150 to-220hf no tube 1.70 g(typ) HBR10150hfr HBR10150 to-220hf yes tube 1.70 g(typ) ? main characteristics i f(av) 10 25 a v rrm 150 v t j 175 v f(max) 0.72v @tj=125 ? package ? z ??? z ?? applications z high frequency switch power supply z free wheeling diodes, polarity protection applications ? z ? z ?? z ?? z ? ?? z rohs ? features z common cathode structure z low power loss, high efficiency z high operating junction temperature z guard ring for overvoltage protection high reliability z rohs product to-22o to-22of ? order message to-22obf to-22ohf
r HBR10150 (rev.) 201002i 2/8 ?? absolute ratings (tc=25 ) ? parameter symbol ? value unit ??? repetitive peak reverse voltage v rrm 150 v ??? maximum dc blocking voltage v dc 150 v ? average forward current t c =150 (to-220) t c =125 (to-220f to-220bf to-220hf) per device per diode i f(av) 10 5 a ?? surge non repetitive forward current ? 8.3ms ? ? jedec 8.3 ms single half-sine-wave (jedec method) i fsm 80 a ? maximum junction temperature t j 175 ? storage temperature range t stg -40~+150 electrical characteristics thermal characteristics ? parameter symbol ? value(min) ? value(max) unit ??? thermal resistance from junction to case to-220 to-220f to-220bf to-220hf r th(j-c) 2.2 4.7 4.7 4.7 /w ? parameter tests conditions ? value(min) ? value(typ) ? value(max) unit tj =25 10 a i r tj =125 v r =v rrm 4.5 ma tj =25 0.81 0.9 v tj =125 i f =5a 0.67 0.72 v tj =25 0.89 0.95 v v f tj =125 i f =10a 0.76 0.8 v r HBR10150 (rev.) 201002i 3/8 electrical characteristics (curves) i f vs v f i r vs v r i f(av) vs t c c t vs v r r HBR10150 ( (rev.) ? 201002i 4/8 6 package mechanical data to-220 )! unit ? mm to-220 unit mm symbol min max a4.404.80 b1.101.40 b0.700.95 c0.280.48 c1 0.32 0.52 d 14.45 16.00 d2 8.20 9.20 e9.6010.40 e2.392.69 f1.201.35 l 13.05 14.05 l2 3.70 3.90 q2.403.00 q1 2.20 2.90 p3.504.00 e q p d2 d e e b f a q1 c c1 a b l l2 r HBR10150 ( (rev.) ? 201002i 5/8 6 package mechanical data to-220f )! unit ? mm to-220f unit mm e p q d e a f l2 l b1 b c q1 b symbol min max a 4.3 4.7 b 1.5 1.75 b1 1.1 1.35 b 0.5 0.75 c 0.5 0.75 d 14.5 15.5 e 9.96 10.36 e 2.54 typ f 2.8 3.2 l 12.7 13.7 l2 3.6 4.0 p 3.3 3.7 q 2.5 2.9 q1 2.5 2.9 r HBR10150 ( (rev.) ? 201002i 6/8 6 package mechanical data to-220bf )! unit ? mm e p q d e a f l2 l b1 c q1 b b symbol min typ max a 4.3 4.5 4.7 b 1.1 1.3 1.5 b1 1.0 1.2 1.4 b 0.55 0.65 0.75 c 0.5 0.6 0.75 d 14.5 15 15.5 e 9.7 10 10.3 e 2.54 f 2.5 2.7 2.9 l 12.5 13.0 13.5 l2 3.5 4.0 4.5 p 3.0 3.2 3.4 q 2.8 3.0 3.2 q1 2.4 2.6 2.8 r HBR10150 ( (rev.) ? 201002i 7/8 6 package mechanical data to-220hf )! unit ? mm e p a f c q1 e e b b 1 l d q l2 d2 symbol min max a 4.0 5.0 b1 0.87 1.27 b 0.72 0.92 c 0.5 0.70 d 15.0 16.5 d2 7.8 9.4 e 9.62 10.62 e 2.54(typ) f 2.3 3.3 l 12.0 14.0 l2 3.1 3.5 p 3.0 3.4 q 3.15 3.55 q1 2.2 2.5 r HBR10150 (rev.) 201002i 8/8 ? appendix ?? revision history date ? last rev. new rev. ? description of changes 2010-02-03 200911h 201002i added to-220hf. ? 1. ????????? ??????? ??? 2. ???? ?? ? 3. ????? ?????? 4. ??? note 1. jilin sino-microelectronics co., ltd sales its product either through direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. we strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please don?t be hesitate to contact us. 3. please do not exc eed the absolute maximum ratings of the device w hen circuit designing. 4. jilin sino-microelectronics co., ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. ?? ?????? ???? 99 ?? 132013 ? 86-432-64678411 86-432-64665812 ? www.hwdz.com.cn ? ??? 99 ?? 132013 86-432-64675588 64675688 64678411-3098/3099 : 86-432-64671533 contact jilin sino-microelectronics co., ltd. add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 te l 86-432-64678411 fax 86-432-64665812 web site www.hwdz.com.cn market department add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 tel: 86-432-64675588 64675688 64678411-3098/3099 fax: 86-432-64671533 |
Price & Availability of HBR10150
![]() |