Part Number Hot Search : 
SZN4958 4ALVT R65C02P4 1512D 339FV GD4029B 4066D KIA393
Product Description
Full Text Search
 

To Download GCS150PS15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acdc specification 150/180 watts ? convection/forcedcooled ratings ? it & medical safey approvals (class i & ii) ? < 0.5w standby power ? 40 c to +70 c operation ? remote on/off (r models) ? class b emissions ? 3 year warranty gcs series input input voltage ? 85-264 vac, derate output power <90 vac by 10% input frequency ? 47-63 hz input current ? 1.5/1.8 a typical at 115 vac, full load (150/180 w) 0.7/0.8 a typical at 230 vac, full load (150/180 w) i nrush current ? 80 a typical at 230 vac, cold start at 25 c power factor ? en61000-3-2, class a compliant (class c > 50 w load) earth leakage current ? 200 a max at 264 vac/60 hz no load input power ? <0.5 w input protection ? internal t3.15 a/250 v fuse in line and neutral output output voltage ? 12-48 vdc (see models & ratings table) output voltage trim ? 2%, fan output will track by same percentage initial set accuracy ? 1% v1, 5% v fan minimum load ? none start up delay ? 0.5 s max hold up time ? 18 ms typical drift ? 0.2% after 20 min warm up line regulation ? 0.5% max load regulation ? 0.5% v1, 5% v fan over/undershoot ? 12 - 28 v models none, 48 v models typically 5% transient response ? 4% max. deviation, recovery to within 1% in 500 s for a 50-75-50% load change ripple & noise ? 1% pk-pk v1, 12 v models 1.5%, 20 mhz bandwidth overvoltage protection ? 115-140% vnom, recycle input to reset overload protection ? 110-150% v1 only short circuit protection ? continuous temperature ? 0.05%/?c coefficient remote sense ? compensates for 0.5 v total voltage drop remote on/off ? optional, -r models (see longform datasheet for full details) xppower.com general efficiency ? 93% typical isolation ? 4000 vac input to output 2 x mopp, 1500 vac input to ground 1 x mopp, 500 vdc output to ground switching frequency ? 65/100 khz pfc/main converter mtbf ? 569 khrs to mil-hdbk-217f at 25 c, gb power density ? 8.5 w/in 3 environmental operating temperature ? -40 ?c to +70 ?c derate linearly from +50 c at 2.5%/?c to 50% load at +70 c cooling ? convection & fan cooled ratings (see models & ratings tables) operating humidity ? 95% rh, non-condensing storage temperature ? -40 c to +85 c operating altitude ? 3048 m shock ? 3 x 30g shocks in each plane, total 18 shocks. 30g = 11ms (+/-0.5msec), half sine, conforms to en60068-2-27 & en60068-2-47 vibration ? single axis 10 - 500 hz at 2g sweep and endurance at resonance in all 3 planes. conforms to en60068-2-6 emc & safety low voltage psu emc ? en61204-3, high severity level emissions ? en55011/22 level b conducted en55011/22 level b radiated (gcs180 level a) harmonic currents ? en61000-3-2, class a & c voltage flicker ? en61000-3-3 radiated immunity ? en61000-4-3, level 3 perf criteria a eft/burst ? en61000-4-4, level 3 perf criteria a surge ? en61000-4-5, installation class 3 perf criteria a conducted immunity ? en61000-4-6, level 3 perf criteria a dips & interruptions ? en55024 & en60601-1-2 (see longform datasheet for details) safety approvals ? en60601-1, ansi/aami es60601-1, csa22.2 no. 60601-1 per cul, including risk management, en60950, ul60950
acdc gcs150/180 models and ratings mechanical details notes 1. all dimensions in inches (mm). 2. tolerance .xx = 0.02 (0.50); .xxx = 0.01 (0.25) 3. j1 mates with molex housing pn. 09-50-1031. j2 mates with molex housing pn. 09-50-161 and both with molex series 5194 crimp terminals. j4 mates with jst housing pn. phdr-10vs and with jst sphd-001t-p0.5 crimp terminals. j3 mates with molex housing pn. 22-01-1024 and with molex series 5103 crimp terminals. notes 1. add suffix -c for convection cooled cover, e.g. gcs150ps12-c. 2. add suffix -ef for fan cooled cover with end fan e.g. gcs150ps12-ef. note vfan output no longer available. 3. add suffix -tf for fan cooled cover with top fan, e.g. gcs150ps12-tf. note vfan output no longer available. 4. add suffix -r for remote on/off, e.g. gcs150ps12-r, gcs150ps12-rc with convection cover or gcs150ps12-ref/gcs150ps12-rtf with fan covers. output voltage v1 output current v1 output voltage (vfan) & current maximum output power model number (1,2,3,4) convection cooled forced cooled (7 cfm) 12.0 vdc 9.2 a 12.5 a 12.0 vdc/0.6 a 157 w gcs150ps12 15.0 vdc 7.3 a 10.0 a 12.0 vdc/0.6 a 157 w GCS150PS15 24.0 vdc 4.6 a 6.3 a 12.0 vdc/0.6 a 157 w gcs150ps24 28.0 vdc 3.9 a 5.4 a 12.0 vdc/0.6 a 157 w gcs150ps28 48.0 vdc 2.3 a 3.2 a 12.0 vdc/0.6 a 157 w gcs150ps48 12.0 vdc 12.5 a 15.0 a 12.0 vdc/0.6 a 187 w gcs180ps12 15.0 vdc 10.0 a 12.0 a 12.0 vdc/0.6 a 187 w gcs180ps15 24.0 vdc 6.3 a 7.5 a 12.0 vdc/0.6 a 187 w gcs180ps24 28.0 vdc 5.4 a 6.4 a 12.0 vdc/0.6 a 187 w gcs180ps28 48.0 vdc 3.1 a 3.7 a 12.0 vdc/0.6 a 187 w gcs180ps48 5.0 (127.0) 4.5 (115.57) 0.225 (5.72) 0.20 (5.1) note: mounting points a should be connected together for optimum emi performance 1.42 (36.3) 2.40 (61.0) 3.00 (76.2) 2.15 (54.6) l3 a c6 q3 t1 c23 c45 a a c28 q1 2.55 (64.7) 1.18 (29.8) 0.61 (15.6) 0.14 (3.5) 0.20 (5.1) 0.225 (5.72) 0.25 faston ground tab 4 x 0.156 (3.96) mounting holes ?312 (7.92) clearance top and bottom 0.18 (4.6) 0.15 (3.8) smd component height airflow signal connector molex pn. 09-65-2068 pin single output 1 +v1 2 +v1 3 +v1 4 rtn 5 rtn 6 rtn input connector j1 molex pn. 09-65-2038 pin function 1 line 2 neutral signal connector molex pn. 09-65-2068 pin single output 1 +sense 2 -sense 3 xp internal use 4 inhibit lo 5 inhibit hi 6 n/c 7 n/c 8 n/c 9 n/c 10 n/c fan connector j3 molex pn. 22-04-1021 pin function 1 fan +(12 v) 2 fan -
acdc gcs150/180 models and ratings convection (c) top fan (tf) notes 1. all dimensions in inches (mm). 2. tolerance .xx = 0.02 (0.50); .xxx = 0.01 (0.25) 3. j1 mates with molex housing pn. 09-50-1031. j2 mates with molex housing pn. 09-50-161 and both with molex series 5194 crimp terminals. j4 mates with jst housing pn. phdr-10vs and with jst sphd-001t-p0.5 crimp terminals. j3 mates with molex housing pn. 22-01-1024 and with molex series 5103 crimp terminals. j1 j2 1 6 j4 1 2 10 j3 1 2 1 2 0.39 (10.0) 0.93 (23.7) 2.39 (60.7) 0.45 (11.4) 1.70 (43.2) 4.72 (120.0) 5.50 (139.7) 4 x m3 x 0.5 thd 0.16 (4.0) max screw penetration 3.48 (88,5) 2.64 (67.0) 0.85 (21.6) 0.25 faston ground tab 0.43 (10.8) 0.45 (11.4) 0.39 (10.0) 1.96 (50.0) 0.76 (19.3) 4.72 (120.0) 4 x m3 x 0.5 thd 0.16 (4.0) max screw penetration signal connector molex pn. 09-65-2068 pin single output 1 +v1 2 +v1 3 +v1 4 rtn 5 rtn 6 rtn input connector j1 molex pn. 09-65-2038 pin function 1 line 2 neutral signal connector molex pn. 09-65-2068 pin single output 1 +sense 2 -sense 3 xp internal use 4 inhibit lo 5 inhibit hi 6 n/c 7 n/c 8 n/c 9 n/c 10 n/c j1 1 2 j2 1 6 j4 1 2 10 j3 1 2 4.72 (120.0) 5.5 (139.7) 2 x m3 x 0.5 thd 0.16 (4.0) max screw penetration 0.39 (10.0) 0.93 (23.7) 2.39 (60.7) 3.48 (88,5) 2.64 (67.0) 0.85 (21.6) 0.43 (10.8) 0.45 (11.4) 1.7 (43.2) 2.2 (57.8) 0.45 (11.4) 0.25 faston ground tab 0.39 (10.0) 1.96 (50.0) 0.76 (19.3) 4.72 (120.0) 4 x m3 x 0.5 thd 0.16 (4.0) max screw penetration
acdc gcs150/180 models and ratings end fan (ef) 24-apr-13 6.35 (161.3) 1.90 (48.2) j1 1 2 1.10 [27.8] j2 1 6 j4 1 2 10 j3 1 2 0.43 (10.8) 2.63 (66.9) 0.84 (21.5) 0.45 (11.4) 0.45 (11.4) 0.25 faston (right angle) ground tab 3.48 (88.5) 1.70 (43.2) 0.93 (23.7) 0.76 (19.3) 1.96 (50.0) 0.39 (10.0) 0.39 (10.0) 4.72 (120.0) 4.72 (120.0) 2 x m3 x 0.5 thd 0.16 (4.0) max screw penetration 4 x m3 x 0.5 thd 0.16 (4.0) max screw penetration 5.50 (139.7) thermal considerations signal connector molex pn. 09-65-2068 pin single output 1 +v1 2 +v1 3 +v1 4 rtn 5 rtn 6 rtn input connector j1 molex pn. 09-65-2038 pin function 1 line 2 neutral signal connector molex pn. 09-65-2068 pin single output 1 +sense 2 -sense 3 xp internal use 4 inhibit lo 5 inhibit hi 6 n/c 7 n/c 8 n/c 9 n/c 10 n/c notes 1. all dimensions in inches (mm). 2. tolerance .xx = 0.02 (0.50); .xxx = 0.01 (0.25) 3. j1 mates with molex housing pn. 09-50-1031. j2 mates with molex housing pn. 09-50-161 and both with molex series 5194 crimp terminals. j4 mates with jst housing pn. phdr-10vs and with jst sphd-001t-p0.5 crimp terminals. j3 mates with molex housing pn. 22-01-1024 and with molex series 5103 crimp terminals. in order to ensure safe operation of the psu in the end-use equipment, the temperature of the components listed in the table below must not be exceeded. temperature should be monitored using k type thermocouples placed on the hottest part of the component (out of any direct air flow). see mechanical details for component locations. see longform datasheet for further information and service life estimates. temperature measurements (ambient 50 c) component max temperature c t1 coil 120 c l3 coil 120 c q1 body 120 c q3 body 120 c c6 105 c c23 105 c


▲Up To Search▲   

 
Price & Availability of GCS150PS15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X