Part Number Hot Search : 
LTC140 AD5233 MMBF4118 ADDR24 22L130 EA08925 FP024M CF99M
Product Description
Full Text Search
 

To Download DMN5L06V-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free green ds30604 rev. 7 - 2 1 of 4 dmn5l06v/va www.diodes.com  diodes incorporated dmn5l06v/va dual n-channel enhancement mode field effect transistor features  dual n-channel mosfet  low on-resistance  very low gate threshold voltage  low input capacitance  fast switching speed  low input/output leakage  ultra-small surface mount package  lead free by design/rohs compliant (note 2)  ?green? device (note 3) maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol value units drain-source voltage v dss 50 v drain-gate voltage r gs  1.0m  v dgr 50 v gate-source voltage continuous pulsed v gss 20 40 v drain current (note 1) continuous i d 280 ma drain current (note 1) pulsed i dm 1.5 a total power dissipation (note 1) p d 150 mw thermal resistance, junction to ambient (note 1) r  ja 833 c/w operating and storage temperature range t j ,t stg -55 to +150 c a m l b c h k g d mechanical data s 1 d 1 d 2 s 2 g 1 g 2  case: sot-563  case material: molded plastic, "green" molding compound. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals connections: see diagram  terminals: finish  matte tin annealed over copper leadframe. solderable per mil-std-202, method 208  marking: date code and type code, see page 2  ordering & date code information: see page 2  weight: 0.006 grams (approximate) sot-563 dim min max typ a 0.15 0.30 0.25 b 1.10 1.25 1.20 c 1.55 1.70 1.60 d 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 k 0.56 0.60 0.60 l 0.10 0.30 0.20 m 0.10 0.18  all dimensions in mm notes: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad l ayout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. 3. diodes inc?s ?green? policy can be found on our website at http://www.diodes.com/products/lead_free/index.php . new product dmn5l06v (kah type code) g 1 d 1 d 2 s 2 s 1 g 2 dmn5l06va (kag type code)
0 0.3 0.6 0.9 01 2 3 4 5 v drain-source voltage (v) fi g .1 t y pical output characteristics ds , i drain current (a) d , 1.2 1 .5 6v 10v 5v 3v 4v v=10v 8v 6v 5v 4v 3v gs 8v v , gate-source voltage (v) fi g .2 t y pical transfer characteristics gs 0.01 3 i, d drain current (a) 0.001 0.1 1 0 0.5 1 1.5 2 2.5 3.5 v = 10v pulsed ds t=150c a t = 125 c a t=85c a t=25c a t=-55c a t=0c a t=-25c a ds30604 rev. 7 - 2 2 of 4 dmn5l06v/va www.diodes.com electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 4) drain-source breakdown voltage bv dss 50  v v gs = 0v, i d = 10  a zero gate voltage drain current @ t c = 25c @ t c = 125c i dss  0.1 500 a v ds = 50v, v gs = 0v gate-body leakage i gss  20 na v gs = 20v, v ds = 0v on characteristics (note 4) gate threshold voltage v gs(th) 0.49  1.2 v v ds =v gs , i d = 250  a static drain-source on-resistance r ds (on)   1.6 2.2 3 4  v gs = 2.7v, i d = 0.2a, v gs = 1.8v, i d = 50ma on-state drain current i d(on) 0.5 1.0  a v gs = 10v, v ds = 7.5v forward transconductance |y fs | 200  ms v ds =10v, i d = 0.2a source-drain diode forward voltage v sd 0.5  1.4 v v gs = 0v, i s = 115ma dynamic characteristics input capacitance c iss  50 pf v ds = 25v, v gs = 0v f = 1.0mhz output capacitance c oss  25 pf reverse transfer capacitance c rss  5.0 pf new product
ds30604 rev. 7 - 2 3 of 4 dmn5l06v/va www.diodes.com new product t , channel temperature (c) fig. 3 gate threshold voltage vs. channel tem p erature ch 0 -50 -25 0 25 50 75 100 125 150 v gate threshold voltage (v) gs(th), 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0 . 8 -75 v=10v i=1ma pulsed ds d 0.1 i drain current (a) fig. 4 static drain-source on-resistance vs. drain current d , 1 10 0.001 0.01 0.1 1 v = 10v pulsed gs t=150c a t=-55c a t=125c a t=-25c a t=85c a t=0c a t=25c a v gate source voltage (v) fig. 6 static drain-source on-resistance vs. gate-source volta g e gs, 0 1 2 3 4 5 6 7 8 0 5 10 15 20 t=25c pulsed a i = 140ma d i = 280ma d 1 i , drain current (a) fig. 5 static drain-source on-resistance vs. drain current d 10 0.1 1 0.001 0.01 0.1 v=5v pulsed gs t=-55c a t = 150 c a t=-25c a t=25c a t=0c a t = 125 c a t=85c a i , reverse drain current (a) dr 0.001 0.01 0.1 0.5 0 1 1 v, fig. 8 reverse drain current vs. source-drain volta g e sd source-drain voltage (v) t=-55c a t=-25c a t=25c a t=85c a t=125c a t = 150 c a v=0v pulsed gs t , channel temperature ( c) fig. 7 ch static drain-source on-state resistance vs. channel tem p erature 0.5 0.9 0.7 1.9 1.7 1.5 1.3 1.1 2.1 2 .5 2.3 -50 -25 0 25 50 75 100 125 150 i = 140ma d v = 10v pulsed gs i = 280ma d
ds30604 rev. 7 - 2 4 of 4 dmn5l06v/va www.diodes.com notes: 4. short duration test pulse used to minimize self-heating effect. 5. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. marking information kah = dmn5l06v product type marking code (see note 6) ym = date code marking y = year ex: s = 2005 m = month ex: 9 = september kah ym s 1 d 2 g 1 d 1 s 2 g 2 kag = dmn5l06va product type marking code (see note 6) ym = date code marking y = year ex: s = 2005 m = month ex: 9 = september kag ym s 1 d 2 g 1 d 1 s 2 g 2 notes: 6. package is non-polarized. parts may be on reel in orientation illustrated, 180  rotated, or mixed (both ways). (note 6) date code key year 2005 2006 2007 2008 2009 code stuvw month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd new product 1 i , drain current (a) d fig.10 forward transfer admittance vs. drain current |y |, forward transfer admittance (s) fs 0.001 0.01 0.1 0.01 0.1 1 v=10v pulsed ds t= a -55 c t= a -25 c t= a 0c t=25c a t= a 85 c t= a 125 c t= a 150 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 11 deratin g curve - total a p , power dissipation (mw) d 1 0.001 0.01 0.1 1 0 0.5 i , reverse drain current (a) dr v, fig. 9 reverse drain current vs. source-drain volta g e sd source-drain voltage (v) t = 25c pulsed a v=0v gs v=10v gs ordering information (note 5) device packaging shipping DMN5L06V-7 sot-563 3000/tape & reel dmn5l06va-7 sot-563 3000/tape & reel


▲Up To Search▲   

 
Price & Availability of DMN5L06V-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X